Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AME8802KEEV Datasheet(PDF) 9 Page - Analog Microelectronics

Part # AME8802KEEV
Description  300mA CMOS LDO
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8802KEEV Datasheet(HTML) 9 Page - Analog Microelectronics

Back Button AME8802KEEV Datasheet HTML 3Page - Analog Microelectronics AME8802KEEV Datasheet HTML 4Page - Analog Microelectronics AME8802KEEV Datasheet HTML 5Page - Analog Microelectronics AME8802KEEV Datasheet HTML 6Page - Analog Microelectronics AME8802KEEV Datasheet HTML 7Page - Analog Microelectronics AME8802KEEV Datasheet HTML 8Page - Analog Microelectronics AME8802KEEV Datasheet HTML 9Page - Analog Microelectronics AME8802KEEV Datasheet HTML 10Page - Analog Microelectronics AME8802KEEV Datasheet HTML 11Page - Analog Microelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Analog Microelectronics, Inc.
9
AME8802
300mA CMOS LDO
27
28
29
30
31
32
33
34
35
-45
-5
25
55
85
Temperature (
0C)
Quiescent Current vs. Temp.
0.40
0.42
0.44
0.46
0.48
0.50
0.52
0.54
0.56
0.58
-45
-5
25
55
85
Temperature (
0C)
Load Regulation vs. Temp.
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
-45
-5
25
55
85
Temperature (
0C)
Shut Down Current vs.Temp.
-0.50
-0.45
-0.40
-0.35
-0.30
-0.25
-0.20
-45
-5
25
55
85
Temperature (
0C)
EN Pin LO Bias Current vs.Temp
150
160
170
180
190
200
210
220
-45-5
2555
85
Temperature (
0C)
Dropout Voltage vs. Temp.
0.15
0.20
0.25
0.30
0.35
0.40
0.45
-45
-5
25
55
85
Temperature (
0C)
PG VOL vs.Temp.


Similar Part No. - AME8802KEEV

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8802KEEVL AME-AME8802KEEVL Datasheet
172Kb / 16P
   300mA CMOS LDO
AME8802KEEVY AME-AME8802KEEVY Datasheet
172Kb / 16P
   300mA CMOS LDO
AME8802KEEVZ AME-AME8802KEEVZ Datasheet
172Kb / 16P
   300mA CMOS LDO
More results

Similar Description - AME8802KEEV

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8804 AME-AME8804 Datasheet
97Kb / 12P
   300mA CMOS LDO
logo
Unisonic Technologies
L1183B UTC-L1183B Datasheet
191Kb / 7P
   300mA CMOS LDO
logo
E-Tech Electronics LTD
L1183A ETL-L1183A Datasheet
186Kb / 6P
   300mA CMOS LDO
logo
Unisonic Technologies
L1183B UTC-L1183B_12 Datasheet
191Kb / 7P
   300mA CMOS LDO
logo
Analog Microelectronics
AME8804 AME-AME8804_12 Datasheet
171Kb / 18P
   300mA CMOS LDO
AME8824 AME-AME8824_08 Datasheet
166Kb / 14P
   300mA CMOS LDO
logo
List of Unclassifed Man...
CM2835 ETC1-CM2835 Datasheet
328Kb / 9P
   300mA CMOS LDO
logo
Analog Microelectronics
AME8803 AME-AME8803_08 Datasheet
218Kb / 19P
   300mA CMOS LDO
AME8800 AME-AME8800_08 Datasheet
365Kb / 36P
   300mA CMOS LDO
AME8801 AME-AME8801 Datasheet
114Kb / 14P
   300mA CMOS LDO
AME8803 AME-AME8803 Datasheet
117Kb / 13P
   300mA CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com