Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS4031IDGNG4 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # THS4031IDGNG4
Description  100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4031IDGNG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button THS4031IDGNG4 Datasheet HTML 7Page - Texas Instruments THS4031IDGNG4 Datasheet HTML 8Page - Texas Instruments THS4031IDGNG4 Datasheet HTML 9Page - Texas Instruments THS4031IDGNG4 Datasheet HTML 10Page - Texas Instruments THS4031IDGNG4 Datasheet HTML 11Page - Texas Instruments THS4031IDGNG4 Datasheet HTML 12Page - Texas Instruments THS4031IDGNG4 Datasheet HTML 13Page - Texas Instruments THS4031IDGNG4 Datasheet HTML 14Page - Texas Instruments THS4031IDGNG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 47 page
background image
RL =1KΩ
RL =150 Ω
TA =25°C
8
6
4
2
5
7
9
11
10
12
14
13
15
± VCC – SupplyVoltage – ± V
12
4.5
3.5
2.5
−40
−20
0
20
40
13
13.5
14
60
80
100
12.5
4
3
VCC = ± 5 V
RL = 150 Ω
VCC = ± 5 V
RL = 1 kΩ
TA − Free-Air Temperature − °C
VCC = ± 15 V
RL = 1 kΩ
VCC = ± 15 V
RL = 250 Ω
80
70
60
50
−40
−20
0
20
40
90
100
110
60
80
100
TA − Free-Air Temperature − °C
VCC = ± 15 V
Source Current
VCC = ± 15 V
Sink Current
VCC = ± 5 V
Sink Current
VCC = ± 5 V
Source Current
RL = 20 Ω
8
7
6
5
−40
−20
0
20
40
9
10
11
60
80
100
TA − Free-Air Temperature − °C
VCC = ± 15 V
VCC = ± 5 V
VCC = ± 10 V
Each Amplifier
THS4031
THS4032
www.ti.com
SLOS224G – JULY 1999 – REVISED MARCH 2010
TYPICAL CHARACTERISTICS (continued)
OUTPUT VOLTAGE SWING
MAXIMUM OUTPUT VOLTAGE SWING
vs
vs
SUPPLY VOLTAGE
FREE-AIR TEMPERATURE
Figure 10.
Figure 11.
MAXIMUM OUTPUT CURRENT
SUPPLY CURRENT
vs
vs
FREE-AIR TEMPERATURE
FREE-AIR TEMPERATURE
Figure 12.
Figure 13.
Copyright © 1999–2010, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): THS4031 THS4032


Similar Part No. - THS4031IDGNG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4031IDGNG4 TI1-THS4031IDGNG4 Datasheet
1Mb / 47P
[Old version datasheet]   THS403x 100-MHz Low-Noise High-Speed Amplifiers
More results

Similar Description - THS4031IDGNG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4031 TI-THS4031 Datasheet
674Kb / 38P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4031-EP TI-THS4031-EP Datasheet
1Mb / 37P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4031CDR TI-THS4031CDR Datasheet
1Mb / 47P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS40321-EP TI-THS40321-EP_15 Datasheet
1Mb / 38P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4032-EP TI1-THS4032-EP Datasheet
1Mb / 38P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4031 TI1-THS4031_16 Datasheet
1Mb / 47P
[Old version datasheet]   THS403x 100-MHz Low-Noise High-Speed Amplifiers
THS4021 TI-THS4021 Datasheet
366Kb / 22P
[Old version datasheet]   350-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4021 TI1-THS4021_16 Datasheet
1Mb / 29P
[Old version datasheet]   350-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
OP27A TI-OP27A Datasheet
322Kb / 21P
[Old version datasheet]   LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
logo
Linear Technology
OP-37 LINER-OP-37_15 Datasheet
873Kb / 12P
   LOW NOISE HIGH SPEED PRECISION OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com