Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS4140IDGN Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # THS4140IDGN
Description  HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4140IDGN Datasheet(HTML) 2 Page - Texas Instruments

  THS4140IDGN Datasheet HTML 1Page - Texas Instruments THS4140IDGN Datasheet HTML 2Page - Texas Instruments THS4140IDGN Datasheet HTML 3Page - Texas Instruments THS4140IDGN Datasheet HTML 4Page - Texas Instruments THS4140IDGN Datasheet HTML 5Page - Texas Instruments THS4140IDGN Datasheet HTML 6Page - Texas Instruments THS4140IDGN Datasheet HTML 7Page - Texas Instruments THS4140IDGN Datasheet HTML 8Page - Texas Instruments THS4140IDGN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
DISSIPATION RATING TABLE
THS4140
THS4141
SLOS320F – MAY 2000 – REVISED JANUARY 2006
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Table 1. AVAILABLE OPTIONS
PACKAGED DEVICES(1)
EVALUATION
TA
MSOP PowerPAD™
MSOP
SMALL OUTLINE
MODULES
(D)
(DGN)
SYMBOL
(DGK)
SYMBOL
THS4140CD
THS4140CDGN
AOF
THS4140CDGK
ATR
THS4140EVM
0°C to 70°C
THS4141CD
THS4141CDGN
AOI
THS4141CDGK
ATS
THS4141EVM
THS4140ID
THS4140IDGN
AOG
THS4140IDGK
ASQ
–40°C to 85°C
THS4141ID
THS4141IDGN
AOK
THS4141IDGK
ASR
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
Web site at www.ti.com.
over operating free-air temperature range (unless otherwise noted)(1)
UNIT
VCC
Supply voltage
VCC– to VCC+
±16.5 V
VI
Input voltage
±VCC
IO
Output current(2)
150 mA
VID
Differential input voltage
±6 V
Continuous total power dissipation
See Dissipation Rating Table
Maximum junction temperature(3)
150°C
TJ
Maximum junction temperature, continuous operation, long term reliability(4)
125°C
C suffix
0°C to 70°C
TA
Operating free-air temperature
I suffix
–40°C to 85°C
Tstg
Storage temperature
–65°C to 150°C
Lead temperature 1,6 mm (1/16 Inch) from case for 10 seconds
300°C
HBM
2500 V
ESD ratings
CDM
1500 V
MM
200 V
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The THS414x may incorporate a PowerPad™ on the underside of the chip. This acts as a heatsink and must be connected to a
thermally dissipative plane for proper power dissipation. Failure to do so may result in exceeding the maximum junction temperature
which could permanently damage the device. See TI technical brief SLMA002 and SLMA004 for more information about utilizing the
PowerPad™ thermally enhanced package.
(3)
The absolute maximum temperature under any condition is limited by the constraints of the silicon process.
(4)
The maximum junction temperature for continuous operation is limited by package constraints. Operation above this temperature may
result in reduced reliability and/or lifetime of the device.
POWER RATING(2)
PACKAGE
θ
JA
(1) (°C/W)
θ
JC (°C/W)
TA = 25°C
TA = 85°C
D
97.5
38.3
1.02 W
410 mW
DGN
58.4
4.7
1.71 W
685 mW
DGK
260
54.2
385 mW
154 mW
(1)
This data was taken using the JEDEC standard High-K test PCB.
(2)
Power rating is determined with a junction temperature of 125°C. This is the point where distortion starts to substantially increase.
Thermal management of the final PCB should strive to keep the junction temperature at or below 125°C for best performance and long
term reliability.
2
Submit Documentation Feedback


Similar Part No. - THS4140IDGN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4140IDGN TI-THS4140IDGN Datasheet
523Kb / 24P
[Old version datasheet]   HIGH SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
logo
National Semiconductor ...
THS4140IDGNR NSC-THS4140IDGNR Datasheet
1Mb / 33P
   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
More results

Similar Description - THS4140IDGN

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
THS4140 NSC-THS4140 Datasheet
1Mb / 33P
   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
logo
Texas Instruments
THS4121IDGN TI1-THS4121IDGN Datasheet
1Mb / 30P
[Old version datasheet]   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
THS4121CD TI-THS4121CD Datasheet
1Mb / 30P
[Old version datasheet]   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
THS4140 TI-THS4140 Datasheet
523Kb / 24P
[Old version datasheet]   HIGH SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
THS4120 TI-THS4120 Datasheet
504Kb / 23P
[Old version datasheet]   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
logo
National Semiconductor ...
THS4121 NSC-THS4121 Datasheet
1Mb / 31P
   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
logo
Texas Instruments
THS4130CDG4 TI-THS4130CDG4 Datasheet
1Mb / 36P
[Old version datasheet]   HIGH-SPEED, LOW-NOISE, FULLY-DIFFERENTIAL I/O AMPLIFIERS
THS4130 TI-THS4130 Datasheet
569Kb / 27P
[Old version datasheet]   HIGH SPEED LOW NOISE, FULLY DIFFERENTIAL I/O AMPLIFIERS
logo
National Semiconductor ...
THS4131 NSC-THS4131 Datasheet
1Mb / 37P
   HIGH-SPEED, LOW-NOISE, FULLY-DIFFERENTIAL I/O AMPLIFIERS
logo
Texas Instruments
THS4150CDGN TI-THS4150CDGN Datasheet
1,010Kb / 34P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL I/O AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com