Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS3001IDG4 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # THS3001IDG4
Description  420-MHz HIGH-SPEED CURRENT-FEEDBACK AMPLIFIER
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS3001IDG4 Datasheet(HTML) 4 Page - Texas Instruments

  THS3001IDG4 Datasheet HTML 1Page - Texas Instruments THS3001IDG4 Datasheet HTML 2Page - Texas Instruments THS3001IDG4 Datasheet HTML 3Page - Texas Instruments THS3001IDG4 Datasheet HTML 4Page - Texas Instruments THS3001IDG4 Datasheet HTML 5Page - Texas Instruments THS3001IDG4 Datasheet HTML 6Page - Texas Instruments THS3001IDG4 Datasheet HTML 7Page - Texas Instruments THS3001IDG4 Datasheet HTML 8Page - Texas Instruments THS3001IDG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
THS3001
SLOS217H – JULY 1998 – REVISED SEPTEMBER 2009................................................................................................................................................. www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
At TA = 25°C, RL = 150 Ω , RF = 1 kΩ (unless otherwise noted)
PARAMETER
TEST CONDITIONS (1)
MIN
TYP
MAX
UNIT
Positive (IN+)
1.5
M
RI
Input resistance
Negative (IN-)
15
CI
Differential input capacitance
7.5
pF
RO
Output resistance
Open loop at 5 MHz
10
Vn
Input voltage noise
VCC = ±5 V or ±15 V, f = 10 kHz, G = 2
1.6
nV/
√Hz
Positive (IN+)
13
In
Input current noise
VCC = ±5 V or ±15 V, f = 10 kHz, G = 2
pA/
√Hz
Negative (IN-)
16
OPERATING CHARACTERISTICS
TA = 25°C, RL = 150 Ω , RF = 1 kΩ (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
G = –5
1700
VCC = ±5 V,
VO(PP) = 4 V
G = 5
1300
SR
Slew rate(1)
V/
μs
G = –5
6500
VCC = ±15 V,
VO(PP) = 20 V
G = 5
6300
VCC = ±15 V,
Settling time to 0.1%
Gain = –1,
40
0 V to 10 V Step
ts
ns
VCC = ±5 V,
Settling time to 0.1%
Gain = –1,
25
0 V to 2 V Step,
VCC = ±15 V,
VO(PP) = 2 V,
THD
Total harmonic distortion
–80
dBc
fc = 10 MHz,
G = 2
VCC = ±5 V
0.015%
G = 2, 40 IRE modulation,
Differential gain error
±100 IRE Ramp, NTSC and PAL
VCC = ±15 V
0.01%
VCC = ±5 V
0.01°
G = 2, 40 IRE modulation,
Differential phase error
±100 IRE Ramp, NTSC and PAL
VCC = ±15 V
0.02°
VCC = ±5 V
330
MHz
G = 1, RF = 1 kΩ
VCC= ±15 V
420
MHz
Small signal bandwidth (-3 dB)
G = 2, RF = 750 Ω,
VCC = ±5 V
300
BW
G = 2, RF = 680 Ω,
VCC = ±15 V
385
MHz
G = 5, RF = 560 Ω,
VCC = ±15 V
350
G = 2, RF = 750 Ω,
VCC = ±5 V
85
Bandwidth for 0.1 dB flatness
MHz
G = 2, RF = 680 Ω,
VCC = ±15 V
115
G = –5
65
VCC = ±5 V, VO(PP) = 4 V,
RL = 500 Ω
G = 5
62
Full power bandwidth(2)
MHz
G = –5
32
VCC = ±15 V, VO(PP) = 20 V,
RL = 500 Ω
G = 5
31
(1)
Slew rate is measured from an output level range of 25% to 75%.
(2)
Full power bandwidth is defined as the frequency at which the output has 3% THD.
4
Submit Documentation Feedback
Copyright © 1998–2009, Texas Instruments Incorporated
Product Folder Link(s): THS3001


Similar Part No. - THS3001IDG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3001IDGN TI-THS3001IDGN Datasheet
633Kb / 32P
[Old version datasheet]   420-MHz HIGH-SPEED CURRENT-FEEDBACK AMPLIFIERS
More results

Similar Description - THS3001IDG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3001-DIE TI1-THS3001-DIE Datasheet
64Kb / 4P
[Old version datasheet]   420-MHz HIGH-SPEED CURRENT-FEEDBACK AMPLIFIER
THS3001 TI-THS3001 Datasheet
633Kb / 32P
[Old version datasheet]   420-MHz HIGH-SPEED CURRENT-FEEDBACK AMPLIFIERS
logo
New Japan Radio
NJM2723 NJRC-NJM2723 Datasheet
295Kb / 11P
   High Speed Current Feedback Operational Amplifier
logo
Analog Devices
OP-160 AD-OP-160_15 Datasheet
7Mb / 24P
   High-Speed, Current Feedback Operational Amplifier
AD8011ARZ-REEL AD-AD8011ARZ-REEL Datasheet
206Kb / 16P
   300 MHz Current Feedback Amplifier
REV. C
AD8011ANZ AD-AD8011ANZ Datasheet
206Kb / 16P
   300 MHz Current Feedback Amplifier
REV. C
logo
Elantec Semiconductor
EL2030 ELANTEC-EL2030 Datasheet
408Kb / 16P
   120 MHz Current Feedback Amplifier
logo
Zarlink Semiconductor I...
ZL40122 ZARLINK-ZL40122_06 Datasheet
185Kb / 17P
   High Speed, Current Feedback Quad Operational Amplifier
ZL40122 ZARLINK-ZL40122 Datasheet
255Kb / 16P
   High Speed, Current Feedback Quad Operational Amplifier
logo
Elantec Semiconductor
EL2020D ELANTEC-EL2020D Datasheet
422Kb / 2P
   50 MHz Current Feedback Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com