Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS3001CDRG4 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # THS3001CDRG4
Description  420-MHz HIGH-SPEED CURRENT-FEEDBACK AMPLIFIER
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS3001CDRG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button THS3001CDRG4 Datasheet HTML 7Page - Texas Instruments THS3001CDRG4 Datasheet HTML 8Page - Texas Instruments THS3001CDRG4 Datasheet HTML 9Page - Texas Instruments THS3001CDRG4 Datasheet HTML 10Page - Texas Instruments THS3001CDRG4 Datasheet HTML 11Page - Texas Instruments THS3001CDRG4 Datasheet HTML 12Page - Texas Instruments THS3001CDRG4 Datasheet HTML 13Page - Texas Instruments THS3001CDRG4 Datasheet HTML 14Page - Texas Instruments THS3001CDRG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
1
2
3
4
7
8
Number of 150
Ω Loads
6
5
VCC = ±15 V
0.04
0.02
0
0.03
0.01
VCC = ±5 V
Gain = 2
RF = 750 Ω
40 IRE NTSC Modulation
Worst Case:
±100 IRE Ramp
1
2
3
4
7
8
Number of 150
Ω Loads
6
5
VCC = ±15 V
0.04
0.02
0
0.03
0.01
VCC = ±5 V
Gain = 2
RF = 750 Ω
40 IRE PAL Modulation
Worst Case:
±100 IRE Ramp
1
2
3
4
7
8
Number of 150
Ω Loads
6
5
VCC = ±15 V
0.3
0.1
0
0.15
0.05
VCC = ±5 V
Gain = 2
RF = 750 Ω
40 IRE NTSC Modulation
Worst Case:
±100 IRE Ramp
0.2
0.25
1
2
3
4
7
8
Number of 150
Ω Loads
6
5
VCC = ±15 V
0.35
0.1
0
0.15
0.05
VCC = ±5 V
Gain = 2
RF = 750 Ω
40 IRE PAL Modulation
Worst Case:
±100 IRE Ramp
0.2
0.25
0.3
THS3001
www.ti.com................................................................................................................................................. SLOS217H – JULY 1998 – REVISED SEPTEMBER 2009
TYPICAL CHARACTERISTICS (continued)
DIFFERENTIAL GAIN
DIFFERENTIAL GAIN
vs
vs
LOADING
LOADING
Figure 22.
Figure 23.
DIFFERENTIAL PHASE
DIFFERENTIAL PHASE
vs
vs
LOADING
LOADING
Figure 24.
Figure 25.
Copyright © 1998–2009, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): THS3001


Similar Part No. - THS3001CDRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3001CD TI-THS3001CD Datasheet
633Kb / 32P
[Old version datasheet]   420-MHz HIGH-SPEED CURRENT-FEEDBACK AMPLIFIERS
THS3001CDGN TI-THS3001CDGN Datasheet
633Kb / 32P
[Old version datasheet]   420-MHz HIGH-SPEED CURRENT-FEEDBACK AMPLIFIERS
More results

Similar Description - THS3001CDRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3001-DIE TI1-THS3001-DIE Datasheet
64Kb / 4P
[Old version datasheet]   420-MHz HIGH-SPEED CURRENT-FEEDBACK AMPLIFIER
THS3001 TI-THS3001 Datasheet
633Kb / 32P
[Old version datasheet]   420-MHz HIGH-SPEED CURRENT-FEEDBACK AMPLIFIERS
logo
New Japan Radio
NJM2723 NJRC-NJM2723 Datasheet
295Kb / 11P
   High Speed Current Feedback Operational Amplifier
logo
Analog Devices
OP-160 AD-OP-160_15 Datasheet
7Mb / 24P
   High-Speed, Current Feedback Operational Amplifier
AD8011ARZ-REEL AD-AD8011ARZ-REEL Datasheet
206Kb / 16P
   300 MHz Current Feedback Amplifier
REV. C
AD8011ANZ AD-AD8011ANZ Datasheet
206Kb / 16P
   300 MHz Current Feedback Amplifier
REV. C
logo
Elantec Semiconductor
EL2030 ELANTEC-EL2030 Datasheet
408Kb / 16P
   120 MHz Current Feedback Amplifier
logo
Zarlink Semiconductor I...
ZL40122 ZARLINK-ZL40122_06 Datasheet
185Kb / 17P
   High Speed, Current Feedback Quad Operational Amplifier
ZL40122 ZARLINK-ZL40122 Datasheet
255Kb / 16P
   High Speed, Current Feedback Quad Operational Amplifier
logo
Elantec Semiconductor
EL2020D ELANTEC-EL2020D Datasheet
422Kb / 2P
   50 MHz Current Feedback Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com