Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962-9959501QPA Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # 5962-9959501QPA
Description  100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

5962-9959501QPA Datasheet(HTML) 3 Page - Texas Instruments

  5962-9959501QPA Datasheet HTML 1Page - Texas Instruments 5962-9959501QPA Datasheet HTML 2Page - Texas Instruments 5962-9959501QPA Datasheet HTML 3Page - Texas Instruments 5962-9959501QPA Datasheet HTML 4Page - Texas Instruments 5962-9959501QPA Datasheet HTML 5Page - Texas Instruments 5962-9959501QPA Datasheet HTML 6Page - Texas Instruments 5962-9959501QPA Datasheet HTML 7Page - Texas Instruments 5962-9959501QPA Datasheet HTML 8Page - Texas Instruments 5962-9959501QPA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 47 page
background image
OUT
8
6
1
IN−
IN+
2
3
Null
+
1OUT
1IN−
1IN+
VCC
2OUT
2IN−
2IN+
−VCC
8
6
1
2
3
5
7
4
+
+
THS4031
THS4032
www.ti.com
SLOS224G – JULY 1999 – REVISED MARCH 2010
FUNCTIONAL BLOCK DIAGRAMS
Figure 1. THS4031 – Single Channel
Figure 2. THS4032 – Dual Channel
ABSOLUTE MAXIMUM RATINGS
(1)
Over operating free-air temperature range (unless otherwise noted).
VALUE
UNIT
VCC
Supply voltage, VCC+ to VCC–
33
V
VI
Input voltage
±VCC
IO
Output current
150
mA
VIO
Differential input voltage
±4
V
Continuous total power dissipation
See Dissipation Ratings Table
C-suffix
0 to 70
Operating free-air
TA
I-suffix
–40 to 85
°C
temperature
M-suffix
–55 to 125
TJ
Maximum junction temperature, (any condition)
150
°C
Maximum junction temperature, continuous operation, long term reliability(2)
130
°C
Tstg
Storage temperature
–65 to 150
°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
300
°C
Lead temperature 1,6 mm (1/16 inch) from case for 60 seconds, JG package
300
°C
Case temperature for 60 seconds, FK package
260
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The maximum junction temperature for continuous operation is limited by package constraints. Operation above this temperature may
result in reduced reliability and/or lifetime of the device. Does not apply to the JG package or FK package.
DISSIPATION RATINGS TABLE
qJA
qJC
TA = 25°C,
PACKAGE
(°C/W)
(°C/W)
POWER RATING
D
167(1)
38.3
629 mW, TJ = 130°C, continuous
DGN(2)
58.4
4.7
1.8 W, TJ = 130°C, continuous
JG
119
28
1050 mW, TJ = 150°C, continuous
FK
87.7
20
1375 mW, TJ = 150°C, continuous
(1)
This data was taken using the JEDEC standard Low-K test PCB. For the JEDEC Proposed High-K test PCB, the qJA is 95°C/W with a
power rating at TA = 25°C of 1.32 W.
(2)
This data was taken using 2 oz. trace and copper pad that is soldered directly to a 3-in. × 3-in. PC. For further information, refer to
Application Information section of this data sheet.
Copyright © 1999–2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): THS4031 THS4032


Similar Part No. - 5962-9959501QPA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962-9959501QPA TI1-5962-9959501QPA Datasheet
1Mb / 47P
[Old version datasheet]   THS403x 100-MHz Low-Noise High-Speed Amplifiers
More results

Similar Description - 5962-9959501QPA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4031 TI-THS4031 Datasheet
674Kb / 38P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4031-EP TI-THS4031-EP Datasheet
1Mb / 37P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4031CDR TI-THS4031CDR Datasheet
1Mb / 47P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS40321-EP TI-THS40321-EP_15 Datasheet
1Mb / 38P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4032-EP TI1-THS4032-EP Datasheet
1Mb / 38P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4031 TI1-THS4031_16 Datasheet
1Mb / 47P
[Old version datasheet]   THS403x 100-MHz Low-Noise High-Speed Amplifiers
THS4021 TI-THS4021 Datasheet
366Kb / 22P
[Old version datasheet]   350-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4021 TI1-THS4021_16 Datasheet
1Mb / 29P
[Old version datasheet]   350-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
OP27A TI-OP27A Datasheet
322Kb / 21P
[Old version datasheet]   LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
logo
Linear Technology
OP-37 LINER-OP-37_15 Datasheet
873Kb / 12P
   LOW NOISE HIGH SPEED PRECISION OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com