Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS3110 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # THS3110
Description  LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS3110 Datasheet(HTML) 5 Page - Texas Instruments

  THS3110 Datasheet HTML 1Page - Texas Instruments THS3110 Datasheet HTML 2Page - Texas Instruments THS3110 Datasheet HTML 3Page - Texas Instruments THS3110 Datasheet HTML 4Page - Texas Instruments THS3110 Datasheet HTML 5Page - Texas Instruments THS3110 Datasheet HTML 6Page - Texas Instruments THS3110 Datasheet HTML 7Page - Texas Instruments THS3110 Datasheet HTML 8Page - Texas Instruments THS3110 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
THS3110
THS3111
www.ti.com........................................................................................................................................ SLOS422E – SEPTEMBER 2003 – REVISED OCTOBER 2009
ELECTRICAL CHARACTERISTICS (continued)
VS = ±15 V, RF = 1 k Ω,RL = 100 Ω, and G = 2, unless otherwise noted.
TYP
OVER TEMPERATURE
MIN/TYP/
PARAMETER
TEST CONDITIONS
UNIT
0°C to
–40°C to
MAX
+25°C
+25°C
+70°C
+85°C
POWER SUPPLY
Specified operating voltage
±15
±16
±16
±16
V
MAX
Maximum quiescent current
4.8
6.5
7.5
7.5
mA
MAX
Minimum quiescent current
4.8
3.8
2.5
2.5
mA
MIN
Power-supply rejection (+PSRR)
VS+ = 15.5 V to 14.5 V, VS– = 15 V
75
65
60
60
dB
MIN
Power-supply rejection (–PSRR)
VS+ = 15 V, VS– = –15.5 V to –14.5 V
69
60
55
55
dB
MIN
POWER-DOWN CHARACTERISTICS (THS3110 Only)
VS+– 4
V
MAX
REF voltage range (2)
VS–
V
MIN
PD
Enable
V
MIN
REF+ 0.8
Power-down voltage level(2)
PD
≥ REF
Disable
V
MAX
+ 2
Power-down quiescent current
PD
≥ REF + 2 V
270
450
500
500
μA
MAX
VPD = 0 V, REF = 0 V,
11
PD pin bias current
μA
TYP
VPD = 3.3 V, REF = 0 V
11
Turn-on time delay
90% of final value
4
μs
TYP
Turn-off time delay
10% of final value
6
Input impedance
3.4 || 1.7
k
Ω || pF
TYP
(2)
For detailed information on the behavior of the power-down circuit, see the Saving Power with Power-Down Functionality and
Power-Down Reference Pin Operation sections in the Application Information section of this data sheet.
Copyright © 2003–2009, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): THS3110 THS3111


Similar Part No. - THS3110

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3110 TI-THS3110 Datasheet
934Kb / 28P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK, OPERATIONAL AMPLIFIERS
THS3110 TI1-THS3110 Datasheet
1Mb / 38P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3110IDGN TI-THS3110IDGN Datasheet
1Mb / 37P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3110 TI1-THS3110_14 Datasheet
1Mb / 38P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
More results

Similar Description - THS3110

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3110IDGN TI-THS3110IDGN Datasheet
1Mb / 37P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3110 TI-THS3110 Datasheet
934Kb / 28P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK, OPERATIONAL AMPLIFIERS
THS3110 TI1-THS3110_14 Datasheet
1Mb / 38P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3115CPWP TI1-THS3115CPWP Datasheet
1Mb / 35P
[Old version datasheet]   LOW-NOISE, HIGH-SPEED, CURRENT FEEDBACK AMPLIFIERS
logo
Burr-Brown (TI)
THS3112 BURR-BROWN-THS3112 Datasheet
371Kb / 14P
   LOW-NOISE, HIGH-SPEED CURRENT FEEDBACK AMPLIFIERS
logo
National Semiconductor ...
CLC5801 NSC-CLC5801 Datasheet
462Kb / 14P
   High Speed Low Noise Voltage Feedback Amplifier
logo
STMicroelectronics
TSH350 STMICROELECTRONICS-TSH350_07 Datasheet
309Kb / 22P
   550MHz low noise current feedback amplifier
logo
Texas Instruments
THS3122 TI-THS3122 Datasheet
664Kb / 20P
[Old version datasheet]   LOW-NOISE, HIGH-SPEED, 450 mA CURRENT FEEDBACK AMPLIFIERS
LM6311 TI1-LM6311 Datasheet
476Kb / 16P
[Old version datasheet]   Low Noise High Speed Voltage Feedback Operational Amplifier
THS3120 TI-THS3120 Datasheet
916Kb / 28P
[Old version datasheet]   LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK, OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com