Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS3001 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # THS3001
Description  420-MHz HIGH-SPEED CURRENT-FEEDBACK AMPLIFIER
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS3001 Datasheet(HTML) 3 Page - Texas Instruments

  THS3001 Datasheet HTML 1Page - Texas Instruments THS3001 Datasheet HTML 2Page - Texas Instruments THS3001 Datasheet HTML 3Page - Texas Instruments THS3001 Datasheet HTML 4Page - Texas Instruments THS3001 Datasheet HTML 5Page - Texas Instruments THS3001 Datasheet HTML 6Page - Texas Instruments THS3001 Datasheet HTML 7Page - Texas Instruments THS3001 Datasheet HTML 8Page - Texas Instruments THS3001 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
THS3001
www.ti.com................................................................................................................................................. SLOS217H – JULY 1998 – REVISED SEPTEMBER 2009
RECOMMENDED OPERATING CONDITIONS
MIN
NOM
MAX
UNIT
Split supply
±4.5
±16
THS3001C,
THS3001I
Single supply
9
32
V
VSS
Supply voltage, VCC+ and VCC-
Split supply
±4.5
±18.5
THS3001HVC,
THS3001HVI
Single supply
9
37
THS3001C, THS3001HVC
0
70
TA
Operating free-air temperature
°C
THS3001I, THS3001HVI
-40
85
ELECTRICAL CHARACTERISTICS
At TA = 25°C, RL = 150 Ω , RF = 1 kΩ (unless otherwise noted)
PARAMETER
TEST CONDITIONS (1)
MIN
TYP
MAX
UNIT
THS3001C
±4.5
±16.5
THS3001I
Split supply
THS3001HVx
±4.5
±18.5
VCC
Power supply operating range
V
THS3001C
9
33
THS3001I
Single supply
THS3001HVx
9
37
TA = 25°C
5.5
7.5
VCC = ±5 V
TA = full range
8.5
TA = 25°C
6.6
9
ICC
Quiescent current
VCC = ±15 V
mA
TA = full range
10
TA = 25°C
6.9
9.5
VCC = ±18.5 V,
THS3001HV
TA = full range
10.5
RL = 150 Ω
±2.9
±3.2
VCC = ±5 V
RL = 1 kΩ
±3
±3.3
VO
Output voltage swing
V
RL = 150 Ω
±12.1
±12.8
VCC = ±15 V
RL = 1 kΩ
±12.8
±13.1
VCC = ±5 V,
RL = 20 Ω
100
IO
Output current(2)
mA
VCC = ±15 V,
RL = 75 Ω
85
120
TA = 25°C
1
3
VIO
Input offset voltage
VCC = ±5 V or ±15 V
mV
TA = full range
4
Input offset voltage drift
VCC = ±5 V or ±15 V
5
μV/°C
TA = 25°C
2
10
Positive (IN+)
TA = full range
15
IIB
Input bias current
VCC = ±5 V or ±15 V
μA
TA = 25°C
1
10
Negative (IN-)
TA = full range
15
VCC = ±5 V
±3
±3.2
VICR
Common-mode input voltage range
V
VCC = ±15 V
±12.9
±13.2
VCC = ±5 V, VO = ±2.5 V, RL = 1 kΩ
1.3
Open loop transresistance
M
VCC = ±15 V, VO = ±7.5 V, RL = 1 kΩ
2.4
VCC = ±5 V, VCM = ±2.5 V
62
70
CMRR
Common-mode rejection ratio
dB
VCC = ±15 V, VCM = ±10 V
65
73
TA = 25°C
65
76
VCC = ±5 V
dB
TA = full range
63
PSRR
Power supply rejection ratio
TA = 25°C
69
76
VCC = ±15 V
dB
TA = full range
67
(1)
Full range = 0°C to 70°C for the THS3001C and -40°C to 85°C for the THS3001I.
(2)
Observe power dissipation ratings to keep the junction temperature below absolute maximum when the output is heavily loaded or
shorted. See Absolute Maximum Ratings table.
Copyright © 1998–2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): THS3001


Similar Part No. - THS3001

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3001 TI-THS3001 Datasheet
633Kb / 32P
[Old version datasheet]   420-MHz HIGH-SPEED CURRENT-FEEDBACK AMPLIFIERS
THS3001 TI1-THS3001 Datasheet
1Mb / 33P
[Old version datasheet]   LOW-DISTORTION, HIGH SLEW RATE, CURRENT-FEEDBACK AMPLIFIERS
THS3001 TI1-THS3001 Datasheet
1Mb / 37P
[Old version datasheet]   2-GHz, LOW DISTORTION, DUAL CURRENT-FEEDBACK AMPLIFIERS
THS3001 TI1-THS3001 Datasheet
838Kb / 28P
[Old version datasheet]   900-MHz, High-Power Output, Current Feedback Amplifier
THS3001 TI-THS3001 Datasheet
2Mb / 55P
[Old version datasheet]   THS309x High-Voltage, Low-Distortion, Current-Feedback Operational Amplifiers
REVISED DECEMBER 2022
More results

Similar Description - THS3001

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3001-DIE TI1-THS3001-DIE Datasheet
64Kb / 4P
[Old version datasheet]   420-MHz HIGH-SPEED CURRENT-FEEDBACK AMPLIFIER
THS3001 TI-THS3001 Datasheet
633Kb / 32P
[Old version datasheet]   420-MHz HIGH-SPEED CURRENT-FEEDBACK AMPLIFIERS
logo
New Japan Radio
NJM2723 NJRC-NJM2723 Datasheet
295Kb / 11P
   High Speed Current Feedback Operational Amplifier
logo
Analog Devices
OP-160 AD-OP-160_15 Datasheet
7Mb / 24P
   High-Speed, Current Feedback Operational Amplifier
AD8011ARZ-REEL AD-AD8011ARZ-REEL Datasheet
206Kb / 16P
   300 MHz Current Feedback Amplifier
REV. C
AD8011ANZ AD-AD8011ANZ Datasheet
206Kb / 16P
   300 MHz Current Feedback Amplifier
REV. C
logo
Elantec Semiconductor
EL2030 ELANTEC-EL2030 Datasheet
408Kb / 16P
   120 MHz Current Feedback Amplifier
logo
Zarlink Semiconductor I...
ZL40122 ZARLINK-ZL40122_06 Datasheet
185Kb / 17P
   High Speed, Current Feedback Quad Operational Amplifier
ZL40122 ZARLINK-ZL40122 Datasheet
255Kb / 16P
   High Speed, Current Feedback Quad Operational Amplifier
logo
Elantec Semiconductor
EL2020D ELANTEC-EL2020D Datasheet
422Kb / 2P
   50 MHz Current Feedback Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com