Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W989D2CKJX6G Datasheet(PDF) 2 Page - Winbond

Part # W989D2CKJX6G
Description  512Mb Mobile LPSDR
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W989D2CKJX6G Datasheet(HTML) 2 Page - Winbond

  W989D2CKJX6G Datasheet HTML 1Page - Winbond W989D2CKJX6G Datasheet HTML 2Page - Winbond W989D2CKJX6G Datasheet HTML 3Page - Winbond W989D2CKJX6G Datasheet HTML 4Page - Winbond W989D2CKJX6G Datasheet HTML 5Page - Winbond W989D2CKJX6G Datasheet HTML 6Page - Winbond W989D2CKJX6G Datasheet HTML 7Page - Winbond W989D2CKJX6G Datasheet HTML 8Page - Winbond W989D2CKJX6G Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 65 page
background image
W989D6CB / W989D2CB
512Mb Mobile LPSDR
Publication Release Date : August 07, 2013
- 2 -
Revision : A01-006
3.ORDERING INFORMATION
Part number
VDD/VDDQ I/O width Package
Others
W989D6CBGX6I
1.8V/1.8V
16
54VFBGA 166MHz, -40C~85C, Low Power
W989D6CBGX6E
1.8V/1.8V
16
54VFBGA 166MHz, -25C~85C, Low Power
W989D6CBGX7E
1.8V/1.8V
16
54VFBGA 133MHz, -25C~85C, Low Power
W989D6CBGX7G
1.8V/1.8V
16
54VFBGA 133MHz, -25C~85C
W989D2CBJX6I
1.8V/1.8V
32
90VFBGA 166MHz, -40C~85C, Low Power
W989D2CBJX6E
1.8V/1.8V
32
90VFBGA 166MHz, -25C~85C, Low Power
W989D2CBJX7E
1.8V/1.8V
32
90VFBGA 133MHz, -25C~85C, Low Power
W989D2CBJX7G
1.8V/1.8V
32
90VFBGA 133MHz, -25C~85C
W 9 8 9 D 6 C B G X 6 I
Mobile LPDDR/LPSDR SDRAM Package Part Numbering
Product Line
98:mobile LPSDR SDRAM
94:mobile LPDDR SDRAM
Density
7:27=128M 8:28=256M
9:29=512M
Power Supply
D:1.8/1.8 VDD / VDDQ
I/O Ports width
6:16bit
2:32bit
Temperature
with standard Idd6
G:-25C~85C
Package Material
X: Lead-free + Halogen-free
Package or KGD
K: KGD
B: BGA
Package configuration code
G: 54VFBGA, 8mmx9mm
H: 60VFBGA, 8mmx9mm
J: 90VFBGA, 8mmx13mm
Generation
Design revision.
with low power Idd6
E:-25C~85C
I:-40C~85C
Clock rate
5:5ns200MHz
6:6ns166MHz
7:7.5ns133MHz


Similar Part No. - W989D2CKJX6G

ManufacturerPart #DatasheetDescription
logo
Winbond
W989D2CB WINBOND-W989D2CB Datasheet
1Mb / 67P
   512Mb Mobile LPSDR
W989D2CBJX6E WINBOND-W989D2CBJX6E Datasheet
1Mb / 67P
   512Mb Mobile LPSDR
W989D2CBJX6I WINBOND-W989D2CBJX6I Datasheet
1Mb / 67P
   512Mb Mobile LPSDR
W989D2CBJX7E WINBOND-W989D2CBJX7E Datasheet
1Mb / 67P
   512Mb Mobile LPSDR
W989D2CBJX7G WINBOND-W989D2CBJX7G Datasheet
1Mb / 67P
   512Mb Mobile LPSDR
More results

Similar Description - W989D2CKJX6G

ManufacturerPart #DatasheetDescription
logo
Winbond
W989D6CB WINBOND-W989D6CB Datasheet
1Mb / 67P
   512Mb Mobile LPSDR
W987D6HBGX6E-TR WINBOND-W987D6HBGX6E-TR Datasheet
1Mb / 68P
   128Mb Mobile LPSDR
W988D6FBGX6E-TR WINBOND-W988D6FBGX6E-TR Datasheet
1Mb / 64P
   256Mb Mobile LPSDR
W987D6HB WINBOND-W987D6HB Datasheet
1Mb / 68P
   128Mb Mobile LPSDR
W988D6FB WINBOND-W988D6FB Datasheet
1Mb / 68P
   256Mb Mobile LPSDR
W987D6HB WINBOND-W987D6HB_13 Datasheet
1Mb / 66P
   128Mb Mobile LPSDR
W988D6FB WINBOND-W988D6FB_13 Datasheet
1Mb / 66P
   256Mb Mobile LPSDR
W949D6CB WINBOND-W949D6CB Datasheet
1Mb / 60P
   512Mb Mobile LPDDR
logo
Integrated Silicon Solu...
IS42VM32160C ISSI-IS42VM32160C Datasheet
358Kb / 17P
   512Mb Mobile Synchronous DRAM
IS42SM32160C ISSI-IS42SM32160C Datasheet
295Kb / 17P
   512Mb Mobile Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com