Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCA8424RHAR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TCA8424RHAR
Description  Low-Voltage 8x16 Keyboard Scanner with HID over I2C Compliant Interface
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TCA8424RHAR Datasheet(HTML) 1 Page - Texas Instruments

  TCA8424RHAR Datasheet HTML 1Page - Texas Instruments TCA8424RHAR Datasheet HTML 2Page - Texas Instruments TCA8424RHAR Datasheet HTML 3Page - Texas Instruments TCA8424RHAR Datasheet HTML 4Page - Texas Instruments TCA8424RHAR Datasheet HTML 5Page - Texas Instruments TCA8424RHAR Datasheet HTML 6Page - Texas Instruments TCA8424RHAR Datasheet HTML 7Page - Texas Instruments TCA8424RHAR Datasheet HTML 8Page - Texas Instruments TCA8424RHAR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
Thermal Pad
SIZE AND SHAPE
SHOWN ON SEPARATE SHEET
1
32
32X
0.30
0.18
0.10 M C A B
0.50
3.50
4X
32X
0.50
0.30
TCA8424
www.ti.com
SCDS341 – MARCH 2013
Low-Voltage 8x16 Keyboard Scanner with HID over I2C Compliant Interface
Check for Samples: TCA8424
1
FEATURES
Operating Power-Supply Voltage Range of
ESD Protection Exceeds JESD 22
1.65V to 3.6V
1000-V Human-Body Model (A114-A)
Supports FM+ I2C Operation up to 1MHz
Can Support up to 128 (8x16) Key Scan
RHB 5mmx5mm
RSM 4mmx4mm
Internal Power-On-Reset
PREVIEW
Open Drain Open Drain Active Low INT Output
Noise Filter on SCL/SDA and Inputs
Open Drain Outputs Can Sink up to 12mA
Current for LED
Hardware Coded HID and REPORT Descriptors
Available With Preprogrammed Keyboard Map
Software Reset per HID Over I2C Standard
Internal Pull-up Resistors Make
Implementation Easy With no Need for
External Components
HID Over I2C Commands Supported
RESET
RHA 6mm x 6mm
GET REPORT
SET REPORT
SET POWER
Fixed Length 8-byte INPUT Report can Detect
up to 6 Simultaneous Key Presses Excluding
Modifiers (CTRL, ALT, SHIFT)
INPUT Report Generated on Key Press and
Release
Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
DESCRIPTION
This 128 key scan device is specifically targeted towards end equipment that runs on Windows 8 operating
system. The device is fully compliant with the HID over I2C specification defined (ver 1.0) defined by Microsoft.
The HID and report descriptors are hard coded into the device so that they don’t need to be programmed at
production. The device also comes with a preprogrammed keyboard map that is compatible with most standard
laptop/notebook keyboards. However, the device also available without a pre-programmed keyboard, so that any
keyboard map may be written into it at production.
The device generates INPUT reports of standard 8-byte length with the 1st byte being the modifier byte. After the
keyboard map is programmed into the device it automatically recognizes the row/column location of the modifier
keys based on their usage code. It is capable of detecting and reporting up to six simultaneous key presses plus
eight modifiers. It generates an input report on each key press and each key release.
The device also supports LED indicators that are standard on a keyboard. Different variations support 2,4 or 8
LED outputs. Each output has open drain architecture and is capable of sinking up to 12mA of current. The LEDs
are controlled by a standard OUTPUT report as described in the HID over I2C standard.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TCA8424RHAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA8424 TI-TCA8424 Datasheet
925Kb / 30P
[Old version datasheet]   Check for Samples: TCA8424
More results

Similar Description - TCA8424RHAR

ManufacturerPart #DatasheetDescription
logo
Nanjing Qinheng Microel...
CH9328 WCH-CH9328 Datasheet
189Kb / 5P
   Serial transfer HID keyboard chip
CH9329 WCH-CH9329 Datasheet
176Kb / 6P
   Serial transfer HID keyboard mouse chip
logo
ON Semiconductor
NCT218 ONSEMI-NCT218 Datasheet
160Kb / 19P
   Low Voltage, High Accuracy Temperature Monitor with I2C Interface
December, 2013 ??Rev. 2
logo
Texas Instruments
TPS65233 TI1-TPS65233 Datasheet
8Mb / 31P
[Old version datasheet]   LNB VOLTAGE REGULATOR WITH I2C INTERFACE
TPS65235-1 TI1-TPS65235-1 Datasheet
2Mb / 39P
[Old version datasheet]   LNB Voltage Regulator With I2C Interface
logo
Prolific Technology Inc...
PL23C3 PROLIFIC-PL23C3 Datasheet
118Kb / 1P
   USB HID to I2C Bridge Controller
logo
NXP Semiconductors
NT3H2211W0FHKH NXP-NT3H2211W0FHKH Datasheet
2Mb / 77P
   NTAG I2C plus, NFC Forum Type 2 Tag compliant IC with I2C interface
Rev. 3.0-3 February 2016
NT3H2111W0FTTJ NXP-NT3H2111W0FTTJ Datasheet
2Mb / 77P
   NTAG I2C plus, NFC Forum Type 2 Tag compliant IC with I2C interface
Rev. 3.0-3 February 2016
logo
Intel Corporation
8278 INTEL-8278 Datasheet
460Kb / 10P
   PROGRAMMABLE KEYBOARD INTERFACE
logo
Texas Instruments
TPS652353 TI1-TPS652353 Datasheet
1Mb / 39P
[Old version datasheet]   TPS652353 LNB Voltage Regulator With I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com