Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD00297243 Datasheet(PDF) 1 Page - STMicroelectronics

Part # CD00297243
Description  Dual N-channel 30 V, 0.016 Ω typ., 11 A STripFET™ V Power MOSFET in a PowerFLAT™ 5x6 double island
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CD00297243 Datasheet(HTML) 1 Page - STMicroelectronics

  CD00297243 Datasheet HTML 1Page - STMicroelectronics CD00297243 Datasheet HTML 2Page - STMicroelectronics CD00297243 Datasheet HTML 3Page - STMicroelectronics CD00297243 Datasheet HTML 4Page - STMicroelectronics CD00297243 Datasheet HTML 5Page - STMicroelectronics CD00297243 Datasheet HTML 6Page - STMicroelectronics CD00297243 Datasheet HTML 7Page - STMicroelectronics CD00297243 Datasheet HTML 8Page - STMicroelectronics CD00297243 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
This is information on a product in full production.
December 2012
Doc ID 18416 Rev 3
1/14
14
STL40DN3LLH5
Dual N-channel 30 V, 0.016
Ω typ., 11 A STripFET™ V
Power MOSFET in a PowerFLAT™ 5x6 double island
Datasheet — production data
Features
RDS(on) * Qg industry benchmark
Extremely low on-resistance RDS(on)
Very low switching gate charge
High avalanche ruggedness
Low gate drive power losses
Applications
Automotive switching applications
Description
This device is an N-channel Power MOSFET
developed using STMicroelectronics’
STripFET™ V technology. The device has been
optimized to achieve very low on-state resistance,
contributing to a FOM that is among the best in its
class.
Figure 1.
Internal schematic diagram
Order code
VDSS
RDS(on)
max.
ID
STL40DN3LLH5
30 V
< 0.018 Ω
11 A (1)
1.
The value is rated according Rthj-pcb
PowerFLAT™ 5x6
double island
Table 1.
Device summary
Order code
Marking
Package
Packaging
STL40DN3LLH5
40DN3LLH5
PowerFLAT™ 5x6
double island
Tape and reel
www.st.com


Similar Part No. - CD00297243

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
CD00222640 STMICROELECTRONICS-CD00222640 Datasheet
1Mb / 18P
   N-channel 650 V, 0.070 ohm, 33 A MDmesh V Power MOSFET
CD00234048 STMICROELECTRONICS-CD00234048 Datasheet
947Kb / 25P
   Rail-to-rail input/output, 29 關A, 420 kHz CMOS operational
January 2013 Rev 5
CD00237391 STMICROELECTRONICS-CD00237391 Datasheet
3Mb / 177P
   ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM
CD00251512 STMICROELECTRONICS-CD00251512 Datasheet
930Kb / 16P
   N-channel 525 V, 0.95 ohm, 6 A, DPAK, TO-220FP, TO-220
CD00253742 STMICROELECTRONICS-CD00253742 Datasheet
2Mb / 120P
   XL-density performance line ARM-based 32-bit MCU
More results

Similar Description - CD00297243

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL36DN6F7 STMICROELECTRONICS-STL36DN6F7 Datasheet
760Kb / 16P
   Dual N-channel 60 V, 23 mΩ typ., 33 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 double island package
May 2017
STL65DN3LLH5 STMICROELECTRONICS-STL65DN3LLH5 Datasheet
508Kb / 12P
   Dual N-channel 30 V, 0.0059 , 19 A PowerFLAT(5x6) double island, STripFET V Power MOSFET
STL100N3LLH6 STMICROELECTRONICS-STL100N3LLH6 Datasheet
564Kb / 10P
   N-channel 30 V, 0.0025 Ω, 25 A PowerFLAT™ (5x6)STripFET™ VI DeepGATE™ Power MOSFET
February 2010
STL100N3LLH7 STMICROELECTRONICS-STL100N3LLH7 Datasheet
525Kb / 9P
   N-channel 30 V, 0.0025 Ω, 25 A PowerFLAT™ (5x6) STripFET™ VII DeepGATE™ Power MOSFET
June 2010
STL38DN6F7AG STMICROELECTRONICS-STL38DN6F7AG Datasheet
707Kb / 15P
   Automotive-grade N-channel 60 V, 24 m typ., 10 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 double island package
March 2018 Rev 1
STL60N32N3LL STMICROELECTRONICS-STL60N32N3LL Datasheet
1Mb / 14P
   Dual N-channel 30 V, 0.005 廓, 15 A PowerFLAT??5x6 asymmetrical double island, STripFET??Power MOSFET
February 2012 Rev 3
STL10DN15F3 STMICROELECTRONICS-STL10DN15F3 Datasheet
1Mb / 14P
   N-channel 150 V, 0.20 Ohm typ., 2.8 A STripFET III Power MOSFET in a PowerFLAT 5x6 double island package
STL66DN3LLH5 STMICROELECTRONICS-STL66DN3LLH5 Datasheet
617Kb / 15P
   Dual N-channel 30 V, 5.9 m廓, 20 A STripFET??V Power MOSFET in PowerFLAT??5x6 double island package
March 2012 Rev 2
STL56N3LLH5 STMICROELECTRONICS-STL56N3LLH5 Datasheet
910Kb / 16P
   N-channel 30 V, 0.0076 typ., 15 A STripFET V Power MOSFET in a PowerFLAT 5x6 package
STL50N6F7 STMICROELECTRONICS-STL50N6F7 Datasheet
866Kb / 14P
   N-channel 60 V, 9 mΩ typ., 60 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
November 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com