Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAS5717 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5717
Description  10-W/15-W Digital Audio Power Amplifier with Integrated Cap-Free HP Amplifier
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5717 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TAS5717 Datasheet HTML 5Page - Texas Instruments TAS5717 Datasheet HTML 6Page - Texas Instruments TAS5717 Datasheet HTML 7Page - Texas Instruments TAS5717 Datasheet HTML 8Page - Texas Instruments TAS5717 Datasheet HTML 9Page - Texas Instruments TAS5717 Datasheet HTML 10Page - Texas Instruments TAS5717 Datasheet HTML 11Page - Texas Instruments TAS5717 Datasheet HTML 12Page - Texas Instruments TAS5717 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 68 page
background image
TAS5717
TAS5719
www.ti.com
SLOS655A
– NOVEMBER 2010 – REVISED FEBRUARY 2011
ELECTRICAL CHARACTERISTICS
DC Characteristics
TA = 25
°, PVCC_X = 13 V, DVDD = AVDD = 3.3 V, RL= 8 Ω, BTL AD Mode, fS = 48 KHz (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High-level output voltage
FAULTZ and SDA
IOH = –4 mA
2.4
V
DVDD = 3 V
VOL
Low-level output voltage
FAULTZ and SDA
IOL = 4 mA
0.5
V
DVDD = 3 V
VI < VIL ; DVDD = AVDD
75
IIL
Low-level input current
μA
= 3.6V
VI > VIH ; DVDD =
75
IIH
High-level input current
μA
AVDD = 3.6V
Normal mode
48
70
3.3 V supply voltage (DVDD,
IDD
3.3 V supply current
mA
Reset (RESET = low,
21
32
AVDD)
PDN = high)
Normal mode
20
34
IPVDD
Half-bridge supply current
No load (PVDD_X)
mA
Reset (RESET = low,
5
13
PDN = high)
Drain-to-source resistance, LS TJ = 25°C, includes metallization resistance
200
rDS(on)
(1)
m
Drain-to-source resistance,
TJ = 25°C, includes metallization resistance
200
HS
I/O Protection
Vuvp
Undervoltage protection limit
PVDD falling
3.5
V
Vuvp,hyst
Undervoltage protection limit
PVDD rising
4.5
V
OTE(2)
Overtemperature error
150
°C
Extra temperature drop
OTEHYST
(2)
30
°C
required to recover from error
IOC
Overcurrent limit protection
4.5
A
IOCT
Overcurrent response time
150
ns
Internal pulldown resistor at
Connected when drivers are tristated to provide bootstrap
RPD
3
k
the output of each half-bridge
capacitor charge.
(1)
This does not include bond-wire or pin resistance.
(2)
Specified by design
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TAS5717 TAS5719


Similar Part No. - TAS5717

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5717 TI-TAS5717 Datasheet
1Mb / 67P
[Old version datasheet]   10-W/15-W Digital Audio Power Amplifier with Integrated Cap-Free HP Amplifier
TAS5717 TI1-TAS5717 Datasheet
1Mb / 68P
[Old version datasheet]   10-W/15-W Digital Audio Power Amplifier with Integrated Cap-Free HP Amplifier
TAS5717 TI1-TAS5717_14 Datasheet
1Mb / 68P
[Old version datasheet]   10-W/15-W Digital Audio Power Amplifier with Integrated Cap-Free HP Amplifier
More results

Similar Description - TAS5717

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5717 TI-TAS5717 Datasheet
1Mb / 67P
[Old version datasheet]   10-W/15-W Digital Audio Power Amplifier with Integrated Cap-Free HP Amplifier
TAS5717 TI1-TAS5717_14 Datasheet
1Mb / 68P
[Old version datasheet]   10-W/15-W Digital Audio Power Amplifier with Integrated Cap-Free HP Amplifier
logo
Cirrus Logic
CS4525 CIRRUS-CS4525_08 Datasheet
1Mb / 98P
   30 W Digital Audio Amplifier with Integrated ADC
CS4525 CIRRUS-CS4525_07 Datasheet
1Mb / 98P
   30 W Digital Audio Amplifier with Integrated ADC
logo
Texas Instruments
TPA3117D2 TI-TPA3117D2 Datasheet
855Kb / 30P
[Old version datasheet]   15-W Filter-Free Stereo Class-D Audio Power Amplifier
TPA3110D2 TI-TPA3110D2_10 Datasheet
976Kb / 34P
[Old version datasheet]   15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
TPA3117D2RHBT TI1-TPA3117D2RHBT Datasheet
1Mb / 30P
[Old version datasheet]   15-W Filter-Free Stereo Class-D Audio Power Amplifier with SpeakerGuard?
TPA3110D2_0911 TI-TPA3110D2_0911 Datasheet
1Mb / 33P
[Old version datasheet]   15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
TPA3110D2 TI-TPA3110D2 Datasheet
1Mb / 33P
[Old version datasheet]   15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
TAS5102 TI-TAS5102 Datasheet
1Mb / 23P
[Old version datasheet]   20-W/15-W STEREO DIGITAL AMPLIFIER POWER STAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com