Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W949D2CBGX6G Datasheet(PDF) 1 Page - Winbond

Part # W949D2CBGX6G
Description  512Mb Mobile LPSDR
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W949D2CBGX6G Datasheet(HTML) 1 Page - Winbond

  W949D2CBGX6G Datasheet HTML 1Page - Winbond W949D2CBGX6G Datasheet HTML 2Page - Winbond W949D2CBGX6G Datasheet HTML 3Page - Winbond W949D2CBGX6G Datasheet HTML 4Page - Winbond W949D2CBGX6G Datasheet HTML 5Page - Winbond W949D2CBGX6G Datasheet HTML 6Page - Winbond W949D2CBGX6G Datasheet HTML 7Page - Winbond W949D2CBGX6G Datasheet HTML 8Page - Winbond W949D2CBGX6G Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 65 page
background image
W989D6CB / W989D2CB
512Mb Mobile LPSDR
Publication Release Date : August 07, 2013
- 1 -
Revision : A01-006
1. GENERAL DESCRIPTION
The Winbond 512Mb Low Power SDRAM is a low power synchronous memory containing
536,870,912 memory cells fabricated with Winbond high performance process technology.
It is designed to consume less power than the ordinary SDRAM with low power features essential
for applications which use batteries. It is available in two organizations: 4,194,304-words × 4 banks
× 32 bits or 8,388,608 words × 4 banks × 16 bits. The device operates in a fully synchronous
mode, and the output data are synchronized to positive edges of the system clock and is capable
of delivering data at clock rate up to 166MHz. The device supports special low power functions
such as Partial Array Self Refresh (PASR) and Automatic Temperature Compensated Self Refresh
(ATCSR).
The Low Power SDRAM is suitable for 2.5G / 3G cellular phone, PDA, digital still camera, mobile
game consoles and other handheld applications where large memory density and low power
consumption are required. The device operates from 1.8V power supply, and supports the 1.8V
LVCMOS bus interface.
2. FEATURES
Power supply VDD = 1.7V~1.95V
VDDQ = 1.7V~1.95V
Frequency : 166MHz(-6),133MHz(-75)
Programmable Partial Array Self Refresh
Power Down Mode
Deep Power Down Mode (DPD)
Programmable output buffer driver strength
Automatic Temperature Compensated Self Refresh
CAS Latency: 2 and 3
Burst Length: 1, 2, 4, 8, and full page
Refresh: refresh cycle 64ms
Interface: LVCMOS
Support package :
54 balls VFBGA (x16)
90 balls VFBGA (x32)
Operating Temperature Range
Extended (-25°C ~ +85°C)
Industrial (-40°C ~ +85°C)


Similar Part No. - W949D2CBGX6G

ManufacturerPart #DatasheetDescription
logo
Winbond
W949D2CB WINBOND-W949D2CB Datasheet
1Mb / 60P
   512Mb Mobile LPDDR
W949D2CBJX5E WINBOND-W949D2CBJX5E Datasheet
1Mb / 60P
   512Mb Mobile LPDDR
W949D2CBJX5I WINBOND-W949D2CBJX5I Datasheet
1Mb / 60P
   512Mb Mobile LPDDR
W949D2CBJX6E WINBOND-W949D2CBJX6E Datasheet
1Mb / 60P
   512Mb Mobile LPDDR
W949D2CBJX6G WINBOND-W949D2CBJX6G Datasheet
1Mb / 60P
   512Mb Mobile LPDDR
More results

Similar Description - W949D2CBGX6G

ManufacturerPart #DatasheetDescription
logo
Winbond
W989D6CB WINBOND-W989D6CB Datasheet
1Mb / 67P
   512Mb Mobile LPSDR
W987D6HBGX6E-TR WINBOND-W987D6HBGX6E-TR Datasheet
1Mb / 68P
   128Mb Mobile LPSDR
W988D6FBGX6E-TR WINBOND-W988D6FBGX6E-TR Datasheet
1Mb / 64P
   256Mb Mobile LPSDR
W987D6HB WINBOND-W987D6HB Datasheet
1Mb / 68P
   128Mb Mobile LPSDR
W988D6FB WINBOND-W988D6FB Datasheet
1Mb / 68P
   256Mb Mobile LPSDR
W987D6HB WINBOND-W987D6HB_13 Datasheet
1Mb / 66P
   128Mb Mobile LPSDR
W988D6FB WINBOND-W988D6FB_13 Datasheet
1Mb / 66P
   256Mb Mobile LPSDR
W949D6CB WINBOND-W949D6CB Datasheet
1Mb / 60P
   512Mb Mobile LPDDR
logo
Integrated Silicon Solu...
IS42VM32160C ISSI-IS42VM32160C Datasheet
358Kb / 17P
   512Mb Mobile Synchronous DRAM
IS42SM32160C ISSI-IS42SM32160C Datasheet
295Kb / 17P
   512Mb Mobile Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com