Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STI42N65M5 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STI42N65M5
Description  N-channel 650 V, 0.070 ohm, 33 A MDmesh V Power MOSFET
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STI42N65M5 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STI42N65M5 Datasheet HTML 7Page - STMicroelectronics STI42N65M5 Datasheet HTML 8Page - STMicroelectronics STI42N65M5 Datasheet HTML 9Page - STMicroelectronics STI42N65M5 Datasheet HTML 10Page - STMicroelectronics STI42N65M5 Datasheet HTML 11Page - STMicroelectronics STI42N65M5 Datasheet HTML 12Page - STMicroelectronics STI42N65M5 Datasheet HTML 13Page - STMicroelectronics STI42N65M5 Datasheet HTML 14Page - STMicroelectronics STI42N65M5 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
STx42N65M5
Package mechanical data
Doc ID 15317 Rev 3
11/18
TO-220 mechanical data
Dim
mm
inch
Min
Typ
Max
Min
Typ
Max
A
4.40
4.60
0.173
0.181
b
0.61
0.88
0.024
0.034
b1
1.14
1.70
0.044
0.066
c0.48
0.70
0.019
0.027
D
15.25
15.75
0.6
0.62
D1
1.27
0.050
E
10
10.40
0.393
0.409
e
2.40
2.70
0.094
0.106
e1
4.95
5.15
0.194
0.202
F1.23
1.32
0.048
0.051
H1
6.20
6.60
0.244
0.256
J1
2.40
2.72
0.094
0.107
L13
14
0.511
0.551
L1
3.50
3.93
0.137
0.154
L20
16.40
0.645
L3028.90
1.137
∅P
3.75
3.85
0.147
0.151
Q2.65
2.95
0.104
0.116


Similar Part No. - STI42N65M5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STI42N65M5 STMICROELECTRONICS-STI42N65M5 Datasheet
1Mb / 18P
   N-channel 650 V, 0.070 廓, 33 A MDmesh??V Power MOSFET in I2PAK, TO-220, TO-220FP, D2PAK and TO-247
STI42N65M5 STMICROELECTRONICS-STI42N65M5 Datasheet
1Mb / 18P
   N-channel 650 V, 0.070 ?? 33 A MDmesh??V Power MOSFET in I2PAK, TO-220, TO-220FP, D2PAK and TO-247
June 2009 Rev 3
logo
Inchange Semiconductor ...
STI42N65M5 ISC-STI42N65M5 Datasheet
357Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - STI42N65M5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW60N65M5 STMICROELECTRONICS-STW60N65M5 Datasheet
975Kb / 16P
   N-channel 650 V, 0.049 ohm, 46 A MDmesh V Power MOSFET
STB45N65M5 STMICROELECTRONICS-STB45N65M5 Datasheet
1Mb / 20P
   N-channel 650 V, 0.067 ohm typ., 35 A MDmesh V Power MOSFET
STF15N65M5 STMICROELECTRONICS-STF15N65M5 Datasheet
925Kb / 17P
   N-channel 650 V, 0.308 ohm typ., 11 A MDmesh V Power MOSFET
STX42N65M5 STMICROELECTRONICS-STX42N65M5 Datasheet
1Mb / 18P
   N-channel 650 V, 0.070 ?? 33 A MDmesh??V Power MOSFET in I2PAK, TO-220, TO-220FP, D2PAK and TO-247
June 2009 Rev 3
STL42N65M5 STMICROELECTRONICS-STL42N65M5 Datasheet
686Kb / 14P
   N-channel 650 V, 0.070 廓, 34 A MDmesh??V Power MOSFET in PowerFLAT??8x8 HV package
April 2012 Rev 2
STB42N65M5 STMICROELECTRONICS-STB42N65M5 Datasheet
1Mb / 18P
   N-channel 650 V, 0.070 廓, 33 A MDmesh??V Power MOSFET in I2PAK, TO-220, TO-220FP, D2PAK and TO-247
STW54NM65N STMICROELECTRONICS-STW54NM65N Datasheet
499Kb / 12P
   N-channel 650 V, 0.054 OHM, 50 A MDmesh II Power MOSFET
STW77N65M5 STMICROELECTRONICS-STW77N65M5 Datasheet
963Kb / 14P
   N-channel 650 V, 0.033 ohm, 69 A, MDmesh V Power MOSFET TO-247
STF42N65M5 STMICROELECTRONICS-STF42N65M5 Datasheet
1Mb / 18P
   N-channel 650 V, 0.070 廓, 33 A MDmesh??V Power MOSFET in I2PAK, TO-220, TO-220FP, D2PAK and TO-247
STB38N65M5 STMICROELECTRONICS-STB38N65M5 Datasheet
1Mb / 22P
   N-channel 650 V, 0.073, 30 A MDmesh V Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com