Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCR2EF11 Datasheet(PDF) 8 Page - Toshiba Semiconductor

Part # TCR2EF11
Description  200 mA CMOS Low Drop-Out Regulator with Fast Load Transient Response
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCR2EF11 Datasheet(HTML) 8 Page - Toshiba Semiconductor

Back Button TCR2EF11 Datasheet HTML 4Page - Toshiba Semiconductor TCR2EF11 Datasheet HTML 5Page - Toshiba Semiconductor TCR2EF11 Datasheet HTML 6Page - Toshiba Semiconductor TCR2EF11 Datasheet HTML 7Page - Toshiba Semiconductor TCR2EF11 Datasheet HTML 8Page - Toshiba Semiconductor TCR2EF11 Datasheet HTML 9Page - Toshiba Semiconductor TCR2EF11 Datasheet HTML 10Page - Toshiba Semiconductor TCR2EF11 Datasheet HTML 11Page - Toshiba Semiconductor TCR2EF11 Datasheet HTML 12Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
TCR2EF series, TCR2EE series
2012-12-11
8
3) Output Voltage vs. Ambient Temperature
Output current IOUT (mA)
VIN = 3.5 V,
CIN = 0.1 μF, COUT = 1 μF
VIN = 4.0 V,
CIN = 0.1 μF, COUT = 1 μF
Output current IOUT (mA)
VOUT=2.5V
VOUT=3.0V
VOUT=1.2V
VOUT=1.8V
VOUT=2.5V
VOUT=3.0V
VIN = 2.2 V,
CIN = 0.1 μF, COUT = 1 μF
IOUT = 50mA
VIN = 2.8 V,
CIN = 0.1 μF, COUT = 1 μF
IOUT = 50mA
VIN = 3.5 V,
CIN = 0.1 μF, COUT = 1 μF
IOUT = 50mA
VIN = 4.0 V,
CIN = 0.1 μF, COUT = 1 μF
IOUT = 50mA
Ambient temperature Ta (℃)
Ambient temperature Ta (℃)
Ambient temperature Ta (℃)
Ambient temperature Ta (℃)


Similar Part No. - TCR2EF11

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TCR2EF11 TOSHIBA-TCR2EF11 Datasheet
1Mb / 17P
   200 mA CMOS Low Dropout Regulator with Fast Load Transient Response
2019-06-20
TCR2EF115 TOSHIBA-TCR2EF115 Datasheet
1Mb / 17P
   200 mA CMOS Low Dropout Regulator with Fast Load Transient Response
2019-06-20
More results

Similar Description - TCR2EF11

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TCR2EF TOSHIBA-TCR2EF Datasheet
1Mb / 17P
   200 mA CMOS Low Dropout Regulator with Fast Load Transient Response
2019-06-20
TCR2BE10 TOSHIBA-TCR2BE10 Datasheet
282Kb / 18P
   200 mA CMOS Low Drop-Out Regulator with Auto-discharge
TCR2EN10 TOSHIBA-TCR2EN10 Datasheet
1Mb / 15P
   200 mA CMOS Low Drop-Out Regulator in ultra small package
logo
Texas Instruments
TPS7A03 TI-TPS7A03_V08 Datasheet
3Mb / 45P
[Old version datasheet]   TPS7A03 Nanopower IQ, 200-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
logo
Toshiba Semiconductor
TCR2DG TOSHIBA-TCR2DG Datasheet
362Kb / 15P
   Low Noise 200 mA CMOS Low Drop-Out Regulator in ultra small package
logo
Texas Instruments
TPS7A03 TI-TPS7A03_V11 Datasheet
3Mb / 48P
[Old version datasheet]   TPS7A03 Nanopower IQ, 200-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
APRIL 2020
TPS7A03 TI-TPS7A03_V10 Datasheet
3Mb / 47P
[Old version datasheet]   TPS7A03 Nanopower IQ, 200-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
APRIL 2020
TPS7A03 TI-TPS7A03_V06 Datasheet
2Mb / 43P
[Old version datasheet]   TPS7A03 Nanopower IQ, 200-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
TPS7A03 TI1-TPS7A03_V01 Datasheet
285Kb / 22P
[Old version datasheet]   TPS7A03 Nanopower IQ, 200-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
TPS7A03 TI-TPS7A03_V07 Datasheet
2Mb / 44P
[Old version datasheet]   TPS7A03 Nanopower IQ, 200-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com