Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AME7107RCPL Datasheet(PDF) 11 Page - Analog Microelectronics

Part # AME7107RCPL
Description  3-1/2 Digit A/D Converter High Accuracy, Low Power
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME7107RCPL Datasheet(HTML) 11 Page - Analog Microelectronics

Back Button AME7107RCPL Datasheet HTML 7Page - Analog Microelectronics AME7107RCPL Datasheet HTML 8Page - Analog Microelectronics AME7107RCPL Datasheet HTML 9Page - Analog Microelectronics AME7107RCPL Datasheet HTML 10Page - Analog Microelectronics AME7107RCPL Datasheet HTML 11Page - Analog Microelectronics AME7107RCPL Datasheet HTML 12Page - Analog Microelectronics AME7107RCPL Datasheet HTML 13Page - Analog Microelectronics AME7107RCPL Datasheet HTML 14Page - Analog Microelectronics AME7107RCPL Datasheet HTML 15Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
AME, Inc.
11
AME7106/AME7106A/AME7106R
AME7107/AME7107A/AME7107R
3-1/2 Digit A/D Converter
High Accuracy, Low Power
Segment Drivers (AME7107)
The AME7107 is designed to drive common anode
LEDs. All segment drivers are N-channel transistors
with a typically 8 mA current driving capability. The
1000’s segment AB4 sinks current from two LED seg-
ments, and has a 16 mA driving capability. The polar-
ity indication is “on” when the analog input voltage is
negative.
Test
When the TEST is pulled to V+ all segments and the
minus sign will be activated. The TEST pin is tied to
the internally generated digital ground through a 500
resistor in the AME7106. It is typically 5V lower than
V+. TEST pin may be used as the negative power sup-
ply for external CMOS logic at the maximum current of
1 mA.
Data Hold
When the Hold pin is connected to V+ the conversion
result will not be updated. The conversion is still free
running during the hold mode. It is available in 44 pin
package.
Integration Status (INTEN)
The INTEN is an output signal of the converter, it is
“high” during the signal integration phase. This signal
can be used as a status indicator or a control to con-
nect the analog signal to the converter for processing.
It is available in 44 pin package.
De-integration Status (DEEN)
The DEEN is an output signal of the converter, it is
“high” during the reference de-integration phase. The
period of the DEEN is proportional to the conversion
result. Users may calculate the conversion result by
counting the number of clock pulse on the OSC3 pin
when DEEN is “high”. The conversion result is equal
to (N/4) - 1/2 where N is the number of the pulse at the
OSC3 pin. It is available in 44 pin package.
n
n
n
n
n Component Value Selection
Auto-Zero Capacitor (Caz)
The Caz capacitor size has some influence on system
noise. A 0.47
µF capacitor is recommended for 200
mV full-scale applications. A 0.047
µF capacitor is
recommended for 2.0V full-scale applications. A mylar
dielectric capacitor is adequate.
Reference Capacitor (Cref)
A 0.1
µF capacitor is acceptable when “INLO” is tied
to analog common. If a large common-mode voltage


Similar Part No. - AME7107RCPL

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME7700 AME-AME7700 Datasheet
80Kb / 11P
   Switched Capacitor Voltage Doublers
AME7700AEEV AME-AME7700AEEV Datasheet
80Kb / 11P
   Switched Capacitor Voltage Doublers
AME7701 AME-AME7701 Datasheet
80Kb / 11P
   Switched Capacitor Voltage Doublers
AME7701AEEV AME-AME7701AEEV Datasheet
80Kb / 11P
   Switched Capacitor Voltage Doublers
AME7702 AME-AME7702 Datasheet
80Kb / 11P
   Switched Capacitor Voltage Doublers
More results

Similar Description - AME7107RCPL

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7126 INTERSIL-ICL7126 Datasheet
468Kb / 15P
   3 1/2 Digit, Low Power, Single Chip A/D Converter
logo
Renesas Technology Corp
ICL7126 RENESAS-ICL7126 Datasheet
790Kb / 15P
   3 1/2 Digit, Low Power, Single Chip A/D Converter
logo
Intersil Corporation
ICL7126CPL INTERSIL-ICL7126CPL Datasheet
469Kb / 15P
   3 1/2 Digit, Low Power, Single Chip A/D Converter
October 25, 2004
logo
Cyrustek corporation
ES5136 CYRUSTEK-ES5136 Datasheet
692Kb / 22P
   3 1/2 DIGIT A/D CONVERTER W/LCD(Low power)
logo
List of Unclassifed Man...
LD110 ETC-LD110 Datasheet
335Kb / 8P
   3 1/2 Digit A/D Converter Set
logo
Motorola, Inc
MC14433 MOTOROLA-MC14433 Datasheet
450Kb / 12P
   CMOS LSI (LOW-POWER COMPLEMENTARY MOS) 3 1/2 DIGIT A/D CONVERTER
logo
Cyrustek corporation
ES5106 CYRUSTEK-ES5106_03 Datasheet
756Kb / 20P
   3 1/2 DIGIT A/D CONVERTER W/LCD
logo
List of Unclassifed Man...
ES5136 ETC1-ES5136 Datasheet
364Kb / 22P
   3 1/2 DIGIT A/D CONVERTER W/LCD
ES5107 ETC-ES5107 Datasheet
327Kb / 20P
   3 1/2 DIGIT A/D CONVERTER W/LED
logo
Microchip Technology
TC7135 MICROCHIP-TC7135 Datasheet
533Kb / 22P
   4-1/2 Digit A/D Converter
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com