Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AME7107RCPL Datasheet(PDF) 4 Page - Analog Microelectronics

Part # AME7107RCPL
Description  3-1/2 Digit A/D Converter High Accuracy, Low Power
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME7107RCPL Datasheet(HTML) 4 Page - Analog Microelectronics

  AME7107RCPL Datasheet HTML 1Page - Analog Microelectronics AME7107RCPL Datasheet HTML 2Page - Analog Microelectronics AME7107RCPL Datasheet HTML 3Page - Analog Microelectronics AME7107RCPL Datasheet HTML 4Page - Analog Microelectronics AME7107RCPL Datasheet HTML 5Page - Analog Microelectronics AME7107RCPL Datasheet HTML 6Page - Analog Microelectronics AME7107RCPL Datasheet HTML 7Page - Analog Microelectronics AME7107RCPL Datasheet HTML 8Page - Analog Microelectronics AME7107RCPL Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
AME, Inc.
4
AME7106/AME7106A/AME7106R
AME7107/AME7107A/AME7107R
3-1/2 Digit A/D Converter
High Accuracy, Low Power
n
n
n
n
n Electrical Characteristics
Unless otherwise noted, AME7106 & AME7107 are specified at TA = 25O
C, fclock = 48KHz. Supply voltage = 9V (V+ to V-)
Notes: 1. Input voltage may exceed the supply voltages provided the input current is limited to ±100
µA.
2. Dissipation rating assumes a device is mounted with all leads soldered to printed circuit board.
Parameter
Conditions
Min
Typ
Max
Unit
Vin = 0V
0
Digital Reading
Full-Scale = 200.0mV
Ratiometric Reading
Vin = Vref = 100.0mV
999
999/1000
1000
Digital Reading
Roll-Over Error
-1
–0.2
+1
Counts
(Difference in Reading for
Equal Positive and Negative
Reading Near Full-Scale)
Linearity (Max. Deviation
Full-Scale = 200.0mV
-1
–0.2
+1
Counts
From Best Straight Line Fit)
Common-Mode
Vcm = –1V, Vin =0V
50
µV/V
Rejection Ratio
Full-Scale = 200.0mV
Noise (Pk-Pk Value Not
Vin = 0V
15
µV
Exceeded 95% of Time)
Full-Scale = 200.0mV
Leakage Current at Input
Vin = 0V
1
10
pA
Zero Reading Drift
Vin = 0V, 0
OC to 70OC0.2
1
µV/
OC
Supply Current
Vin = 0V
0.8
1.2
mA
(Excluding LED current
for 7107)
Analog Common Voltage
25K
Ω Between
2.8
3.0
3.2
V
(With respect to V+)
Common and V+
Temp. Coeff. of Analog
25K
Ω Between
50
75
ppm/
OC
Common (With respect to V+)
Common and V+
0
OC ≤TA ≤70OC
Low Battery Flag
V+ to V-
6.3
7.0
7.7
V
Test Pin Voltage
With respect to V+
4
5
6
V
(AME7106 only)
LCD Segment Drive Voltage
V+ to V- = 9V
4
5
6
V
(AME7106 only)
Backplane Drive Voltage
V+ to V- = 9V
4
5
6
V
(AME7106 only)
Segment Sinking Current
V+ = 5.0V
5
8.0
mA
(Except Segment AB4)
Segment Voltage = 3V
(AME7107 only)
Segment Sinking Current
V+ = 5.0V
10
16
mA
(Segment AB4)
Segment Voltage = 3V
(AME7107 only)
-Vin=+Vin
≈200.0mV
Zero Input Reading


Similar Part No. - AME7107RCPL

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME7700 AME-AME7700 Datasheet
80Kb / 11P
   Switched Capacitor Voltage Doublers
AME7700AEEV AME-AME7700AEEV Datasheet
80Kb / 11P
   Switched Capacitor Voltage Doublers
AME7701 AME-AME7701 Datasheet
80Kb / 11P
   Switched Capacitor Voltage Doublers
AME7701AEEV AME-AME7701AEEV Datasheet
80Kb / 11P
   Switched Capacitor Voltage Doublers
AME7702 AME-AME7702 Datasheet
80Kb / 11P
   Switched Capacitor Voltage Doublers
More results

Similar Description - AME7107RCPL

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7126 INTERSIL-ICL7126 Datasheet
468Kb / 15P
   3 1/2 Digit, Low Power, Single Chip A/D Converter
logo
Renesas Technology Corp
ICL7126 RENESAS-ICL7126 Datasheet
790Kb / 15P
   3 1/2 Digit, Low Power, Single Chip A/D Converter
logo
Intersil Corporation
ICL7126CPL INTERSIL-ICL7126CPL Datasheet
469Kb / 15P
   3 1/2 Digit, Low Power, Single Chip A/D Converter
October 25, 2004
logo
Cyrustek corporation
ES5136 CYRUSTEK-ES5136 Datasheet
692Kb / 22P
   3 1/2 DIGIT A/D CONVERTER W/LCD(Low power)
logo
List of Unclassifed Man...
LD110 ETC-LD110 Datasheet
335Kb / 8P
   3 1/2 Digit A/D Converter Set
logo
Motorola, Inc
MC14433 MOTOROLA-MC14433 Datasheet
450Kb / 12P
   CMOS LSI (LOW-POWER COMPLEMENTARY MOS) 3 1/2 DIGIT A/D CONVERTER
logo
Cyrustek corporation
ES5106 CYRUSTEK-ES5106_03 Datasheet
756Kb / 20P
   3 1/2 DIGIT A/D CONVERTER W/LCD
logo
List of Unclassifed Man...
ES5136 ETC1-ES5136 Datasheet
364Kb / 22P
   3 1/2 DIGIT A/D CONVERTER W/LCD
ES5107 ETC-ES5107 Datasheet
327Kb / 20P
   3 1/2 DIGIT A/D CONVERTER W/LED
logo
Microchip Technology
TC7135 MICROCHIP-TC7135 Datasheet
533Kb / 22P
   4-1/2 Digit A/D Converter
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com