Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EV05D14K-J Datasheet(PDF) 7 Page - World Produts Inc.

Part # EV05D14K-J
Description  Metal Oxide Varistors
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

EV05D14K-J Datasheet(HTML) 7 Page - World Produts Inc.

Back Button EV05D14K-J Datasheet HTML 3Page - World Produts Inc. EV05D14K-J Datasheet HTML 4Page - World Produts Inc. EV05D14K-J Datasheet HTML 5Page - World Produts Inc. EV05D14K-J Datasheet HTML 6Page - World Produts Inc. EV05D14K-J Datasheet HTML 7Page - World Produts Inc. EV05D14K-J Datasheet HTML 8Page - World Produts Inc. EV05D14K-J Datasheet HTML 9Page - World Produts Inc. EV05D14K-J Datasheet HTML 10Page - World Produts Inc. EV05D14K-J Datasheet HTML 11Page - World Produts Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 59 page
background image
Metal Oxide VaristOrs - eV series
WORLD PRODUCTS INC. 19654 Eighth Street East, Sonoma, CA 95476 | Phone (707) 996-5201 | Fax (707) 996-3380 | www.worldproducts.com
Rev. 3.1
Metal Oxide Varistors - EV Series | 5
(5mm – 20mm)
20D 150 K
(1)(2)
(3)
(1)
Disk Diameter
5D = 5mm, 7D = 7mm,
10D = 10mm, 14D = 14mm,
18D = 18mm, 20D = 20mm
(2)
AC RMS Voltage
150 = 150VAC
(3)
Tolerance
K = 10%
20D150K-J S
928
WPI LOGO
J = High Energy
H = Ultra High Energy
(14mm & 20mm only)
J = 5%, K = 10%
S = Flame Retardant Coating
Approvals
(week) 28 = 28th week
(year) 9 = 2009
Date Code
34D 150 K
(1)(2)
(3)
(1)
Disk Diameter
22D = 22mm
34D = 34mm
(2)
AC RMS Voltage
150 = 150VAC
(3)
Tolerance
K = 10%
34D150K-H S
928
WPI LOGO
Approvals
(week) 28 = 28th week
H=Ultra High Energy (not applicable for 22mm)
(year) 9 = 2009
Date Code
(22mm & 34mm)
S = Flame Retardant Coating
J = 5%, K = 10%
Factory Identifier
depicted with black
dot(s) in this position.
Part Marking
Date Code 928 = First digit represents year (9 = 2009). Second and third digits represent the week of the year.
(5mm – 20mm)
20D 150 K
(1)
(2)
(3)
(1)
Disk Diameter
5D = 5mm, 7D = 7mm,
10D = 10mm, 14D = 14mm,
18D = 18mm, 20D = 20mm
(2)
AC RMS Voltage
150 = 150VAC
(3)
Tolerance
J = 5%, K = 10%
34D 150 K
(1)
(2)
(3)
(1)
Disk Diameter
22D = 22mm
34D = 34mm
(2)
AC RMS Voltage
150 = 150VAC
(3)
Tolerance
J = 5%, K = 10%
20D150K-J
928
WPI LOGO
J = High Energy
H = Ultra High Energy
(14mm & 20mm only)
Approvals
(week) 28 = 28th week
(year) 9 = 2009
Date Code
(22mm)
22D 150 K
(1)
(2)
(3)
(1)
Disk Diameter
22D = 22mm
(2)
AC RMS Voltage
150 = 150VAC
(3)
Tolerance
J = 5%, K = 10%
34D150K-H
928
WPI LOGO
Approvals
(week) 28 = 28th week
H=Ultra High Energy (not applicable in 22mm)
(year) 9 = 2009
Date Code
22D150K
928
WPI LOGO
Approvals
(week) 28 = 28th week
(year) 9 = 2009
Date Code
(22mm & 34mm)


Similar Part No. - EV05D14K-J

ManufacturerPart #DatasheetDescription
logo
BELIMO AIRCONTROLS (USA...
EV050S-055 BELIMO-EV050S-055 Datasheet
722Kb / 3P
   Stainless Steel Ball and Stem, Female NPT Ends
More results

Similar Description - EV05D14K-J

ManufacturerPart #DatasheetDescription
logo
MDE Semiconductor, Inc.
MDE-34S201KBD MDE-MDE-34S201KBD Datasheet
105Kb / 1P
   Metal Oxide Varistors
MDE-7D180M MDE-MDE-7D180M Datasheet
90Kb / 1P
   Metal Oxide Varistors
MDE-25D201K MDE-MDE-25D201K Datasheet
94Kb / 1P
   Metal Oxide Varistors
logo
Ceramate Technical
GNR05D180K CERAMATE-GNR05D180K Datasheet
168Kb / 3P
   METAL OXIDE VARISTORS
logo
EPCOS
CT0402L14UG EPCOS-CT0402L14UG Datasheet
97Kb / 6P
   Metal Oxide Varistors
logo
SUNMATE electronic Co.,...
40D SUNMATE-40D Datasheet
849Kb / 4P
   METAL OXIDE VARISTORS
SM2220A SUNMATE-SM2220A Datasheet
1Mb / 4P
   METAL OXIDE VARISTORS
logo
Ruilongyuan Electronics...
MOV-40D RUILON-MOV-40D Datasheet
811Kb / 6P
   Metal Oxide Varistors
MOV-25D RUILON-MOV-25D Datasheet
733Kb / 7P
   Metal Oxide Varistors
logo
Shanghai Yint Electroni...
7DSERIES YINT-7DSERIES Datasheet
670Kb / 4P
   Metal Oxide Varistors
logo
Shanghai Leiditech Elec...
20D180 LEIDITECH-20D180 Datasheet
871Kb / 4P
   Metal Oxide Varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com