Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AME8803 Datasheet(PDF) 1 Page - Analog Microelectronics

Part # AME8803
Description  300mA CMOS LDO
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8803 Datasheet(HTML) 1 Page - Analog Microelectronics

  AME8803 Datasheet HTML 1Page - Analog Microelectronics AME8803 Datasheet HTML 2Page - Analog Microelectronics AME8803 Datasheet HTML 3Page - Analog Microelectronics AME8803 Datasheet HTML 4Page - Analog Microelectronics AME8803 Datasheet HTML 5Page - Analog Microelectronics AME8803 Datasheet HTML 6Page - Analog Microelectronics AME8803 Datasheet HTML 7Page - Analog Microelectronics AME8803 Datasheet HTML 8Page - Analog Microelectronics AME8803 Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Analog Microelectronics, Inc.
1
AME8803/8814
300mA CMOS LDO
n
n
n
n
n Typical Application
n
n
n
n
n Functional Block Diagram
n
n
n
n
n Features
l Very Low Dropout Voltage
l Guaranteed 300mA Output
l Accurate to within 1.5%
l 30
µA Quiescent Current
l Over-Temperature Shutdown
l Current Limiting
l Short Circuit Current Fold-back
l Noise Reduction Bypass Capacitor
l Power Good Detector
l Power-Saving Shutdown Mode
l Space-Saving SOT-26 (SOT-23-6)
l Factory Pre-set Output Voltages
l Low Temperature Coefficient
n
n
n
n
n General Description
The AME8803 family of positive, linear regulators fea-
ture low quiescent current (30
µA typ.) with low dropout
voltage, making them ideal for battery applications. The
space-saving SOT-23-6 package is attractive for
"Pocket" and "Hand Held" applications.
These rugged devices have both Thermal Shutdown,
and Current Fold-back to prevent device failure under
the "Worst" of operating conditions.
An additional feature is a "Power Good" detector, which
pulls low when the output is out of regulation. In appli-
cations requiring a low noise, regulated supply, place a
1000pF capacitor between Bypass and ground.
The AME8803 is stable with an output capacitance of
2.2
µF or greater.
n
n
n
n
n Applications
l Instrumentation
l Portable Electronics
l Wireless Devices
l Cordless Phones
l PC Peripherals
l Battery Powered Widgets
l Electronic Scales
AMP
GND
OUT
IN
R1
R2
PG
Overcurrent
Shutdown
Thermal
Shutdown
EN
V
ref=1.215V
V ref x90%
V
ref x110%
BYP
AME8803
OUT
IN
C3
2.2
µF
C1
1
µF
GND
OUT
5V
PG
BYP
IN
C2
1nF
EN


Similar Part No. - AME8803

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME88031EEYL AME-AME88031EEYL Datasheet
218Kb / 19P
   300mA CMOS LDO
AME88031EEYY AME-AME88031EEYY Datasheet
218Kb / 19P
   300mA CMOS LDO
AME88031EEYZ AME-AME88031EEYZ Datasheet
218Kb / 19P
   300mA CMOS LDO
AME88032EEYL AME-AME88032EEYL Datasheet
218Kb / 19P
   300mA CMOS LDO
AME88032EEYY AME-AME88032EEYY Datasheet
218Kb / 19P
   300mA CMOS LDO
More results

Similar Description - AME8803

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8804 AME-AME8804 Datasheet
97Kb / 12P
   300mA CMOS LDO
logo
Unisonic Technologies
L1183B UTC-L1183B Datasheet
191Kb / 7P
   300mA CMOS LDO
logo
E-Tech Electronics LTD
L1183A ETL-L1183A Datasheet
186Kb / 6P
   300mA CMOS LDO
logo
Unisonic Technologies
L1183B UTC-L1183B_12 Datasheet
191Kb / 7P
   300mA CMOS LDO
logo
Analog Microelectronics
AME8804 AME-AME8804_12 Datasheet
171Kb / 18P
   300mA CMOS LDO
AME8824 AME-AME8824_08 Datasheet
166Kb / 14P
   300mA CMOS LDO
logo
List of Unclassifed Man...
CM2835 ETC1-CM2835 Datasheet
328Kb / 9P
   300mA CMOS LDO
logo
Analog Microelectronics
AME8803 AME-AME8803_08 Datasheet
218Kb / 19P
   300mA CMOS LDO
AME8800 AME-AME8800_08 Datasheet
365Kb / 36P
   300mA CMOS LDO
AME8801 AME-AME8801 Datasheet
114Kb / 14P
   300mA CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com