Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAT54AP6FILM Datasheet(PDF) 4 Page - STMicroelectronics

Part # BAT54AP6FILM
Description  Small signal Schottky diodes
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BAT54AP6FILM Datasheet(HTML) 4 Page - STMicroelectronics

  BAT54AP6FILM Datasheet HTML 1Page - STMicroelectronics BAT54AP6FILM Datasheet HTML 2Page - STMicroelectronics BAT54AP6FILM Datasheet HTML 3Page - STMicroelectronics BAT54AP6FILM Datasheet HTML 4Page - STMicroelectronics BAT54AP6FILM Datasheet HTML 5Page - STMicroelectronics BAT54AP6FILM Datasheet HTML 6Page - STMicroelectronics BAT54AP6FILM Datasheet HTML 7Page - STMicroelectronics BAT54AP6FILM Datasheet HTML 8Page - STMicroelectronics BAT54AP6FILM Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Characteristics
BAT54
4/13
Doc ID 5505 Rev 10
Figure 11.
Relative variation of thermal impedance junction to ambient versus pulse duration
Figure 7.
Thermal resistance junction to
ambient versus copper surface
under each lead (SOD-323)
Figure 8.
Relative variation of thermal
impedance junction to ambient
versus pulse duration (SOD-323)
200
300
400
500
600
0
5
10
15
20
25
30
35
40
45
50
R
th(j-a)(°C/W)
Epoxy FR4
e
CU=35 µm
SCU(mm²)
1.E-03
1.E-02
1.E-01
1.E+00
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
Z
th(j-a)/Rth(j-a)
Single pulse
SOD323
Epoxy FR4
S
CU=2.25 mm²
e
CU=35 µm
tP(s)
Figure 9.
Relative variation of thermal
impedance junction to ambient
versus pulse duration (SOT-23)
Figure 10.
Relative variation of thermal
impedance junction to ambient
versus pulse duration (SOD-523)
1.E-02
1.E-01
1.E+00
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
Z
th(j-a)/Rth(j-a)
Alumine substrate
10 x 8 x 0.5 mm
Single pulse
SOT23
tP(s)
1.E-03
1.E-02
1.E-01
1.E+00
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
Z
th(j-a)/Rth(j-a)
Single pulse
SOD523
Epoxy FR4
e
CU=35 µm
tP(s)
1.E-02
1.E-01
1.E+00
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
Z
th(j-a)/Rth(j-a)
Single pulse
SOT666
Epoxy FR4
e
CU=35 µm
tP(s)


Similar Part No. - BAT54AP6FILM

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BAT54AP6FILM STMICROELECTRONICS-BAT54AP6FILM Datasheet
163Kb / 13P
   Small signal Schottky diodes
More results

Similar Description - BAT54AP6FILM

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TMMBAT47 STMICROELECTRONICS-TMMBAT47 Datasheet
63Kb / 5P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Micro Commercial Compon...
BAT86 MCC-BAT86 Datasheet
159Kb / 1P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Vishay Siliconix
SD101AW VISHAY-SD101AW Datasheet
99Kb / 6P
   Small Signal Schottky Diodes
Rev. 1.4, 16-Dec-05
logo
Micro Commercial Compon...
SD103A MCC-SD103A Datasheet
121Kb / 3P
   Small Signal Schottky Diodes
logo
STMicroelectronics
BAR18 STMICROELECTRONICS-BAR18 Datasheet
224Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODES
BAR42 STMICROELECTRONICS-BAR42 Datasheet
54Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Galaxy Semi-Conductor H...
LL5712 BILIN-LL5712 Datasheet
61Kb / 3P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Vishay Siliconix
BAS281 VISHAY-BAS281_12 Datasheet
175Kb / 4P
   Small Signal Schottky Diodes
Rev. 1.8, 23-Jul-10
BAT81S VISHAY-BAT81S_12 Datasheet
106Kb / 4P
   Small Signal Schottky Diodes
Rev. 1.8, 23-Jul-10
logo
Comchip Technology
CDBV3-54 COMCHIP-CDBV3-54_12 Datasheet
103Kb / 4P
   Small Signal Schottky Diodes
CDBH3-00340C-G COMCHIP-CDBH3-00340C-G Datasheet
67Kb / 2P
   Small Signal Schottky Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com