Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AME7106RCPL Datasheet(PDF) 8 Page - Analog Microelectronics

Part # AME7106RCPL
Description  3-1/2 Digit A/D Converter High Accuracy, Low Power
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME7106RCPL Datasheet(HTML) 8 Page - Analog Microelectronics

Back Button AME7106RCPL Datasheet HTML 4Page - Analog Microelectronics AME7106RCPL Datasheet HTML 5Page - Analog Microelectronics AME7106RCPL Datasheet HTML 6Page - Analog Microelectronics AME7106RCPL Datasheet HTML 7Page - Analog Microelectronics AME7106RCPL Datasheet HTML 8Page - Analog Microelectronics AME7106RCPL Datasheet HTML 9Page - Analog Microelectronics AME7106RCPL Datasheet HTML 10Page - Analog Microelectronics AME7106RCPL Datasheet HTML 11Page - Analog Microelectronics AME7106RCPL Datasheet HTML 12Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AME, Inc.
8
AME7106/AME7106A/AME7106R
AME7107/AME7107A/AME7107R
3-1/2 Digit A/D Converter
High Accuracy, Low Power
The A/D conversion has the following three phases:
1. Auto-Zero Phase
2. Integration Phase
3. De-integration Phase
Auto-Zero Phase
The INHI and INLO are shorted to analog common in-
ternally. The reference capacitor is charged to the ref-
erence voltage. A feedback loop is closed around the
system to cancel the offset voltage of buffer, integrator
and comparator.
Signal Integration phase
The converter integrates the differential voltage across
the INHI and INLO for a fixed time, 1000 system clocks.
The polarity of the signal is determined at the end of
this phase.
Reference Integration Phase
INLO is internally connected to the Analog Common,
INHI is connected across the reference capacitor with
appropriate polarity determined by the control circuit.
The integrator output will then return to zero. The time
it takes to return to zero, 1000 X VIN /VREF, is the
digital representation of the analog signal.
Differential Signal Inputs (INHI & INLO)
The AME7106/AME7107 has true differential inputs and
accepts input signals within the input common mode
voltage range (Vcm). Typical range is from 1V above
the V- to 1V below the V+. The integrator output can
swing within 0.3 V of V+ or V- without increasing
linearity errors. Care must be exercised to make sure
the integrator output does not saturate. In a typical
application, the common mode is eliminated by con-
necting the INLO to COM, Analog Common.
Differential Reference (VREF+ & VREF-)
The reference voltage can be generated anywhere
within the V+ to V-. Under a large common mode volt-
age, reference capacitor can gain charge during the
de-integration of a positive signal. The reference ca-
pacitor will lose charge when de-integrating a negative
input signal. The difference in reference voltage for
positive or negative input voltages can cause the
rollover error. To prevent rollover error from being in-
duced by large common-mode voltages, reference ca-
pacitor should be large compared to stray node capaci-
tance.
Analog Common (COM)
The Analog Common is to set a common mode volt-
age for the analog signal. The analog common is typi-
cally 3.0V below V+, set primary for the battery oper-
ated application. Analog common is capable to sink 20
mA. It’s source current is limited to 10
µA. Analog
common is therefore easily pulled to a more negative
voltage to override the internal reference. When sup-
ply voltage is greater than 7V, analog common can be
used as reference source with temperature coefficient
of typically 50 ppm/OC. The internal heating by the LED
display drivers of the AME7107 may degrade the sta-
bility of the Analog Common. An external reference is
recommended.


Similar Part No. - AME7106RCPL

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME7700 AME-AME7700 Datasheet
80Kb / 11P
   Switched Capacitor Voltage Doublers
AME7700AEEV AME-AME7700AEEV Datasheet
80Kb / 11P
   Switched Capacitor Voltage Doublers
AME7701 AME-AME7701 Datasheet
80Kb / 11P
   Switched Capacitor Voltage Doublers
AME7701AEEV AME-AME7701AEEV Datasheet
80Kb / 11P
   Switched Capacitor Voltage Doublers
AME7702 AME-AME7702 Datasheet
80Kb / 11P
   Switched Capacitor Voltage Doublers
More results

Similar Description - AME7106RCPL

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7126 INTERSIL-ICL7126 Datasheet
468Kb / 15P
   3 1/2 Digit, Low Power, Single Chip A/D Converter
logo
Renesas Technology Corp
ICL7126 RENESAS-ICL7126 Datasheet
790Kb / 15P
   3 1/2 Digit, Low Power, Single Chip A/D Converter
logo
Intersil Corporation
ICL7126CPL INTERSIL-ICL7126CPL Datasheet
469Kb / 15P
   3 1/2 Digit, Low Power, Single Chip A/D Converter
October 25, 2004
logo
Cyrustek corporation
ES5136 CYRUSTEK-ES5136 Datasheet
692Kb / 22P
   3 1/2 DIGIT A/D CONVERTER W/LCD(Low power)
logo
List of Unclassifed Man...
LD110 ETC-LD110 Datasheet
335Kb / 8P
   3 1/2 Digit A/D Converter Set
logo
Motorola, Inc
MC14433 MOTOROLA-MC14433 Datasheet
450Kb / 12P
   CMOS LSI (LOW-POWER COMPLEMENTARY MOS) 3 1/2 DIGIT A/D CONVERTER
logo
Cyrustek corporation
ES5106 CYRUSTEK-ES5106_03 Datasheet
756Kb / 20P
   3 1/2 DIGIT A/D CONVERTER W/LCD
logo
List of Unclassifed Man...
ES5136 ETC1-ES5136 Datasheet
364Kb / 22P
   3 1/2 DIGIT A/D CONVERTER W/LCD
ES5107 ETC-ES5107 Datasheet
327Kb / 20P
   3 1/2 DIGIT A/D CONVERTER W/LED
logo
Microchip Technology
TC7135 MICROCHIP-TC7135 Datasheet
533Kb / 22P
   4-1/2 Digit A/D Converter
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com