Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W971GG6JB-25 Datasheet(PDF) 5 Page - Winbond

Part # W971GG6JB-25
Description  8M X 8 BANKS X 16 BIT DDR2 SDRAM
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W971GG6JB-25 Datasheet(HTML) 5 Page - Winbond

  W971GG6JB-25 Datasheet HTML 1Page - Winbond W971GG6JB-25 Datasheet HTML 2Page - Winbond W971GG6JB-25 Datasheet HTML 3Page - Winbond W971GG6JB-25 Datasheet HTML 4Page - Winbond W971GG6JB-25 Datasheet HTML 5Page - Winbond W971GG6JB-25 Datasheet HTML 6Page - Winbond W971GG6JB-25 Datasheet HTML 7Page - Winbond W971GG6JB-25 Datasheet HTML 8Page - Winbond W971GG6JB-25 Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 87 page
background image
W971GG6JB
Publication Release Date: Sep. 24, 2013
- 5 -
Revision A09
3.
ORDER INFORMATION
PART NUMBER
SPEED GRADE
OPERATING TEMPERATURE
W971GG6JB-18
DDR2-1066 (6-6-6)
0°C
≤ TCASE ≤ 85°C
W971GG6JB-25
DDR2-800 (5-5-5)
0°C
≤ TCASE ≤ 85°C
W971GG6JB25I
DDR2-800 (5-5-5)
-40°C
≤ TCASE ≤ 95°C
W971GG6JB25A
DDR2-800 (5-5-5)
-40°C
≤ TA, TCASE ≤ 95°C
W971GG6JB25K
DDR2-800 (5-5-5)
-40°C
≤ TA, TCASE ≤ 105°C
W971GG6JB25L
DDR2-800 (5-5-5)
0°C
≤ TCASE ≤ 85°C
W971GG6JB-3
DDR2-667 (5-5-5)
0°C
≤ TCASE ≤ 85°C
W971GG6JB-3A
DDR2-667 (5-5-5)
-40°C
≤ TA, TCASE ≤ 95°C
4.
KEY PARAMETERS
SYM.
SPEED GRADE
DDR2-1066
DDR2-800
DDR2-800 DDR2-667
Bin(CL-tRCD-tRP)
6-6-6
5-5-5
5-5-5
5-5-5
Part Number Extension
-18
-25/25I/25A/25K
25L
-3/-3A
tCK(avg)
Average clock period
@CL = 7
Min.
1.875 nS
Max.
7.5 nS
@CL = 6
Min.
1.875 nS
2.5 nS
2.5 nS
Max.
7.5 nS
8 nS
8 nS
@CL = 5
Min.
2.5 nS
2.5 nS
2.5 nS
3 nS
Max.
7.5 nS
8 nS
8 nS
8 nS
@CL = 4
Min.
3 nS
3.75 nS
3.75 nS
3.75 nS
Max.
7.5 nS
8 nS
8 nS
8 nS
@CL = 3
Min.
5 nS
5 nS
5 nS
Max.
8 nS
8 nS
8 nS
tRCD
Active to Read/Write Command Delay Time
Min.
11.25 nS
12.5 nS
12.5 nS
15 nS
tREFI
Average periodic
refresh Interval
-40°C
≤ TCASE ≤ 85°C
Max.
*2
7.8
μS*
2, 3
*2
7.8
μS*
2, 3
0°C
≤ TCASE ≤ 85°C
7.8
μS*
1
7.8
μS*
1
7.8
μS*
1
7.8
μS*
1
85°C < TCASE
≤ 95°C
3.9
μS*
4
3.9
μS*
4
3.9
μS*
4
3.9
μS*
4
95°C < TCASE
≤ 105°C
*6
3.9
μS*
5
*6
*6
tRP
Precharge to Active Command Period
Min.
11.25 nS
12.5 nS
12.5 nS
15 nS
tRC
Active to Ref/Active Command Period
Min.
51.25 nS
52.5 nS
52.5 nS
55 nS
tRAS
Active to Precharge Command Period
Min.
40 nS
40 nS
40 nS
40 nS
IDD0
Operating one bank active-precharge current
Max.
85 mA
80 mA
80 mA
75 mA
IDD1
Operating one bank active-read-precharge current
Max.
90 mA
85 mA
85 mA
80 mA
IDD2P
Precharge power-down current
Max.
10 mA
10 mA
7 mA
10 mA
IDD4R
Operating burst read current
Max.
155 mA
130 mA
130 mA
120 mA
IDD4W
Operating burst write current
Max.
160 mA
135 mA
135 mA
125 mA
IDD5B
Burst refresh current
Max.
145 mA
130 mA
130 mA
120 mA
IDD6
Self refresh current (TCASE
≤ 85
C)
Max.
10 mA
10 mA
4 mA
10 mA
IDD7
Operating bank interleave read current
Max.
285 mA
225 mA
225 mA
195 mA
Notes:
1. All speed grades support 0°C
≤ TCASE ≤ 85°C with full JEDEC AC and DC specifications.
2. For -18, -25, 25L and -3 speed grades, -40°C
≤ TCASE < 0°C is not available.
3. 25I, 25A, 25K and -3A speed grades support -40°C
≤ TCASE ≤ 85°C with full JEDEC AC and DC specifications.
4. For all speed grade parts, TCASE is able to extend to 95°C with doubling Auto Refresh commands in frequency to a 32 mS
period ( tREFI = 3.9 µS) and to enter to Self Refresh mode at this high temperature range via A7 "1" on EMR (2).
5. For 25K automotive speed grade, TCASE is able to extend to 105°C with doubling Auto Refresh commands in frequency to a
32 mS period ( tREFI = 3.9 µS) and to enter to Self Refresh mode at this high temperature range via A7 "1" on EMR (2).
6. For -18, -25, 25L, 25I, 25A, -3 and -3A speed grades, 95°C < TCASE
≤ 105°C is not available.


Similar Part No. - W971GG6JB-25

ManufacturerPart #DatasheetDescription
logo
Winbond
W971GG6JB WINBOND-W971GG6JB Datasheet
1Mb / 87P
   8M ??8 BANKS ??16 BIT DDR2 SDRAM
W971GG6JB25I WINBOND-W971GG6JB25I Datasheet
1Mb / 87P
   DLL aligns DQ and DQS transitions with clock, Auto Refresh and Self Refresh modes, Write Data Mask
More results

Similar Description - W971GG6JB-25

ManufacturerPart #DatasheetDescription
logo
Winbond
W9751G6JB-25 WINBOND-W9751G6JB-25 Datasheet
1Mb / 87P
   8M x 4 BANKS x 16 BIT DDR2 SDRAM
W971GG6KB25I-TR WINBOND-W971GG6KB25I-TR Datasheet
1Mb / 87P
   8M 8 BANKS 16 BIT DDR2 SDRAM
W971GG6JB WINBOND-W971GG6JB Datasheet
1Mb / 87P
   8M ??8 BANKS ??16 BIT DDR2 SDRAM
logo
Elite Semiconductor Mem...
M15F1G1664A ESMT-M15F1G1664A Datasheet
4Mb / 131P
   8M x 16 Bit x 8 Banks DDR3 SDRAM
M54D1G1664A ESMT-M54D1G1664A Datasheet
4Mb / 131P
   8M x 16 Bit x 8 Banks LPDDR2 SDRAM
M15T1G1664A ESMT-M15T1G1664A Datasheet
5Mb / 147P
   8M x 16 Bit x 8 Banks DDR3(L) SDRAM
logo
Winbond
W982508AH WINBOND-W982508AH Datasheet
1Mb / 41P
   8M X 4 BANKS X 8 BIT SDRAM
W972GG8JB WINBOND-W972GG8JB_12 Datasheet
1Mb / 87P
   32M x 8 BANKS x 8 BIT DDR2 SDRAM
W971GG8JB WINBOND-W971GG8JB_12 Datasheet
1Mb / 87P
   16M x 8 BANKS x 8 BIT DDR2 SDRAM
W9725G8JB WINBOND-W9725G8JB Datasheet
1Mb / 86P
   8M ??4 BANKS ??8 BIT DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com