Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W948D6FBHX6E Datasheet(PDF) 10 Page - Winbond

Part # W948D6FBHX6E
Description  256Mb Mobile LPDDR
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W948D6FBHX6E Datasheet(HTML) 10 Page - Winbond

Back Button W948D6FBHX6E Datasheet HTML 6Page - Winbond W948D6FBHX6E Datasheet HTML 7Page - Winbond W948D6FBHX6E Datasheet HTML 8Page - Winbond W948D6FBHX6E Datasheet HTML 9Page - Winbond W948D6FBHX6E Datasheet HTML 10Page - Winbond W948D6FBHX6E Datasheet HTML 11Page - Winbond W948D6FBHX6E Datasheet HTML 12Page - Winbond W948D6FBHX6E Datasheet HTML 13Page - Winbond W948D6FBHX6E Datasheet HTML 14Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 60 page
background image
W948D6FB / W948D2FB
256Mb Mobile LPDDR
Publication Release Date : Oct, 15, 2012
- 10 -
Revision : A01-004
6. FUNCTION DESCRIPTION
6.1 Initialization
LPDDR SDRAM must be powered up and initialized in a predefined manner. Operations procedures other than
those specified may result in undefined operation. If there is any interruption to the device power, the initialization
routine should be followed. The steps to be followed for device initialization are listed below.
The Mode Register and Extended Mode Register do not have default values. If they are not programmed during the
initialization sequence, it may lead to unspecified operation. The clock stop feature is not available until the device
has been properly initialized from Step 1 through 11.
Step 1: Provide power, the device core power (VDD) and the device I/O power (VDDQ) must be brought up
simultaneously to prevent device latch-up. Although not required, it is recommended that VDD and VDDQ
are from the same power source. Also Assert and hold Clock Enable (CKE) to a LVCMOS logic high level.
Step 2: Once the system has established consistent device power and CKE is driven high, it is safe to apply
stable clock.
Step 3: There must be at least 200
μs of valid clocks before any command may be given to the DRAM. During this
time NOP or DESELECT commands must be issued on the command bus.
Step 4: Issue a PRECHARGE ALL command.
Step 5: Provide NOPs or DESELECT commands for at least tRP time.
Step 6: Issue an AUTO REFRESH command followed by NOPs or DESELECT command for at least tRFC time.
Issue the second AUTO REFRESH command followed by NOPs or DESELECT command for at least
tRFC time. Note as part of the initialization sequence there must be two Auto Refresh commands issued.
The typical flow is to issue them at Step 6, but they may also be issued between steps 10 and 11.
Step 7: Using the MRS command, program the base mode register. Set the desired operation modes.
Step 8: Provide NOPs or DESELECT commands for at least tMRD time.
Step 9: Using the MRS command, program the extended mode register for the desired operating modes. Note the
order of the base and extended mode register programmed is not important.
Step 10: Provide NOP or DESELECT commands for at least tMRD time.
Step 11: The DRAM has been properly initialized and is ready for any valid command.


Similar Part No. - W948D6FBHX6E

ManufacturerPart #DatasheetDescription
logo
Winbond
W948D6FBHX6E WINBOND-W948D6FBHX6E Datasheet
1Mb / 60P
   256Mb Mobile LPDDR
W948D6FBHX6E WINBOND-W948D6FBHX6E Datasheet
969Kb / 60P
   256Mb Mobile LPDDR
More results

Similar Description - W948D6FBHX6E

ManufacturerPart #DatasheetDescription
logo
Winbond
W948D6FBHX5E-TR WINBOND-W948D6FBHX5E-TR Datasheet
969Kb / 60P
   256Mb Mobile LPDDR
W948D6FB WINBOND-W948D6FB Datasheet
1Mb / 60P
   256Mb Mobile LPDDR
W947D6HBHX6E-TR WINBOND-W947D6HBHX6E-TR Datasheet
1Mb / 60P
   128Mb Mobile LPDDR
W947D6HB WINBOND-W947D6HB Datasheet
1Mb / 60P
   128Mb Mobile LPDDR
W949D6CB WINBOND-W949D6CB Datasheet
1Mb / 60P
   512Mb Mobile LPDDR
W988D6FBGX6E-TR WINBOND-W988D6FBGX6E-TR Datasheet
1Mb / 64P
   256Mb Mobile LPSDR
logo
Samsung semiconductor
K5D5657ACM SAMSUNG-K5D5657ACM Datasheet
1Mb / 74P
   256Mb NAND and 256Mb Mobile SDRAM
logo
Winbond
W988D6FB WINBOND-W988D6FB Datasheet
1Mb / 68P
   256Mb Mobile LPSDR
W988D6FB WINBOND-W988D6FB_13 Datasheet
1Mb / 66P
   256Mb Mobile LPSDR
logo
Nanya Technology Corpor...
NT6AN128M16AV NANYA-NT6AN128M16AV Datasheet
11Mb / 324P
   Commercial Mobile LPDDR 2Gb/4Gb(DDP) SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com