Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WPGT-20B350 Datasheet(PDF) 11 Page - World Produts Inc.

Part # WPGT-20B350
Description  Gas Discharge Tubes
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

WPGT-20B350 Datasheet(HTML) 11 Page - World Produts Inc.

Back Button WPGT-20B350 Datasheet HTML 7Page - World Produts Inc. WPGT-20B350 Datasheet HTML 8Page - World Produts Inc. WPGT-20B350 Datasheet HTML 9Page - World Produts Inc. WPGT-20B350 Datasheet HTML 10Page - World Produts Inc. WPGT-20B350 Datasheet HTML 11Page - World Produts Inc. WPGT-20B350 Datasheet HTML 12Page - World Produts Inc. WPGT-20B350 Datasheet HTML 13Page - World Produts Inc. WPGT-20B350 Datasheet HTML 14Page - World Produts Inc. WPGT-20B350 Datasheet HTML 15Page - World Produts Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
Gas DischarGe Tubes
WORLD PRODUCTS INC. 19654 Eighth Street East, Sonoma, CA 95476 | Phone (707) 996-5201 | Fax (707) 996-3380 | www.worldproducts.com
Rev. 13.9
Gas Discharge Tubes | 9
2 Electrode Switching Series (2T)
Specifications
Base
Part Number
DC
Breakdown
Voltage
(V)
Maximum
Ignition
Frequency
(HZ)
Switching
Operations
(times)
Minimum
Insulation
Resistance
(GΩ)*
Operating
Temperature
°C
Maximum
Capacitance
0.1Vrms
1MHZ
(pf)
100V/s
WPGT-2T350
350 ± 10%
400
1 x 105
1
-45~+125
1
WPGT-2T400
400 ± 10%
400
1 x 105
1
-45~+125
1
WPGT-2T470
470 ± 10%
400
1 x 105
1
-45~+125
1
WPGT-2T600
600 ± 10%
400
1 x 105
1
-45~+125
1
WPGT-2T800
800 ± 10%
400
1 x 105
1
-45~+125
1
WPGT-2T1000
1000 ± 10%
400
1 x 105
1
-45~+125
1
UL497B Recognized, File #E135015 (WiththeexceptionofWPGT-2T800andWPGT-2T1000.)UL1449 and CUL 3rd Edition recognized, File #E321567 for
WPGT-2T800 and WPGT-2T1000.
*DC Breakdown Voltage
DC Measuring Voltage
350-400V
100V
470-1000V
250V
Dimensions
Unit: mm
Item
Dimensions
D
8 .0 ± 0 .3
T
6 .0 ± 0 .3
d
0 .8 ± 0 .05
L
25 Max .
Basic Application Circuit
T
L
D
d
L Type (d) = 0.8mm
B Type
Load
Switching
GDT
R
C
V


Similar Part No. - WPGT-20B350

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
WPGT-2R800B8LCTA WPI-WPGT-2R800B8LCTA Datasheet
1Mb / 34P
   Gas Discharge Tubes
WPGT-2RM1000 WPI-WPGT-2RM1000 Datasheet
1Mb / 34P
   Gas Discharge Tubes
WPGT-2RM120 WPI-WPGT-2RM120 Datasheet
1Mb / 34P
   Gas Discharge Tubes
WPGT-2RM1200 WPI-WPGT-2RM1200 Datasheet
1Mb / 34P
   Gas Discharge Tubes
WPGT-2RM130 WPI-WPGT-2RM130 Datasheet
1Mb / 34P
   Gas Discharge Tubes
More results

Similar Description - WPGT-20B350

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
GTCA36-231M-R10-FT MACOM-GTCA36-231M-R10-FT Datasheet
221Kb / 6P
   Gas Discharge Tubes
logo
SUNMATE electronic Co.,...
2R075-4S SUNMATE-2R075-4S Datasheet
674Kb / 3P
   GAS DISCHARGE TUBES
SMD5050-1000N SUNMATE-SMD5050-1000N Datasheet
404Kb / 2P
   GAS DISCHARGE TUBES
2R3000-6S SUNMATE-2R3000-6S Datasheet
932Kb / 3P
   GAS DISCHARGE TUBES
logo
Ruilongyuan Electronics...
2RB-5 RUILON-2RB-5 Datasheet
797Kb / 6P
   Gas Discharge Tubes
RL1212 RUILON-RL1212 Datasheet
555Kb / 5P
   Gas Discharge Tubes
logo
Tyco Electronics
GTCX28-XXXM-R05 MACOM-GTCX28-XXXM-R05 Datasheet
105Kb / 5P
   Gas Discharge Tubes
GTCX36-XXXM-R05 MACOM-GTCX36-XXXM-R05 Datasheet
144Kb / 6P
   Gas Discharge Tubes
logo
Ruilongyuan Electronics...
2R-6S RUILON-2R-6S Datasheet
711Kb / 6P
   Gas Discharge Tubes
2RA-6C RUILON-2RA-6C Datasheet
665Kb / 5P
   Gas Discharge Tubes
logo
Littelfuse
SL1021A145 LITTELFUSE-SL1021A145 Datasheet
272Kb / 4P
   Gas Discharge Tubes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com