Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TVZ20EB241KBS Datasheet(PDF) 6 Page - World Produts Inc.

Part # TVZ20EB241KBS
Description  Thermally Protectected Varistors
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

TVZ20EB241KBS Datasheet(HTML) 6 Page - World Produts Inc.

Back Button TVZ20EB241KBS Datasheet HTML 2Page - World Produts Inc. TVZ20EB241KBS Datasheet HTML 3Page - World Produts Inc. TVZ20EB241KBS Datasheet HTML 4Page - World Produts Inc. TVZ20EB241KBS Datasheet HTML 5Page - World Produts Inc. TVZ20EB241KBS Datasheet HTML 6Page - World Produts Inc. TVZ20EB241KBS Datasheet HTML 7Page - World Produts Inc. TVZ20EB241KBS Datasheet HTML 8Page - World Produts Inc. TVZ20EB241KBS Datasheet HTML 9Page - World Produts Inc. TVZ20EB241KBS Datasheet HTML 10Page - World Produts Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
Thermally ProTecTecTed VarisTors
WORLD PRODUCTS INC. 19654 Eighth Street East, Sonoma, CA 95476 | Phone (707) 996-5201 | Fax (707) 996-3380 | www.worldproducts.com
Rev. 12.3
4 | Thermally Protected Varistors
Part Number System
TVZ 20 E B N 241 K B S
(1) (2) (3) (4) (5)
(6) (7) (8) (9)
(1) Thermally Protected Varistor
(2) Diameter
14: 14mm
18: 18mm
20: 20mm
25: 25mm (available in round and rectangular type)
34: 34mm
(3) Energy Rating
D: 25mm (round type)
E: 14mm, 18mm & 20mm
R: 25mm (rectangular type), 34mm
(4) Fuse Location
Blank: 3-Leaded, Thermal Link Located on Third Lead
(Available in 25mm round type)
B: 2-Leaded, No Monitor Lead
(Available in 14mm, 18mm, 20mm, 25mm [both
round and rectangular type] & 34mm)
C: 3-Leaded, Thermal Link Located on Second Lead
(Available in 14mm, 18mm, 20mm, 25mm
(rectangle type**) & 34mm)
(5) N: RoHS Compliant Series
(6) Varistor Voltage/AC Voltage
Varistor Voltage for 14, 18, 20, & 25mm,
201 = 20 x 101 = 200VDC
AC Voltage for 34mm,
151 = 150VAC
(7) Tolerance
K: ±10%
(8) Packaging
B: Bulk
For taped and lead configuration of taped parts,
see taping specifications for suffix codes.
(9) Lead Configuration for Bulk Parts Only
S: For 34mm series denotes Standard Lead.
S: Straight (For varistor voltage ≤681K), and in-line
crimped (for varistor voltage >681K) for 14, 18, 20 &
25mm series.
L: In-line crimped (For varistor voltage ≤681K) for 14,
18, 20 & 25mm series.
N: Varistor voltage >681 come standard with in-line
crimp (see illustration below) for straight disc seating
on PC boards. If straight leads are required instead of
in-line crimp please use code “N” in this position, for
14, 18, 20 & 25 mm series.
(10)Suffix for Custom Types
X33: Alternative Design with 3mm Monitor Terminal
(34mm only). See Fuse Configuration & Dimensions
for 34mm for more information.
In-line Crimp (3 leaded type)*
3mm max.
In-line Crimp (2 leaded type)
Absolute Maximum Ratings***
Continuous RMS Current (Monitor Lead)
100mA
Typical Response Time
<15n seconds
Insulation Resistance
>1000MΩ
Hi-Pot Encapsulation
2500 VDC
Maximum Voltage-Temperature Coefficient
<0.01%/°C
Operating Temperature Range
-55°C to 85°C
Storage Temperature Range
-55°C to 125°C
Isolation Capability
(when thermal element is open)
600VAC
NOTES:
*For 3 leaded 14mm, 18mm, and 20mm types with in-line crimp
monitor lead is straight. For 25mm round and rectangular types
monitor lead is in-line crimped.
**25mm (rectangle type) 3-leaded version has fuse located on the
third lead (same as 25mm round type).
***Stresses above those stated in
Absolute Maximum Ratings
may cause permanent damage to the device. These are stress only
ratings and operation of the device at these or any other conditions
exceeding these ratings is not implied.


Similar Description - TVZ20EB241KBS

ManufacturerPart #DatasheetDescription
logo
Littelfuse
TMOV34S111MP LITTELFUSE-TMOV34S111MP Datasheet
994Kb / 8P
   Industrial High Energy Thermally Protected Varistors > TMOV짰34S Series
EC635 LITTELFUSE-EC635 Datasheet
325Kb / 4P
   Designing with thermally protected TMOV Varistors in TVSS Applications
LST3205VL2NT1 LITTELFUSE-LST3205VL2NT1 Datasheet
559Kb / 4P
   Metal Oxide Varistors (MOVs) LST Varistor Series > SPD Thermally Protected Varistor
Revised: 02/18/21
logo
DB Lectro Inc
JV1812ML050A DBLECTRO-JV1812ML050A Datasheet
144Kb / 3P
   VARISTORS
logo
List of Unclassifed Man...
2232592 ETC2-2232592 Datasheet
172Kb / 23P
   Varistors
logo
Vishay Siliconix
2322592 VISHAY-2322592 Datasheet
269Kb / 18P
   Varistors
Revision: 28-Apr-04
logo
Semikron International
SKVC20A460C SEMIKRON-SKVC20A460C Datasheet
149Kb / 2P
   VARISTORS
logo
EPCOS
B72205S2131K101 EPCOS-B72205S2131K101 Datasheet
113Kb / 11P
   Leaded Varistors
SIOV-CT0603M4G EPCOS-SIOV-CT0603M4G Datasheet
131Kb / 15P
   SMD Varistors
logo
Panasonic Semiconductor
EZJPZV6R8GANIL PANASONIC-EZJPZV6R8GANIL Datasheet
452Kb / 13P
   Multilayer Varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com