Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EV10D625K Datasheet(PDF) 3 Page - World Produts Inc.

Part # EV10D625K
Description  Metal Oxide Varistors
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

EV10D625K Datasheet(HTML) 3 Page - World Produts Inc.

  EV10D625K Datasheet HTML 1Page - World Produts Inc. EV10D625K Datasheet HTML 2Page - World Produts Inc. EV10D625K Datasheet HTML 3Page - World Produts Inc. EV10D625K Datasheet HTML 4Page - World Produts Inc. EV10D625K Datasheet HTML 5Page - World Produts Inc. EV10D625K Datasheet HTML 6Page - World Produts Inc. EV10D625K Datasheet HTML 7Page - World Produts Inc. EV10D625K Datasheet HTML 8Page - World Produts Inc. EV10D625K Datasheet HTML 9Page - World Produts Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 59 page
background image
Metal Oxide VaristOrs - eV series
WORLD PRODUCTS INC. 19654 Eighth Street East, Sonoma, CA 95476 | Phone (707) 996-5201 | Fax (707) 996-3380 | www.worldproducts.com
Rev. 3.1
Metal Oxide Varistors - EV Series | 1
Table of Contents
Definition of Terms (according to IEEE specifications C62.33) ..........................................
2
General Characteristics........................................................................
2
Approvals ..................................................................................
3
Part Numbering System .......................................................................
4
Standard Dimensions and Lead Modification Options ................................................
6
5mm & 7mm Standard Series Thickness & Offset Dimensions ...................................
8
10mm & 14mm Standard Series Thickness & Offset Dimensions .................................
9
20mm Standard Series Thickness & Offset Dimensions ........................................
10
5mm & 7mm High Energy (-J) Series Thickness & Offset Dimensions .............................
11
10mm High Energy (-J) Series Thickness & Offset Dimensions...................................
12
14mm High Energy (-J) Series Thickness & Offset Dimensions...................................
13
20mm High Energy (-J) Series Thickness & Offset Dimensions...................................
14
14mm & 20mm Ultra High Energy (-H) Series Thickness & Offset Dimensions .......................
15
22mm Standard Tab Lead Thickness & Offset Dimensions ......................................
16
22mm Standard Wire Lead Thickness & Offset Dimensions .....................................
17
34mm Standard Tab Lead Thickness & Offset Dimensions ......................................
18
......................34mm Ultra High Energy (-H) Series-Tab Lead Thickness & Offset Dimensions
19
22mm Pin Type Series-Tab Lead Thickness & Offset Dimensions ..........................
20
34mm Pin Type Series-Tab Lead Thickness & Offset Dimensions.................................
21
22mm - Uncoated with No Leads Thickness ................................................
22
34mm - Uncoated with No Leads Thickness .................................................
23
Electrical Characteristics Standard Series (5, 7, 10, 14, & 20mm).......................................
24
Electrical Characteristics Standard Series (22mm) ...................................................
29
Electrical Characteristics Standard Series (34mm) ...................................................
30
Electrical Characteristics High Energy (-J) Series (5, 7, 10, 14, & 20mm)..................................
31
Electrical Characteristics Ultra High Energy (-H) Series (14 & 20mm) ....................................
36
Electrical Characteristics Ultra High Energy (-H) Series (34mm).........................................
38
Peak Pulse and Derating Curve .................................................................
39
Temperature Derating Curve Power and Energy Rating vs. Temperature..................................
39
Soldering Profile .............................................................................
39
Power Dissipation Ratings .....................................................................
39
V-I Characteristics ............................................................................
40
Standard Bulk Packaging ......................................................................
44
5mm/7mm Taping Specs ......................................................................
45
10mm Taping Specs ..........................................................................
47
14mm Taping Specs ..........................................................................
51
20mm Taping Specs ..........................................................................
55


Similar Part No. - EV10D625K

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
EV10-10FB-Q PANDUIT-EV10-10FB-Q Datasheet
2Mb / 12P
   Terminals & Cable Ties
1/2018
EV10-10FNB-Q PANDUIT-EV10-10FNB-Q Datasheet
2Mb / 12P
   Terminals & Cable Ties
1/2018
EV10-10LFB-Q PANDUIT-EV10-10LFB-Q Datasheet
2Mb / 12P
   Terminals & Cable Ties
1/2018
EV10-10RB-Q PANDUIT-EV10-10RB-Q Datasheet
2Mb / 12P
   Terminals & Cable Ties
1/2018
EV10-12RB-Q PANDUIT-EV10-12RB-Q Datasheet
2Mb / 12P
   Terminals & Cable Ties
1/2018
More results

Similar Description - EV10D625K

ManufacturerPart #DatasheetDescription
logo
MDE Semiconductor, Inc.
MDE-34S201KBD MDE-MDE-34S201KBD Datasheet
105Kb / 1P
   Metal Oxide Varistors
MDE-7D180M MDE-MDE-7D180M Datasheet
90Kb / 1P
   Metal Oxide Varistors
MDE-25D201K MDE-MDE-25D201K Datasheet
94Kb / 1P
   Metal Oxide Varistors
logo
Ceramate Technical
GNR05D180K CERAMATE-GNR05D180K Datasheet
168Kb / 3P
   METAL OXIDE VARISTORS
logo
EPCOS
CT0402L14UG EPCOS-CT0402L14UG Datasheet
97Kb / 6P
   Metal Oxide Varistors
logo
SUNMATE electronic Co.,...
40D SUNMATE-40D Datasheet
849Kb / 4P
   METAL OXIDE VARISTORS
SM2220A SUNMATE-SM2220A Datasheet
1Mb / 4P
   METAL OXIDE VARISTORS
logo
Ruilongyuan Electronics...
MOV-40D RUILON-MOV-40D Datasheet
811Kb / 6P
   Metal Oxide Varistors
MOV-25D RUILON-MOV-25D Datasheet
733Kb / 7P
   Metal Oxide Varistors
logo
Shanghai Yint Electroni...
7DSERIES YINT-7DSERIES Datasheet
670Kb / 4P
   Metal Oxide Varistors
logo
Shanghai Leiditech Elec...
20D180 LEIDITECH-20D180 Datasheet
871Kb / 4P
   Metal Oxide Varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com