Electronic Components Datasheet Search |
|
TVZ18EBN271KBS Datasheet(PDF) 6 Page - World Produts Inc. |
|
TVZ18EBN271KBS Datasheet(HTML) 6 Page - World Produts Inc. |
6 / 36 page Thermally ProTecTecTed VarisTors WORLD PRODUCTS INC. 19654 Eighth Street East, Sonoma, CA 95476 | Phone (707) 996-5201 | Fax (707) 996-3380 | www.worldproducts.com Rev. 12.3 4 | Thermally Protected Varistors Part Number System TVZ 20 E B N 241 K B S (1) (2) (3) (4) (5) (6) (7) (8) (9) (1) Thermally Protected Varistor (2) Diameter 14: 14mm 18: 18mm 20: 20mm 25: 25mm (available in round and rectangular type) 34: 34mm (3) Energy Rating D: 25mm (round type) E: 14mm, 18mm & 20mm R: 25mm (rectangular type), 34mm (4) Fuse Location Blank: 3-Leaded, Thermal Link Located on Third Lead (Available in 25mm round type) B: 2-Leaded, No Monitor Lead (Available in 14mm, 18mm, 20mm, 25mm [both round and rectangular type] & 34mm) C: 3-Leaded, Thermal Link Located on Second Lead (Available in 14mm, 18mm, 20mm, 25mm (rectangle type**) & 34mm) (5) N: RoHS Compliant Series (6) Varistor Voltage/AC Voltage Varistor Voltage for 14, 18, 20, & 25mm, 201 = 20 x 101 = 200VDC AC Voltage for 34mm, 151 = 150VAC (7) Tolerance K: ±10% (8) Packaging B: Bulk For taped and lead configuration of taped parts, see taping specifications for suffix codes. (9) Lead Configuration for Bulk Parts Only S: For 34mm series denotes Standard Lead. S: Straight (For varistor voltage ≤681K), and in-line crimped (for varistor voltage >681K) for 14, 18, 20 & 25mm series. L: In-line crimped (For varistor voltage ≤681K) for 14, 18, 20 & 25mm series. N: Varistor voltage >681 come standard with in-line crimp (see illustration below) for straight disc seating on PC boards. If straight leads are required instead of in-line crimp please use code “N” in this position, for 14, 18, 20 & 25 mm series. (10)Suffix for Custom Types X33: Alternative Design with 3mm Monitor Terminal (34mm only). See Fuse Configuration & Dimensions for 34mm for more information. In-line Crimp (3 leaded type)* 3mm max. In-line Crimp (2 leaded type) Absolute Maximum Ratings*** Continuous RMS Current (Monitor Lead) 100mA Typical Response Time <15n seconds Insulation Resistance >1000MΩ Hi-Pot Encapsulation 2500 VDC Maximum Voltage-Temperature Coefficient <0.01%/°C Operating Temperature Range -55°C to 85°C Storage Temperature Range -55°C to 125°C Isolation Capability (when thermal element is open) 600VAC NOTES: *For 3 leaded 14mm, 18mm, and 20mm types with in-line crimp monitor lead is straight. For 25mm round and rectangular types monitor lead is in-line crimped. **25mm (rectangle type) 3-leaded version has fuse located on the third lead (same as 25mm round type). ***Stresses above those stated in Absolute Maximum Ratings may cause permanent damage to the device. These are stress only ratings and operation of the device at these or any other conditions exceeding these ratings is not implied. |
Similar Description - TVZ18EBN271KBS |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |