Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W25Q64FVSSIG Datasheet(PDF) 59 Page - Winbond

Part # W25Q64FVSSIG
Description  3V 64M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q64FVSSIG Datasheet(HTML) 59 Page - Winbond

Back Button W25Q64FVSSIG Datasheet HTML 55Page - Winbond W25Q64FVSSIG Datasheet HTML 56Page - Winbond W25Q64FVSSIG Datasheet HTML 57Page - Winbond W25Q64FVSSIG Datasheet HTML 58Page - Winbond W25Q64FVSSIG Datasheet HTML 59Page - Winbond W25Q64FVSSIG Datasheet HTML 60Page - Winbond W25Q64FVSSIG Datasheet HTML 61Page - Winbond W25Q64FVSSIG Datasheet HTML 62Page - Winbond W25Q64FVSSIG Datasheet HTML 63Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 89 page
background image
W25Q64FV
Publication Release Date:
October 07, 2013
- 59 -
Revision L
6.2.32
Read Manufacturer / Device ID Quad I/O (94h)
The Read Manufacturer / Device ID Quad I/O instruction is an alternative to the Read Manufacturer /
Device ID instruction that provides both the JEDEC assigned manufacturer ID and the specific device ID
at 4x speed.
The Read Manufacturer / Device ID Quad I/O instruction is similar to the Fast Read Quad I/O instruction.
The instruction is initiated by driving the /CS pin low and shifting the
instruction code “94h” followed by a
four clock dummy cycles and then a 24-bit address (A23-A0) of 000000h, but with the capability to input
the Address bits four bits per clock. After which, the Manufacturer ID for Winbond (EFh) and the Device
ID are shifted out four bits per clock on the falling edge of CLK with most significant bit (MSB) first as
shown in Figure 31. The Device ID values for the W25Q64FV is listed in Manufacturer and Device
Identification table. The Manufacturer and Device IDs can be read continuously, alternating from one to
the other. The instruction is completed by driving /CS high.
Mode 0
Mode 3
0
1
2
3
4
5
6
7
Instruction (94h)
High Impedance
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
5
1
4
0
23
Mode 0
Mode 3
IOs switch from
Input to Output
High Impedance
7
3
6
2
/CS
CLK
IO
0
IO
1
IO
2
IO
3
High Impedance
A23-16
A15-8
A7-0
(00h)
M7-0
MFR ID
Device ID
Dummy
Dummy
/CS
CLK
IO
0
IO
1
IO
2
IO
3
23
0
1
2
3
5
1
4
0
7
3
6
2
5
1
4
0
7
3
6
2
5
1
4
0
7
3
6
2
5
1
4
0
7
3
6
2
5
1
4
0
7
3
6
2
5
1
4
0
7
3
6
2
5
1
4
0
7
3
6
2
5
1
4
0
7
3
6
2
5
1
4
0
7
3
6
2
24
25
26
27
28
29
30
MFR ID
(repeat)
Device ID
(repeat)
MFR ID
(repeat)
Device ID
(repeat)
Figure 31. Read Manufacturer / Device ID Quad I/O Instruction (SPI Mode only)
Note:
The “Continuous Read Mode” bits M(7-0) must be set to Fxh to be compatible with Fast Read Quad I/O instruction.


Similar Part No. - W25Q64FVSSIG

ManufacturerPart #DatasheetDescription
logo
Winbond
W25Q64FVSSIG WINBOND-W25Q64FVSSIG Datasheet
1Mb / 88P
   3V 64M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q64FVSSIG WINBOND-W25Q64FVSSIG Datasheet
1Mb / 89P
   3V 64M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q64FVSSIG WINBOND-W25Q64FVSSIG Datasheet
1Mb / 92P
   3V 64M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
July 18, 2017
More results

Similar Description - W25Q64FVSSIG

ManufacturerPart #DatasheetDescription
logo
Winbond
W25Q64FV WINBOND-W25Q64FV_V01 Datasheet
1Mb / 92P
   3V 64M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
July 18, 2017
W25Q64FVZPIG WINBOND-W25Q64FVZPIG Datasheet
1Mb / 88P
   3V 64M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q64FV WINBOND-W25Q64FV Datasheet
1Mb / 89P
   3V 64M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q64JV-DTR WINBOND-W25Q64JV-DTR Datasheet
2Mb / 101P
   3V 64M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI & DTR
March 27, 2018 Revision J
W25Q64DW WINBOND-W25Q64DW Datasheet
1Mb / 82P
   1.8V 64M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q64DW WINBOND-W25Q64DW_12 Datasheet
1Mb / 82P
   1.8V 64M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
logo
Shenzhen Huazhimei Semi...
HM25Q64A HMSEMI-HM25Q64A Datasheet
13Mb / 76P
   3V 64M-BIT SERIAL FLASH MEMORY WITH DUAL, QUAD SPI
logo
Winbond
W25Q64FW WINBOND-W25Q64FW Datasheet
2Mb / 94P
   1.8V 64M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q32FV WINBOND-W25Q32FV Datasheet
969Kb / 99P
   3V 32M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q256FVBIF-TR WINBOND-W25Q256FVBIF-TR Datasheet
1Mb / 108P
   3V 256M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com