Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W25Q64FVSSIG Datasheet(PDF) 5 Page - Winbond

Part # W25Q64FVSSIG
Description  3V 64M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q64FVSSIG Datasheet(HTML) 5 Page - Winbond

  W25Q64FVSSIG Datasheet HTML 1Page - Winbond W25Q64FVSSIG Datasheet HTML 2Page - Winbond W25Q64FVSSIG Datasheet HTML 3Page - Winbond W25Q64FVSSIG Datasheet HTML 4Page - Winbond W25Q64FVSSIG Datasheet HTML 5Page - Winbond W25Q64FVSSIG Datasheet HTML 6Page - Winbond W25Q64FVSSIG Datasheet HTML 7Page - Winbond W25Q64FVSSIG Datasheet HTML 8Page - Winbond W25Q64FVSSIG Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 89 page
background image
W25Q64FV
Publication Release Date: October 07, 2013
- 5 -
Revision L
1. GENERAL DESCRIPTION
The W25Q64FV (64M-bit) Serial Flash memory provides a storage solution for systems with limited
space, pins and power. The 25Q series offers flexibility and performance well beyond ordinary Serial
Flash devices. They are ideal for code shadowing to RAM, executing code directly from Dual/Quad SPI
(XIP) and storing voice, text and data. The device operates on a single 2.7V to 3.6V power supply with
current consumption as low as 4mA active and 1µA for power-down. All devices are offered in space-
saving packages.
The W25Q64FV array is organized into 32,768 programmable pages of 256-bytes each. Up to 256 bytes
can be programmed at a time. Pages can be erased in groups of 16 (4KB sector erase), groups of 128
(32KB block erase), groups of 256 (64KB block erase) or the entire chip (chip erase). The W25Q64FV
has 2,048 erasable sectors and 128 erasable blocks respectively. The small 4KB sectors allow for greater
flexibility in applications that require data and parameter storage. (See figure 2.)
The W25Q64FV support the standard Serial Peripheral Interface (SPI), Dual/Quad I/O SPI as well as 2-
clocks instruction cycle Quad Peripheral Interface (QPI): Serial Clock, Chip Select, Serial Data I/O0 (DI),
I/O1 (DO), I/O2 (/WP), and I/O3 (/HOLD). SPI clock frequencies of up to 104MHz are supported allowing
equivalent clock rates of 208MHz (104MHz x 2) for Dual I/O and 416MHz (104MHz x 4) for Quad I/O
when using the Fast Read Dual/Quad I/O and QPI instructions. These transfer rates can outperform
standard Asynchronous 8 and 16-bit Parallel Flash memories. The Continuous Read Mode allows for
efficient memory access with as few as 8-clocks of instruction-overhead to read a 24-bit address, allowing
true XIP (execute in place) operation.
A Hold pin, Write Protect pin and programmable write protection, with top or bottom array control,
provide further control flexibility. Additionally, the device supports JEDEC standard manufacturer and
device identification, a 64-bit Unique Serial Number and four 256-bytes Security Registers.
2. FEATURES
 Family of SpiFlash Memories
– W25Q64FV: 64M-bit / 8M-byte (8,388,608)
– Standard SPI: CLK, /CS, DI, DO, /WP, /Hold
– Dual SPI: CLK, /CS, IO
0, IO1, /WP, /Hold
– Quad SPI: CLK, /CS, IO
0, IO1, IO2, IO3
– QPI: CLK, /CS, IO
0, IO1, IO2, IO3
 Highest Performance Serial Flash
– 104MHz Standard/Dual/Quad SPI clocks
– 208/416MHz equivalent Dual/Quad SPI
– 50MB/S continuous data transfer rate
– More than 100,000 erase/program cycles
– More than 20-year data retention
 Efficient “Continuous Read” and QPI Mode
– Continuous Read with 8/16/32/64-Byte Wrap
– As few as 8 clocks to address memory
– Quad Peripheral Interface (QPI) reduces
instruction overhead
– Allows true XIP (execute in place) operation
– Outperforms X16 Parallel Flash
 Low Power, Wide Temperature Range
– Single 2.7 to 3.6V supply
– 4mA active current, <1µA Power-down (typ.)
– -40°C to +85°C operating range
 Flexible Architecture with 4KB sectors
– Uniform Sector Erase (4K-bytes)
– Uniform Block Erase (32K and 64K-bytes)
– Program 1 to 256 byte per programmable page
– Erase/Program Suspend & Resume
 Advanced Security Features
– Software and Hardware Write-Protect
– Top/Bottom, 4KB complement array protection
– Power Supply Lock-Down and OTP protection
– 64-Bit Unique ID for each device
– Discoverable Parameters (SFDP) Register
– 3X256-Bytes Security Registers with OTP locks
– Volatile & Non-volatile Status Register Bits
 Space Efficient Packaging
– 8-pin SOIC/VSOP 208-mil
– 8-pad WSON 6x5-mm/8x6-mm
– 16-pin SOIC 300-mil
– 8-pin PDIP 300-mil
– 24-ball TFBGA 8x6-mm
– Contact Winbond for KGD and other options


Similar Part No. - W25Q64FVSSIG

ManufacturerPart #DatasheetDescription
logo
Winbond
W25Q64FVSSIG WINBOND-W25Q64FVSSIG Datasheet
1Mb / 88P
   3V 64M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q64FVSSIG WINBOND-W25Q64FVSSIG Datasheet
1Mb / 89P
   3V 64M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q64FVSSIG WINBOND-W25Q64FVSSIG Datasheet
1Mb / 92P
   3V 64M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
July 18, 2017
More results

Similar Description - W25Q64FVSSIG

ManufacturerPart #DatasheetDescription
logo
Winbond
W25Q64FV WINBOND-W25Q64FV_V01 Datasheet
1Mb / 92P
   3V 64M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
July 18, 2017
W25Q64FVZPIG WINBOND-W25Q64FVZPIG Datasheet
1Mb / 88P
   3V 64M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q64FV WINBOND-W25Q64FV Datasheet
1Mb / 89P
   3V 64M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q64JV-DTR WINBOND-W25Q64JV-DTR Datasheet
2Mb / 101P
   3V 64M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI & DTR
March 27, 2018 Revision J
W25Q64DW WINBOND-W25Q64DW Datasheet
1Mb / 82P
   1.8V 64M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q64DW WINBOND-W25Q64DW_12 Datasheet
1Mb / 82P
   1.8V 64M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
logo
Shenzhen Huazhimei Semi...
HM25Q64A HMSEMI-HM25Q64A Datasheet
13Mb / 76P
   3V 64M-BIT SERIAL FLASH MEMORY WITH DUAL, QUAD SPI
logo
Winbond
W25Q64FW WINBOND-W25Q64FW Datasheet
2Mb / 94P
   1.8V 64M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q32FV WINBOND-W25Q32FV Datasheet
969Kb / 99P
   3V 32M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q256FVBIF-TR WINBOND-W25Q256FVBIF-TR Datasheet
1Mb / 108P
   3V 256M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com