Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IP1621254A02 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # IP1621254A02
Description  4mm thick Iridium Patch Antenna, 1621MHz
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP1621254A02 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  IP1621254A02 Datasheet HTML 1Page - List of Unclassifed Manufacturers IP1621254A02 Datasheet HTML 2Page - List of Unclassifed Manufacturers IP1621254A02 Datasheet HTML 3Page - List of Unclassifed Manufacturers IP1621254A02 Datasheet HTML 4Page - List of Unclassifed Manufacturers IP1621254A02 Datasheet HTML 5Page - List of Unclassifed Manufacturers IP1621254A02 Datasheet HTML 6Page - List of Unclassifed Manufacturers IP1621254A02 Datasheet HTML 7Page - List of Unclassifed Manufacturers IP1621254A02 Datasheet HTML 8Page - List of Unclassifed Manufacturers IP1621254A02 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
SPE-11-8-017/D/SS | page 2 of 12
This miniaturized ceramic Iridium patch
antenna is based on smart XtremeGain™
technology. It is mounted via pin and
double-sided adhesive and has been
selected as optimal solution for the
customer device environment.
Iridium certifies the IP.1621.25.4.A.02 for
commercial use in connection with the
Iridium Communications systems.
1. Introduction
2. Key Antenna Performance Indicators
Original Patch Specification tested on 50*50mm ground plane
Parameter
Specification
Notes
Range of Receiving Frequency
1616~1626.5Mhz
Center Frequency
1621MHz ±3MHz
with 50*50mm GND Plane
Bandwidth
16MHz
Return Loss ≤-10dB
VSWR
1.5 max
Center Frequency
Gain at Zenith
+2.0dBi typ.
Center Frequency
Gain at 10° Elevation
Center Frequency
Axial Ratio
3 dB Max
Center Frequency
Polarization
RHCP
Impedance
50Ω
Frequency Temp Coefficient (Tf)
0±20ppm/°C
-40°C to +85°C
Operating Temperature
-40°C to +85°C
Antenna Weight
10g


Similar Part No. - IP1621254A02

ManufacturerPart #DatasheetDescription
logo
Interpion semiconductor
IP1621 INTERPION-IP1621 Datasheet
364Kb / 15P
   DUAL OUTPUT VOLTAGE LDO REGULATOR RESET IC
More results

Similar Description - IP1621254A02

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GP1575254A02 ETC2-GP1575254A02 Datasheet
820Kb / 8P
   4mm thick GPS Patch Antenna
logo
Taoglas antenna solutio...
GP1575.12.4.A.02 TAOGLAS-GP1575.12.4.A.02 Datasheet
655Kb / 12P
   4mm thick GPS Patch Antenna
CGGP.25.4.A.02 TAOGLAS-CGGP.25.4.A.02 Datasheet
688Kb / 12P
   4mm thick GPS/GLONASS Patch Antenna
logo
List of Unclassifed Man...
GP1575124A02 ETC2-GP1575124A02 Datasheet
589Kb / 12P
   4mm thick GPS Patch Antenna, 1575MHz
logo
Taoglas antenna solutio...
CGIP254A02 TAOGLAS-CGIP254A02 Datasheet
762Kb / 15P
   25mm Iridium Ceramic Patch Antenna
logo
List of Unclassifed Man...
CGGP254A02 ETC2-CGGP254A02 Datasheet
477Kb / 10P
   4mm thick GPS/GLONASS Patch Antenna, 1575-1610MHz
logo
Taoglas antenna solutio...
GP1575124A02 TAOGLAS-GP1575124A02 Datasheet
683Kb / 12P
   4mm thick Patch Antenna1575MHz
logo
TE Connectivity Ltd
955-048-XXX TEC-955-048-XXX Datasheet
142Kb / 3P
   IRIDIUM Screw Antenna
logo
Taoglas antenna solutio...
SWLP2450124B02 TAOGLAS-SWLP2450124B02 Datasheet
1Mb / 18P
   12*12*4mm 2.4GHz SMD Patch Antenna
logo
List of Unclassifed Man...
SWLP2450124B02 ETC2-SWLP2450124B02 Datasheet
1Mb / 13P
   12mm*12mm*4mm 2.4GHz SMD Patch Antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com