Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AME1117BCCT Datasheet(PDF) 11 Page - Analog Microelectronics

Part # AME1117BCCT
Description  1A Low Dropout Positive Voltage Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME1117BCCT Datasheet(HTML) 11 Page - Analog Microelectronics

Back Button AME1117BCCT Datasheet HTML 7Page - Analog Microelectronics AME1117BCCT Datasheet HTML 8Page - Analog Microelectronics AME1117BCCT Datasheet HTML 9Page - Analog Microelectronics AME1117BCCT Datasheet HTML 10Page - Analog Microelectronics AME1117BCCT Datasheet HTML 11Page - Analog Microelectronics AME1117BCCT Datasheet HTML 12Page - Analog Microelectronics AME1117BCCT Datasheet HTML 13Page - Analog Microelectronics AME1117BCCT Datasheet HTML 14Page - Analog Microelectronics AME1117BCCT Datasheet HTML 15Page - Analog Microelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Analog Microelectronics, Inc.
11
AME1117
1A Low Dropout Positive
Voltage Regulator
n
n
n
n
n Advanced Applications
Adjustable Output Voltage
Paralleling Regulators
* V
O = Vref (1 + R2/R1) + Iadj X R2
** Optional for improved ripple rejection
AME1117
10
µF
V
IN = 5V
10
µF
10
µF
* V
O = 1.5 ~ 3.45V
R1
2K
**
R2
1K
V
IN
V
OUT
ADJ
* 20m
Ω is ballast resistance
The inter-connection of #18 wire could act as ballast resistance.
AME1117
10
µF
V
IN
10
µF
V
O
AME1117
* 20m
* 20m
I
O = 0 to 2A
V
IN
V
OUT
GND
V
IN
V
OUT
GND


Similar Part No. - AME1117BCCT

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME1117BCCT AME-AME1117BCCT Datasheet
177Kb / 19P
   1A Low Dropout Positive Voltage Regulator
AME1117BCCTZ AME-AME1117BCCTZ Datasheet
177Kb / 19P
   1A Low Dropout Positive Voltage Regulator
More results

Similar Description - AME1117BCCT

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LM2940 UTC-LM2940 Datasheet
154Kb / 11P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Cystech Electonics Corp...
LM1117-XXXJ3 CYSTEKEC-LM1117-XXXJ3 Datasheet
309Kb / 5P
   1A Low Dropout Positive Voltage Regulator
logo
Torex Semiconductor
XB1117-12 TOREX-XB1117-12 Datasheet
183Kb / 12P
   1A Low Dropout Positive Voltage Regulator
logo
Cystech Electonics Corp...
LM1117-1.5L3 CYSTEKEC-LM1117-1.5L3 Datasheet
391Kb / 8P
   1A Low Dropout Positive Voltage Regulator
LM1117-XXXL3 CYSTEKEC-LM1117-XXXL3 Datasheet
427Kb / 8P
   1A Low Dropout Positive Voltage Regulator
logo
Unisonic Technologies
LM2940 UTC-LM2940_V01 Datasheet
539Kb / 12P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS1117BCW12 TSC-TS1117BCW12 Datasheet
247Kb / 7P
   1A Low Dropout Positive Voltage Regulator
logo
E-Tech Electronics LTD
LM2940 ETL-LM2940 Datasheet
369Kb / 12P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Torex Semiconductor
XB1117 TOREX-XB1117_15 Datasheet
183Kb / 12P
   1A Low Dropout Positive Voltage Regulator
logo
E-CMOS Corporation
EC50117S E-CMOS-EC50117S Datasheet
548Kb / 8P
   1A Low Dropout Positive Voltage Regulator
logo
Hi-Sincerity Mocroelect...
H1117E HSMC-H1117E Datasheet
44Kb / 4P
   1A LOW DROPOUT POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com