Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FN9222SR-5-07HI Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FN9222SR-5-07HI
Description  General Performance IEC Inlet Filter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FN9222SR-5-07HI Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FN9222SR-5-07HI Datasheet HTML 1Page - List of Unclassifed Manufacturers FN9222SR-5-07HI Datasheet HTML 2Page - List of Unclassifed Manufacturers FN9222SR-5-07HI Datasheet HTML 3Page - List of Unclassifed Manufacturers FN9222SR-5-07HI Datasheet HTML 4Page - List of Unclassifed Manufacturers FN9222SR-5-07HI Datasheet HTML 5Page - List of Unclassifed Manufacturers FN9222SR-5-07HI Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
General Performance IEC Inlet Filter
Approvals
n
Rated currents up to 20A
n
Excellent performance/size ratio
n
Optional medical versions (B type)
according to IEC/EN 60601-1
n
Snap-in versions (S and S1 type)
n
Hot inlet versions (HI type)
n
Optional overvoltage protection
(Z type)
Typical applications
The FN 9222 IEC inlet filter combines an
IEC inlet and mains filter with excellent filter
attenuation in a small form factor. Choosing
the FN 9222 product line brings you the rapid
availability of a standard filter associated with
the necessary safety acceptances. Standard
IEC connector filters are a practical solution
helping you to pass EMI system approval in
a short time. A wide selection on amperage
ratings, output connections, mounting
possibilities and filters for medical applications
are designed to offer you the desired solution.
n
Exceptional conducted attenuation
performance, based on chokes with high
saturation resistance and excellent thermal
behavior.
n
Rear/front or snap-in mounting.
n
Wide mounting flanges available.
n
Optional medical versions (B type) comply
with the requirements of IEC/EN 60601-1
for creepage and clearance, leakage
current and high potential testing.
n
12 and 15A types with hot inlet available.
n
Optional surge pulse protection.
n
Different output connections offering
maximum flexibility for assembly.
n
Custom-specific versions are available on
request.
n
Portable electrical and electronic
equipment
n
Small to medium-sized machines and
household equipment
n
Single-phase power supplies, switch-mode
power supplies
n
Test and measurement equipment
n
Medical equipment
n
Rack mounting equipment
Features and benefits
Technical specifications
Maximum continuous operating voltage:
250VAC, 50/60Hz
Operating frequency:
dc to 400Hz
Rated currents:
1 to 20A @ 50°C
Approvals by rated current:
1 to 10A (ENEC, CQC)
16A (ENEC, CQC) for 16 and 20A types
1 to 20A (UL, CSA)
High potential test voltage:
P –> PE 2000VAC for 2 sec (standard types)
P –> PE 2500VAC for 2 sec (B types)
P –> N 1000VAC for 2 sec (1 to 10A types, not Z types)
P –> N 250VAC for 2 sec (all Z types)
P –> N 1100VDC for 2 sec (16 and 20A types, not Z types)
Protection category:
IP40 according to IEC 60529
Temperature range (operation and storage):
-25°C to +85°C (25/85/21)
Design corresponding to:
UL 1283, CSA 22.2 No. 8 1986, IEC/EN 60939
(X to XX A, not Z types)
Flammability corresponding to:
UL 94V-2 or better
Surge pulse protection (optional):
2kV, IEC 61000-4-5
MTBF @ 40°C/230V (Mil-HB-217F):
≤15A: 3,040,000 hours
≥16A: 2,256,000 hours
Typical electrical schematic
N
PE
P
Line
Cx
R
2xL
2xCy
N‘
PE
P‘
Load
Z types
Standard, R and B types
N
PE
P
Line
Cx
2xL
2xCy
N‘
PE
P‘
Load
except HI-types
IEC Inlet Filters
FN 9222


Similar Part No. - FN9222SR-5-07HI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FN9222-15-06 ETC2-FN9222-15-06 Datasheet
724Kb / 6P
   General Performance IEC Inlet Filter
logo
Schaffner International...
FN9222EX-1-06 SCHAFFNER-FN9222EX-1-06 Datasheet
927Kb / 6P
   General Performance EMC/EMI Filter with Earth Line Choke
FN9222EX-10-06 SCHAFFNER-FN9222EX-10-06 Datasheet
927Kb / 6P
   General Performance EMC/EMI Filter with Earth Line Choke
FN9222EX-12-06 SCHAFFNER-FN9222EX-12-06 Datasheet
927Kb / 6P
   General Performance EMC/EMI Filter with Earth Line Choke
FN9222EX-12-06HI SCHAFFNER-FN9222EX-12-06HI Datasheet
927Kb / 6P
   General Performance EMC/EMI Filter with Earth Line Choke
More results

Similar Description - FN9222SR-5-07HI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FN9222-15-06 ETC2-FN9222-15-06 Datasheet
724Kb / 6P
   General Performance IEC Inlet Filter
logo
Schaffner International...
FN-9246 SCHAFFNER-FN-9246 Datasheet
2Mb / 4P
   High Performance IEC Inlet Filter
logo
List of Unclassifed Man...
FN9246-16-06 ETC2-FN9246-16-06 Datasheet
217Kb / 4P
   High Performance IEC Inlet Filter
logo
Delta Electronics, Inc.
08KEEG3EAM DELTA-08KEEG3EAM Datasheet
80Kb / 1P
   HIGH PERFORMANCE IEC INLET FILTERS
logo
Schaffner International...
FN2660 SCHAFFNER-FN2660 Datasheet
1Mb / 4P
   Low Profile - High performance, EMC/EMI IEC inlet filter
27. Sep 2022
FN2640 SCHAFFNER-FN2640 Datasheet
1Mb / 4P
   Low Profile - High performance, EMC/EMI IEC inlet filter
07. Sep 2022
logo
XP Power Limited
FASA XPPOWER-FASA Datasheet
633Kb / 3P
   IEC Inlet with Line Filter
logo
Schurter Inc.
5110 SCHURTER-5110_18 Datasheet
692Kb / 6P
   IEC Appliance Inlet C14 with Filter
logo
Delta Electronics, Inc.
08KENG3EAM-R DELTA-08KENG3EAM-R Datasheet
72Kb / 1P
   HIGH PERFORMANCE IEC INLET SNAP-IN FILTERS
logo
Schurter Inc.
KFS SCHURTER-KFS_V01 Datasheet
528Kb / 6P
   IEC Appliance Inlet C14 with Filter
04.01.2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com