Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AME1085ACDT Datasheet(PDF) 11 Page - Analog Microelectronics

Part # AME1085ACDT
Description  3A Low Dropout Positive Voltage Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME1085ACDT Datasheet(HTML) 11 Page - Analog Microelectronics

Back Button AME1085ACDT Datasheet HTML 6Page - Analog Microelectronics AME1085ACDT Datasheet HTML 7Page - Analog Microelectronics AME1085ACDT Datasheet HTML 8Page - Analog Microelectronics AME1085ACDT Datasheet HTML 9Page - Analog Microelectronics AME1085ACDT Datasheet HTML 10Page - Analog Microelectronics AME1085ACDT Datasheet HTML 11Page - Analog Microelectronics AME1085ACDT Datasheet HTML 12Page - Analog Microelectronics AME1085ACDT Datasheet HTML 13Page - Analog Microelectronics AME1085ACDT Datasheet HTML 14Page - Analog Microelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Analog Microelectronics, Inc.
11
AME1085
3A Low Dropout
Positive Voltage Regulator
n
n
n
n
n Package Dimension
TO-252 (DPAK) -EIAJ
TO-252 (DPAK) JDEC
MIN
MAX
MIN
MAX
A
0.45
0.58
0.0177
0.023
B
1.60
1.95
0.06
0.0768
C
0.51
-
0.02
-
D
0.45
0.60
0.0177
0.0236
E
6.40
6.80
0.252
0.2677
F
5.40
5.80
0.2126
0.2283
G
2.20
2.85
0.0866
0.1122
H
-
* 2.30
-
* 0.0906
I
-
0.90
-
0.0354
J
-
0.97
-
0.038
K
5.20
5.50
0.20
0.22
L
0.89
2.03
0.035
0.08
* : Typical value
NOTES :
1. CONTROLLING DIMENSION : MILLIMETERS.
2. MAXIMUM LEAD THICKNESS INCLUDES LEAD FINISH THICKNESS
MINIMUM LEAD THICKNESS IS THE MINIMUM THICKNESS OF BASE
MATERIAL.
SYMBOLS
MILLIMETERS
INCHES
MIN
MAX
MIN
MAX
A
0.45
0.58
0.0177
0.023
B
1.60
1.95
0.06
0.0768
C0.51
-
0.02
-
D
0.45
0.60
0.0177
0.0236
E
6.40
6.80
0.252
0.2677
F
5.40
5.80
0.2126
0.2283
G
2.20
2.85
0.0866
0.1122
H
-
* 2.30
-
* 0.0906
I
-
0.90
-
0.0354
J
-
0.97
-
0.038
K
5.20
5.50
0.20
0.22
L
0.89
2.03
0.035
0.08
* : Typical value
NOTES :
1. CONTROLLING DIMENSION : MILLIMETERS.
2. MAXIMUM LEAD THICKNESS INCLUDES LEAD FINISH THICKNESS
MINIMUM LEAD THICKNESS IS THE MINIMUM THICKNESS OF BASE
MATERIAL.
SYMBOLS
MILLIMETERS
INCHES


Similar Part No. - AME1085ACDT

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME1084 AME-AME1084 Datasheet
108Kb / 16P
   5A Low Dropout Positive Voltage Regulator
AME1084ACBT AME-AME1084ACBT Datasheet
108Kb / 16P
   5A Low Dropout Positive Voltage Regulator
AME1084ACCS AME-AME1084ACCS Datasheet
108Kb / 16P
   5A Low Dropout Positive Voltage Regulator
AME1084ACDT AME-AME1084ACDT Datasheet
108Kb / 16P
   5A Low Dropout Positive Voltage Regulator
AME1084ACDT-3 AME-AME1084ACDT-3 Datasheet
108Kb / 16P
   5A Low Dropout Positive Voltage Regulator
More results

Similar Description - AME1085ACDT

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS1085 TSC-TS1085 Datasheet
140Kb / 6P
   3A Low Dropout Positive Voltage Regulator
logo
Cystech Electonics Corp...
PL1085-XXXE3 CYSTEKEC-PL1085-XXXE3 Datasheet
170Kb / 4P
   3A Low Dropout Positive Voltage Regulator
PL1085-XXXFP CYSTEKEC-PL1085-XXXFP Datasheet
297Kb / 5P
   3A Low Dropout Positive Voltage Regulator
PL1085-XXXF3 CYSTEKEC-PL1085-XXXF3 Datasheet
167Kb / 4P
   3A Low Dropout Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS1085 TSC-TS1085_13 Datasheet
238Kb / 7P
   3A Low Dropout Positive Voltage Regulator
logo
Hi-Sincerity Mocroelect...
H1085U HSMC-H1085U Datasheet
57Kb / 5P
   3A LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Cystech Electonics Corp...
PL1085-XXXJ3 CYSTEKEC-PL1085-XXXJ3 Datasheet
166Kb / 4P
   3A Low Dropout Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS1085 TSC-TS1085_09 Datasheet
275Kb / 8P
   3A Low Dropout Positive Voltage Regulator
TS1085 TSC-TS1085_07 Datasheet
425Kb / 8P
   3A Low Dropout Positive Voltage Regulator
logo
Cystech Electonics Corp...
LM1085-XXXJ3 CYSTEKEC-LM1085-XXXJ3 Datasheet
329Kb / 9P
   3A Low Dropout Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com