Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WPGT-2RM120 Datasheet(PDF) 5 Page - World Produts Inc.

Part # WPGT-2RM120
Description  Gas Discharge Tubes
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

WPGT-2RM120 Datasheet(HTML) 5 Page - World Produts Inc.

  WPGT-2RM120 Datasheet HTML 1Page - World Produts Inc. WPGT-2RM120 Datasheet HTML 2Page - World Produts Inc. WPGT-2RM120 Datasheet HTML 3Page - World Produts Inc. WPGT-2RM120 Datasheet HTML 4Page - World Produts Inc. WPGT-2RM120 Datasheet HTML 5Page - World Produts Inc. WPGT-2RM120 Datasheet HTML 6Page - World Produts Inc. WPGT-2RM120 Datasheet HTML 7Page - World Produts Inc. WPGT-2RM120 Datasheet HTML 8Page - World Produts Inc. WPGT-2RM120 Datasheet HTML 9Page - World Produts Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
Gas DischarGe Tubes
WORLD PRODUCTS INC. 19654 Eighth Street East, Sonoma, CA 95476 | Phone (707) 996-5201 | Fax (707) 996-3380 | www.worldproducts.com
Rev. 13.9
Gas Discharge Tubes | 3
General Characteristics (continued)
Part Marking
Explanation of Example:
World Products Inc. Logo
4 Digit EIA Date Code
/C = Low Capacitance (Only applicable for 2R & 2N, 70V - 145V)
/S Denotes WPGT-2R600S or WPGT-2R800S
2RM = 2 Electrode Mini (not pictured)
2R = 2 Electrode Standard
2N = 2 Electrode High Current
WPGT = 2 Electrode High Voltage
2T = 2 Electrode Switching (not pictured)
145 = DC Breakdown Voltage
3000 = DC Breakdown Voltage
UL recognition
2 Electrode Series
0624/S
2R-600
Explanation
of Example:
World Products Inc. Logo
4 Digit EIA Date Code
350 = DC Breakdown
Voltage
UL recognition
This applies for 3SSM
series only.
3 Electrode Surface Mount
(3SM & 3SSM) Series
0722
S350
2 Electrode Surface Mount Series
Explanation
of Example:
145 = DC Breakdown
Voltage
4 Digit EIA Date Code
UL recognition
2SS
2S and 2SR
2SM
Explanation
of Example:
World Products Inc. Logo
4 Digit EIA Date Code
3R = Standard Series
3RM = Mini Series
3RSM = Ultra Mini Series
3RSSM = Symmetrical
Series
145 = DC Breakdown
Voltage
UL recognition
3 Electrode Series
2 Electrode Surface Mount Chip
3216 and 4532 Series
350
350 = DC Breakdown
Voltage
2 Electrode Extremely High Current
20B Series
350 = DC
Breakdown Voltage
WPGT-20B350 0842
Part Number Series
4 Digit EIA
Date Code
UL Recognition
2 Electrode AE Series
High Voltage
Screw Lead Type
World Products Inc. Logo
4 Digit EIA Date Code
2000 = DC Breakdown Voltage
Series Type
High Voltage Screw Lead Type
Explanation
of Example:
No Lead Ultra High Current Type
AE Series
0940
AE-600
World Products Inc. Logo
Series Type
600 = DC Breakdown Voltage
4 Digit EIA Date Code
Explanation
of Example:
No Lead Standard Type
AE Series
-
0940
AE 600
World Products Inc. Logo
Series Type
600 = DC Breakdown Voltage
4 Digit EIA Date Code
Explanation
of Example:
No Lead High Current Type
AE Series
0940
AE-600
World Products Inc. Logo
Series Type
600 = DC Breakdown Voltage
4 Digit EIA Date Code
Explanation
of Example:


Similar Part No. - WPGT-2RM120

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
WPGT-2RM120 WPI-WPGT-2RM120 Datasheet
1Mb / 34P
   Gas Discharge Tubes
WPGT-2RM1200 WPI-WPGT-2RM1200 Datasheet
1Mb / 34P
   Gas Discharge Tubes
More results

Similar Description - WPGT-2RM120

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
GTCA36-231M-R10-FT MACOM-GTCA36-231M-R10-FT Datasheet
221Kb / 6P
   Gas Discharge Tubes
logo
SUNMATE electronic Co.,...
2R075-4S SUNMATE-2R075-4S Datasheet
674Kb / 3P
   GAS DISCHARGE TUBES
SMD5050-1000N SUNMATE-SMD5050-1000N Datasheet
404Kb / 2P
   GAS DISCHARGE TUBES
2R3000-6S SUNMATE-2R3000-6S Datasheet
932Kb / 3P
   GAS DISCHARGE TUBES
logo
Ruilongyuan Electronics...
2RB-5 RUILON-2RB-5 Datasheet
797Kb / 6P
   Gas Discharge Tubes
RL1212 RUILON-RL1212 Datasheet
555Kb / 5P
   Gas Discharge Tubes
logo
Tyco Electronics
GTCX28-XXXM-R05 MACOM-GTCX28-XXXM-R05 Datasheet
105Kb / 5P
   Gas Discharge Tubes
GTCX36-XXXM-R05 MACOM-GTCX36-XXXM-R05 Datasheet
144Kb / 6P
   Gas Discharge Tubes
logo
Ruilongyuan Electronics...
2R-6S RUILON-2R-6S Datasheet
711Kb / 6P
   Gas Discharge Tubes
2RA-6C RUILON-2RA-6C Datasheet
665Kb / 5P
   Gas Discharge Tubes
logo
Littelfuse
SL1021A145 LITTELFUSE-SL1021A145 Datasheet
272Kb / 4P
   Gas Discharge Tubes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com