Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCP16323T-250E Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP16323T-250E
Description  18V Input, 3A Output, High Efficiency Synchronous Buck Regulator with Power Good Indication
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP16323T-250E Datasheet(HTML) 1 Page - Microchip Technology

  MCP16323T-250E Datasheet HTML 1Page - Microchip Technology MCP16323T-250E Datasheet HTML 2Page - Microchip Technology MCP16323T-250E Datasheet HTML 3Page - Microchip Technology MCP16323T-250E Datasheet HTML 4Page - Microchip Technology MCP16323T-250E Datasheet HTML 5Page - Microchip Technology MCP16323T-250E Datasheet HTML 6Page - Microchip Technology MCP16323T-250E Datasheet HTML 7Page - Microchip Technology MCP16323T-250E Datasheet HTML 8Page - Microchip Technology MCP16323T-250E Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
© 2011 Microchip Technology Inc.
DS22284A-page 1
MCP16323
Features
• Up to 95% Typical Efficiency
• Input Voltage Range: 6.0V to 18V
• 3A Output Current
• Fixed Output Voltages: 0.9V, 1.5V, 1.8V, 2.5V,
3.3V, 5V with 2% Output Voltage Accuracy
• Adjustable Version Output Voltage Range:
0.9V to 5V with 1.5% Reference Voltage Accuracy
• Integrated N-Channel High-Side Switch: 180 mΩ
• Integrated N-Channel Low-Side Switch: 120 mΩ
• 1 MHz Fixed Frequency
• Low Device Shutdown Current
• Peak Current Mode Control
• Internal Compensation
• Stable with Ceramic Capacitors
• Internal Soft-Start
• Cycle-by-Cycle Peak Current Limit
• Under Voltage Lockout (UVLO): 5.75V
• Overtemperature Protection
•VOUT Overvoltage Protection
•VOUT Voltage Supervisor Reported at the PG Pin
• Available Package: QFN-16 (3x3 mm)
Applications
•PIC®/dsPIC® Microcontroller Bias Supply
• 12V Industrial Input DC-DC Conversion
• Set-Top Boxes
• DSL Cable Modems
• Automotive
• Wall Cube Regulation
• SLA Battery Powered Devices
• AC-DC Digital Control Power Source
• Power Meters
•Consumer
• Medical and Health Care
• Distributed Power Supplies
Description
The MCP16323 is a highly integrated, high-efficiency,
fixed frequency, synchronous step-down DC-DC
converter in a 16-pin QFN package that operates from
input voltages up to 18V. Integrated features include a
high-side and low-side N-Channel switch, fixed
frequency Peak Current Mode Control, internal
compensation, peak current limit, VOUT overvoltage
protection and overtemperature protection. Minimal
external components are necessary to develop a
complete synchronous step-down DC-DC converter
power supply.
High converter efficiency is achieved by integrating a
high-speed, current limited, low resistance, high-side
N-Channel MOSFET, as well as a high-speed, low-
resistance,
low-side
N-Channel
MOSFET
and
associated drive circuitry. High switching frequency
minimizes the size of the inductor and output capacitor,
resulting in a small solution size.
The MCP16323 device can supply 3A of continuous
current while regulating the output voltage from 0.9V to
5V.
A
high-performance
peak
current
mode
architecture keeps the output voltage tightly regulated,
even during input voltage steps and output current
transient conditions that are common in power
supplies.
The regulator can be turned on and off with a logic level
signal applied to the EN input. The EN pin is internally
pulled up to a 4.2V reference and is rated for a
maximum of 6V. With EN low, typically 5 µA of current
is consumed from the input, making the part ideal for
power shedding and load distribution applications. The
PG output is an open drain output pin used to interface
with other components of the system, and can be
pulled up to a maximum of 6V.
The output voltage can either be fixed at output
voltages of 0.9V, 1.5V, 1.8V, 2.5V, 3.3V, 5V or
adjustable using an external resistor divider. The
MCP16323 is offered in a 3x3 QFN-16 surface mount
package.
18V Input, 3A Output, High Efficiency Synchronous Buck Regulator
with Power Good Indication


Similar Part No. - MCP16323T-250E

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP16323T-250E/NG MICROCHIP-MCP16323T-250E/NG Datasheet
677Kb / 32P
   18V Input, 3A Output, High Efficiency Synchronous Buck Regulator
07/14/15
More results

Similar Description - MCP16323T-250E

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP16323 MICROCHIP-MCP16323_16 Datasheet
677Kb / 32P
   18V Input, 3A Output, High Efficiency Synchronous Buck Regulator
07/14/15
MCP16321 MICROCHIP-MCP16321_13 Datasheet
1Mb / 34P
   24V Input, 1A/2A Output, High Efficiency Synchronous Buck Regulator with Power Good Indication
11/29/11
logo
ACE Technology Co., LTD...
ACE7268N ACE-ACE7268N Datasheet
192Kb / 3P
   High Efficiency, 1MHz, 3A, 18V Input Synchronous Step Down Regulator
VER 1.1
ACE7266N ACE-ACE7266N Datasheet
196Kb / 3P
   High Efficiency, 500kHz, 3A, 18V Input Synchronous Step Down Regulator
VER 1.5
ACE7238N ACE-ACE7238N Datasheet
199Kb / 3P
   High Efficiency, 1MHz, 3A, 18V Input Synchronous Step Down Regulator
VER 1.2
logo
Intersil Corporation
ISL85005 INTERSIL-ISL85005 Datasheet
1Mb / 22P
   4.5V to 18V Input, 5A High Efficiency Synchronous Buck Regulator
November 28, 2016
logo
Renesas Technology Corp
ISL85005 RENESAS-ISL85005 Datasheet
1Mb / 23P
   4.5V to 18V Input, 5A High Efficiency Synchronous Buck Regulator
logo
Sanken electric
NR120E SANKEN-NR120E Datasheet
759Kb / 13P
   3A, 18V, Buck Regulator
logo
Texas Instruments
TPS40192 TI-TPS40192 Datasheet
714Kb / 35P
[Old version datasheet]   4.5V TO 18V INPUT 10 PIN SYNCHRONOUS BUCK CONTROLLER WITH POWER GOOD
logo
Shenzhenshi YONGFUKANG ...
NS6316 YONGFUKANG-NS6316 Datasheet
1Mb / 10P
   4-30V Input 3A Output Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com