Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC34671AEPR2 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MC34671AEPR2
Description  High Input Voltage 600mA Charger for Single-cell Li-Ion Batteries
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34671AEPR2 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MC34671AEPR2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC34671AEPR2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC34671AEPR2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC34671AEPR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC34671AEPR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC34671AEPR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC34671AEPR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC34671AEPR2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC34671AEPR2 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
7
34671
ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
Table 4. Dynamic Electrical Characteristics
Characteristics noted under conditions VIN = 5.0V, -40°C ≤ TA ≤ 85°C, CIN = 1µF, COUT = 2.2µF (Figure 1), unless otherwise
noted. Typical values noted reflect the approximate parameter means at VIN = 5.0V and TA = 25°C under nominal conditions,
unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
END OF CHARGE
EOC Filter Time
tEOC
6.0
8.0
10
ms
OSCILLATOR
Oscillation Frequency
fOSC
40.0
50.0
60.0
kHz


Similar Part No. - MC34671AEPR2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC34671AEP/R2 FREESCALE-MC34671AEP/R2 Datasheet
601Kb / 22P
   High Input Voltage 600mA Charger for Single-cell Li-Ion Batteries
logo
NXP Semiconductors
MC34671AEP/R2 NXP-MC34671AEP/R2 Datasheet
831Kb / 22P
   High Input Voltage 600mA Charger for Single-cell Li-Ion Batteries
Rev. 1.0, 01/2008
More results

Similar Description - MC34671AEPR2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
34671 NXP-34671 Datasheet
831Kb / 22P
   High Input Voltage 600mA Charger for Single-cell Li-Ion Batteries
Rev. 1.0, 01/2008
logo
Freescale Semiconductor...
MC34671 FREESCALE-MC34671 Datasheet
601Kb / 22P
   High Input Voltage 600mA Charger for Single-cell Li-Ion Batteries
MC34674 FREESCALE-MC34674_08 Datasheet
585Kb / 26P
   High Input Voltage Travel Charger for Single-cell Li-Ion Batteries
MC34673 FREESCALE-MC34673 Datasheet
619Kb / 22P
   High Input Voltage 1.2A Charger for Single-cell Li-Ion Batteries
MC34674 FREESCALE-MC34674 Datasheet
1Mb / 26P
   High Input Voltage Travel Charger for Single-cell Li-Ion Batteries
logo
Intersil Corporation
ISL6292BCR INTERSIL-ISL6292BCR Datasheet
293Kb / 12P
   Complete Charger for Single-Cell Li-ion Batteries
April 19, 2005
ISL9219IRZ INTERSIL-ISL9219IRZ Datasheet
226Kb / 12P
   Complete Charger for Single-Cell Li-ion/Polymer Batteries
April 7, 2010
ISL9220B INTERSIL-ISL9220B_10 Datasheet
463Kb / 15P
   Switching Charger for 1-Cell Li-ion Batteries
logo
Texas Instruments
BQ294602 TI1-BQ294602_16 Datasheet
917Kb / 21P
[Old version datasheet]   Single-Cell Protector for Li-Ion Batteries
BQ294602 TI-BQ294602 Datasheet
676Kb / 17P
[Old version datasheet]   Single-Cell Protector for Li-Ion Batteries
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com