Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPS5015-223MLC Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # LPS5015-223MLC
Description  Shielded Power Inductors ??LPS5015
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

LPS5015-223MLC Datasheet(HTML) 2 Page - Coilcraft lnc.

  LPS5015-223MLC Datasheet HTML 1Page - Coilcraft lnc. LPS5015-223MLC Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2014
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
Shielded Power Inductors–LPS5015 Series
Document 585-2
Typical L vs Current
Typical L vs Frequency
Typical Current Derating
1
10
10000
1000
100
0.01
0.1
110
Frequency (MHz)
10 µH
3.3 µH
33 µH
1000 µH
3300 µH
330 µH
100 µH
1
10
10000
1000
100
0.01
0.1
110
Current (A)
3.3 µH
33 µH
330 µH
1000 µH
3300 µH
100 µH
10 µH
-40 -20
020406080
100
140
120
Ambient temperature (°C)
120
110
100
90
80
70
60
50
40
30
20
10
0
Isat
Irms
Dimensions are in
inches
mm
Document 585-2 Revised 08/01/13
0.197
5,00
0.134
3,40
0.134
3,40
0.134
3,40
0.060
1,52
0.197
5,00
0.0665
1,689
Recommended
Land Pattern
0.134
3,40
0.189 ±0.003
4,80 ±0,076
0.0551 ±0.004
1,4 ±0,1
Winding
direction
Dash
number
Internal
code
XXXX
0.189 ±0.003
4,80 ±0,076
*
*
0.060
1,50
0.039
1,00
typ
typ
0.039
1,00
*
Dimensions are of the case not including
the termination. For maximum overall
dimensions including the termination, add
0.005 in/ 0,13 mm.
For optional tin-lead and tin-silver-copper
terminations, dimensions are for the
mounted part. Dimensions before mounting
can be an additional 0.005 inch/ 0,13 mm).
*
Packaging 1000/7
″ reel; 3500/13″ reel Plastic tape: 12 mm wide,
0.3 mm thick, 8 mm pocket spacing, 1.57 mm pocket depth
NOTE NEW PART ORIENTATION Parts are rotated 90° in the
packaging tape compared to previous versions of this product.
NEW
OLD
123
123
123


Similar Part No. - LPS5015-223MLC

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
LPS5015-223ML COILCRAFT-LPS5015-223ML Datasheet
207Kb / 2P
   Shielded Power Inductors
LPS5015-223MLB COILCRAFT-LPS5015-223MLB Datasheet
251Kb / 2P
   Shielded Power Inductors LPS5015
More results

Similar Description - LPS5015-223MLC

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
LPS5015-335MLC COILCRAFT-LPS5015-335MLC Datasheet
251Kb / 2P
   Shielded Power Inductors LPS5015
LPS5015-102MLB COILCRAFT-LPS5015-102MLB Datasheet
166Kb / 2P
   Shielded Power Inductors ??LPS5015
LPS5015-102MLB COILCRAFT-LPS5015-102MLB Datasheet
166Kb / 2P
   Shielded Power Inductors ??LPS5015
logo
Central Technologies
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
   Power Inductors - Shielded
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
   Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
   Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
   Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
   Power Inductors - Shielded
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com