Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AME1086DCBT Datasheet(PDF) 9 Page - Analog Microelectronics

Part # AME1086DCBT
Description  1.5A Low Dropout Positive Voltage Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME1086DCBT Datasheet(HTML) 9 Page - Analog Microelectronics

Back Button AME1086DCBT Datasheet HTML 5Page - Analog Microelectronics AME1086DCBT Datasheet HTML 6Page - Analog Microelectronics AME1086DCBT Datasheet HTML 7Page - Analog Microelectronics AME1086DCBT Datasheet HTML 8Page - Analog Microelectronics AME1086DCBT Datasheet HTML 9Page - Analog Microelectronics AME1086DCBT Datasheet HTML 10Page - Analog Microelectronics AME1086DCBT Datasheet HTML 11Page - Analog Microelectronics AME1086DCBT Datasheet HTML 12Page - Analog Microelectronics AME1086DCBT Datasheet HTML 13Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
AME, Inc.
9
AME1086
1.5A Low Dropout
Positive Voltage Regulator
R1(ohm)
100
102
105
107
110
113
115
118
121
124
Vout
1.25
0.000
0.000
0.000
0.000
0.000
0.000
0.000
0.000
0.000
0.000
1.30
3.984
4.063
4.182
4.262
4.381
4.500
4.579
4.698
4.817
4.936
1.35
7.968
8.127
8.365
8.524
8.761
8.999
9.158
9.396
9.633
9.871
1.40
11.95
12.19
12.55
12.79
13.14
13.50
13.74
14.09
14.45
14.81
1.45
15.94
16.25
16.73
17.05
17.52
18.00
18.32
18.79
19.27
19.74
1.50
19.92
20.32
20.91
21.31
21.90
22.50
22.89
23.49
24.08
24.68
1.55
23.90
24.38
25.09
25.57
26.28
27.00
27.47
28.19
28.90
29.61
1.60
27.89
28.44
29.28
29.83
30.67
31.50
32.05
32.88
33.72
34.55
1.65
31.87
32.51
33.46
34.09
35.05
36.00
36.63
37.58
38.53
39.48
1.70
35.86
36.57
37.64
38.36
39.43
40.50
41.21
42.28
43.35
44.42
1.75
39.84
40.63
41.82
42.62
43.81
45.00
45.79
46.98
48.17
49.36
1.80
43.82
44.70
46.01
46.88
48.19
49.50
50.37
51.68
52.98
54.29
1.85
47.81
48.76
50.19
51.14
52.57
54.00
54.95
56.37
57.80
59.23
1.90
51.79
52.82
54.37
55.40
56.95
58.50
59.53
61.07
62.62
64.16
1.95
55.78
56.89
58.55
59.66
61.33
63.00
64.11
65.77
67.43
69.10
2.00
59.76
60.95
62.74
63.93
65.71
67.49
68.68
70.47
72.25
74.03
2.05
63.75
65.01
66.92
68.19
70.09
71.99
73.26
75.17
77.07
78.97
2.10
67.73
69.08
71.10
72.45
74.47
76.49
77.84
79.86
81.88
83.90
2.15
71.71
73.14
75.28
76.71
78.85
80.99
82.42
84.56
86.70
88.84
2.20
75.70
77.21
79.47
80.97
83.23
85.49
87.00
89.26
91.52
93.77
2.25
79.68
81.27
83.65
85.24
87.61
89.99
91.58
93.96
96.33
98.71
2.30
83.67
85.33
87.83
89.50
92.00
94.49
96.16
98.65
101.2
103.6
2.35
87.65
89.40
92.01
93.76
96.38
98.99
100.7
103.4
106.0
108.6
2.40
91.63
93.46
96.20
98.02
100.8
103.5
105.3
108.1
110.8
113.5
2.45
95.62
97.52
100.4
102.3
105.1
108.0
109.9
112.7
115.6
118.5
2.50
99.60
101.6
104.6
106.5
109.5
112.5
114.5
117.4
120.4
123.4
2.55
103.6
105.6
108.7
110.8
113.9
117.0
119.1
122.1
125.2
128.3
2.60
107.6
109.7
112.9
115.1
118.3
121.5
123.6
126.8
130.1
133.3
2.65
111.6
113.8
117.1
119.3
122.7
126.0
128.2
131.5
134.9
138.2
2.70
115.5
117.8
121.3
123.6
127.0
130.5
132.8
136.2
139.7
143.1
2.75
119.5
121.9
125.5
127.9
131.4
135.0
137.4
140.9
144.5
148.1
2.80
123.5
126.0
129.7
132.1
135.8
139.5
141.9
145.6
149.3
153.0
2.85
127.5
130.0
133.8
136.4
140.2
144.0
146.5
150.3
154.1
157.9
2.90
131.5
134.1
138.0
140.6
144.6
148.5
151.1
155.0
159.0
162.9
2.95
135.5
138.2
142.2
144.9
148.9
153.0
155.7
159.7
163.8
167.8
3.00
139.4
142.2
146.4
149.2
153.3
157.5
160.3
164.4
168.6
172.7
3.05
143.4
146.3
150.6
153.4
157.7
162.0
164.8
169.1
173.4
177.7
3.10
147.4
150.3
154.8
157.7
162.1
166.5
169.4
173.8
178.2
182.6
R2(ohm)=(Vout-1.25)*R1/(1.25+50u*R1)
n
n
n
n
n External Rsistor Divider Table for Customized Voltage


Similar Part No. - AME1086DCBT

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME1084 AME-AME1084 Datasheet
108Kb / 16P
   5A Low Dropout Positive Voltage Regulator
AME1084ACBT AME-AME1084ACBT Datasheet
108Kb / 16P
   5A Low Dropout Positive Voltage Regulator
AME1084ACCS AME-AME1084ACCS Datasheet
108Kb / 16P
   5A Low Dropout Positive Voltage Regulator
AME1084ACDT AME-AME1084ACDT Datasheet
108Kb / 16P
   5A Low Dropout Positive Voltage Regulator
AME1084ACDT-3 AME-AME1084ACDT-3 Datasheet
108Kb / 16P
   5A Low Dropout Positive Voltage Regulator
More results

Similar Description - AME1086DCBT

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS1086 TSC-TS1086_08 Datasheet
168Kb / 9P
   1.5A Low Dropout Positive Voltage Regulator
TS1086 TSC-TS1086 Datasheet
162Kb / 6P
   1.5A Low Dropout Positive Voltage Regulator
TS1086 TSC-TS1086_07 Datasheet
482Kb / 9P
   1.5A Low Dropout Positive Voltage Regulator
TS39151 TSC-TS39151 Datasheet
147Kb / 7P
   1.5A Ultra Low Dropout Positive Voltage Regulator
logo
Analog Intergrations Co...
AIC1086 AIC-AIC1086_15 Datasheet
238Kb / 11P
   1.5A Low Dropout Positive Regulator
logo
Silicon Standard Corp.
SS6086 SSC-SS6086 Datasheet
514Kb / 7P
   1.5A Low Dropout Positive Regulator
logo
Taiwan Semiconductor Co...
TS29150 TSC-TS29150 Datasheet
120Kb / 5P
   1.5A Ultra Low Dropout Fixed Positive Voltage Regulator
logo
List of Unclassifed Man...
TS29150 ETC1-TS29150 Datasheet
124Kb / 5P
   1.5A Ultra Low Dropout Fixed Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS39150 TSC-TS39150 Datasheet
116Kb / 5P
   1.5A Ultra Low Dropout Fixed Positive Voltage Regulator
TS1583 TSC-TS1583 Datasheet
135Kb / 7P
   1.5A Dual Input Low Dropout Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com