Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTW26N15E Datasheet(PDF) 7 Page - Motorola, Inc

Part # MTW26N15E
Description  TMOS POWER FET 26 AMPERES 150 VOLTS RDS(on) = 0.095 OHM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MTW26N15E Datasheet(HTML) 7 Page - Motorola, Inc

  MTW26N15E Datasheet HTML 1Page - Motorola, Inc MTW26N15E Datasheet HTML 2Page - Motorola, Inc MTW26N15E Datasheet HTML 3Page - Motorola, Inc MTW26N15E Datasheet HTML 4Page - Motorola, Inc MTW26N15E Datasheet HTML 5Page - Motorola, Inc MTW26N15E Datasheet HTML 6Page - Motorola, Inc MTW26N15E Datasheet HTML 7Page - Motorola, Inc MTW26N15E Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
MTW26N15E
7
Motorola TMOS Power MOSFET Transistor Device Data
PACKAGE DIMENSIONS
CASE 340K–01
ISSUE O
STYLE 1:
PIN 1. GATE
2. DRAIN
3. SOURCE
4. DRAIN
NOTES:
1.
DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2.
CONTROLLING DIMENSION: MILLIMETER.
R
P
A
K
V
F
D
G
U
L
E
0.25 (0.010) M TB M
0.25 (0.010) M YQ S
J
H
C
4
12
3
–T–
–B–
–Y–
–Q–
DIM
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
A
19.7
20.3
0.776
0.799
B
15.3
15.9
0.602
0.626
C
4.7
5.3
0.185
0.209
D
1.0
1.4
0.039
0.055
E
1.27 REF
0.050 REF
F
2.0
2.4
0.079
0.094
G
5.5 BSC
0.216 BSC
H
2.2
2.6
0.087
0.102
J
0.4
0.8
0.016
0.031
K
14.2
14.8
0.559
0.583
L
5.5 NOM
0.217 NOM
P
3.7
4.3
0.146
0.169
Q
3.55
3.65
0.140
0.144
R
5.0 NOM
0.197 NOM
U
5.5 BSC
0.217 BSC
V
3.0
3.4
0.118
0.134


Similar Part No. - MTW26N15E

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
MTW26N15E ISC-MTW26N15E Datasheet
322Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - MTW26N15E

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MTD6N15 MOTOROLA-MTD6N15 Datasheet
231Kb / 10P
   TMOS POWER FET 6.0 AMPERES 150 VOLTS RDS(on) = 0.3 OHM
MTW35N15E MOTOROLA-MTW35N15E Datasheet
169Kb / 8P
   TMOS POWER FET 35 AMPERES 150 VOLTS RDS(on) = 0.05 OHM
MTP29N15E MOTOROLA-MTP29N15E Datasheet
75Kb / 4P
   TMOS POWER FET 29 AMPERES 150 VOLTS RDS(on) = 0.07 OHM
MTD6N20E MOTOROLA-MTD6N20E Datasheet
269Kb / 10P
   TMOS POWER FET 6.0 AMPERES 200 VOLTS RDS(on) = 0.7 OHM
MTD6P10E MOTOROLA-MTD6P10E Datasheet
261Kb / 10P
   TMOS POWER FET 6.0 AMPERES 100 VOLTS RDS(on) = 0.66 OHM
MTD9N10E MOTOROLA-MTD9N10E Datasheet
257Kb / 10P
   TMOS POWER FET 9.0 AMPERES 100 VOLTS RDS(on) = 0.25 OHM
MTP12P10 MOTOROLA-MTP12P10 Datasheet
190Kb / 6P
   TMOS POWER FET 12 AMPERES 100 VOLTS RDS(on) = 0.3 OHM
MTP1N60E MOTOROLA-MTP1N60E Datasheet
232Kb / 8P
   TMOS POWER FET 1.0 AMPERES 600 VOLTS RDS(on) = 8.0 OHM
MTP2N40E MOTOROLA-MTP2N40E Datasheet
217Kb / 8P
   TMOS POWER FET 2.0 AMPERES 400 VOLTS RDS(on) = 3.5 OHM
MTP33N10E MOTOROLA-MTP33N10E Datasheet
240Kb / 8P
   TMOS POWER FET 33 AMPERES 100 VOLTS RDS(on) = 0.06 OHM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com