Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AME1117 Datasheet(PDF) 5 Page - Analog Microelectronics

Part # AME1117
Description  1A Low Dropout Positive Voltage Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME1117 Datasheet(HTML) 5 Page - Analog Microelectronics

  AME1117 Datasheet HTML 1Page - Analog Microelectronics AME1117 Datasheet HTML 2Page - Analog Microelectronics AME1117 Datasheet HTML 3Page - Analog Microelectronics AME1117 Datasheet HTML 4Page - Analog Microelectronics AME1117 Datasheet HTML 5Page - Analog Microelectronics AME1117 Datasheet HTML 6Page - Analog Microelectronics AME1117 Datasheet HTML 7Page - Analog Microelectronics AME1117 Datasheet HTML 8Page - Analog Microelectronics AME1117 Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Analog Microelectronics, Inc.
5
AME1117
1A Low Dropout Positive
Voltage Regulator
*Line regulation test circuit
AME1117BXXX
Parameter
Symbol
Min.
Typ.
Max.
Unit
TJ = 25
oC
2.475
2.500
2.525
Over Temp. 2.450
2.500
2.550
TJ = 25
oC
-
0.05
0.3
Over Temp.
-
0.2
0.4
TJ = 25
oC-
1.2
1.4
Over Temp.
-
1.3
-
Current limit
IS
VIN = 4.75~7V, Over Temp.
1.0
-
-
A
Quiescent Current
IQ
VIN = 5V, IO = 0A~1A, Over Temp.
-
6
13
mA
Temp. Coefficient
TC
VIN = 4.75~7V, IO = 0A~1A
-
0.005
-
%/”C
Temperature stability
TS
VIN = 5V, IO = 100mA, Over Temp.
-
0.5
-
%
RMS output noise
VN
TJ = 25
oC
-
0.003
-
%VO
Ripple rejection ratio
RA
VIN = 5V, IO = 1A, Over Temp.
60
72
-
dB
-
-
0.2
Dropout voltage
VD
IO = 0A~1A,
∆Vo = ±1%
RegLOAD
VIN = 5V, IO = 0A~1A
VIN = 4.75~7V, IO = 0A
TJ = 25
oC
V
Test conditions
Output voltage
VO
VIN = 5V, IO = 0A
V
Line regulation
RegLINE
%
Load regulation
AME1117CXXX
Parameter
Symbol
Min.
Typ.
Max.
Unit
TJ = 25
oC
3.270
3.300
3.330
Over Temp. 3.234
3.300
3.366
TJ = 25
oC
-
0.05
0.3
Over Temp.
-
0.2
0.4
TJ = 25
oC-
1.2
1.4
Over Temp.
-
1.3
-
Current limit
IS
VIN = 4.75~7V, Over Temp.
1.0
-
-
A
Quiescent Current
IQ
VIN = 5V, IO = 0A~1A, Over Temp.
-
6
13
mA
Temp. coefficient
TC
VIN = 4.75~7V, IO = 0A~1A
-
0.005
-
%/”C
Temperature stability
TS
VIN = 5V, IO = 100mA, Over Temp.
-
0.5
-
%
RMS output noise
VN
TJ = 25
oC
-
0.003
-
%VO
Ripple rejection ratio
RA
VIN = 5V, IO = 1A, Over Temp.
60
72
-
dB
V
IO = 0A~1A,
∆Vo = ±1%
Test conditions
Output voltage
VO
Dropout voltage
VD
%
V
VIN = 5V, IO = 0A
Load regulation
Line regulation
VIN = 5V, IO = 0A~1A
RegLINE
RegLOAD
VIN = 4.75~7V, IO = 0A
TJ = 25
oC-
-
0.2


Similar Part No. - AME1117

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME1117 AME-AME1117 Datasheet
177Kb / 19P
   1A Low Dropout Positive Voltage Regulator
AME1117ACBT AME-AME1117ACBT Datasheet
177Kb / 19P
   1A Low Dropout Positive Voltage Regulator
AME1117ACBTZ AME-AME1117ACBTZ Datasheet
177Kb / 19P
   1A Low Dropout Positive Voltage Regulator
AME1117ACCT AME-AME1117ACCT Datasheet
177Kb / 19P
   1A Low Dropout Positive Voltage Regulator
AME1117ACCTZ AME-AME1117ACCTZ Datasheet
177Kb / 19P
   1A Low Dropout Positive Voltage Regulator
More results

Similar Description - AME1117

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LM2940 UTC-LM2940 Datasheet
154Kb / 11P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Cystech Electonics Corp...
LM1117-XXXJ3 CYSTEKEC-LM1117-XXXJ3 Datasheet
309Kb / 5P
   1A Low Dropout Positive Voltage Regulator
logo
Torex Semiconductor
XB1117-12 TOREX-XB1117-12 Datasheet
183Kb / 12P
   1A Low Dropout Positive Voltage Regulator
logo
Cystech Electonics Corp...
LM1117-1.5L3 CYSTEKEC-LM1117-1.5L3 Datasheet
391Kb / 8P
   1A Low Dropout Positive Voltage Regulator
LM1117-XXXL3 CYSTEKEC-LM1117-XXXL3 Datasheet
427Kb / 8P
   1A Low Dropout Positive Voltage Regulator
logo
Unisonic Technologies
LM2940 UTC-LM2940_V01 Datasheet
539Kb / 12P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS1117BCW12 TSC-TS1117BCW12 Datasheet
247Kb / 7P
   1A Low Dropout Positive Voltage Regulator
logo
E-Tech Electronics LTD
LM2940 ETL-LM2940 Datasheet
369Kb / 12P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Torex Semiconductor
XB1117 TOREX-XB1117_15 Datasheet
183Kb / 12P
   1A Low Dropout Positive Voltage Regulator
logo
E-CMOS Corporation
EC50117S E-CMOS-EC50117S Datasheet
548Kb / 8P
   1A Low Dropout Positive Voltage Regulator
logo
Hi-Sincerity Mocroelect...
H1117E HSMC-H1117E Datasheet
44Kb / 4P
   1A LOW DROPOUT POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com