Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TXP1XGHL2E00040G Datasheet(PDF) 2 Page - OPLINK Communications Inc.

Part # TXP1XGHL2E00040G
Description  Multi-rate 10-Gigabit DWDM 80km XFP Transceivers with Digital Diagnostics
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

TXP1XGHL2E00040G Datasheet(HTML) 2 Page - OPLINK Communications Inc.

  TXP1XGHL2E00040G Datasheet HTML 1Page - OPLINK Communications Inc. TXP1XGHL2E00040G Datasheet HTML 2Page - OPLINK Communications Inc. TXP1XGHL2E00040G Datasheet HTML 3Page - OPLINK Communications Inc. TXP1XGHL2E00040G Datasheet HTML 4Page - OPLINK Communications Inc. TXP1XGHL2E00040G Datasheet HTML 5Page - OPLINK Communications Inc. TXP1XGHL2E00040G Datasheet HTML 6Page - OPLINK Communications Inc. TXP1XGHL2E00040G Datasheet HTML 7Page - OPLINK Communications Inc. TXP1XGHL2E00040G Datasheet HTML 8Page - OPLINK Communications Inc. TXP1XGHL2E00040G Datasheet HTML 9Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TXP1XGHL2xx
21737-0959. Rev.07. 2010-05-11
2
Oplink Communications, Inc
(Over Operating Case Temperature Range and
V
CC= 3.13 to 3.47V )
(Over Operating Case Temperature Range and
V
CC = 3.13 to 3.47V)
Oplink Communications, Inc.
DATE OF MANUFACTURE:
This product complies with
21 CFR 1040.10 and 1040.11
Meets Class I Laser Safety Requirements
Receiver Performance Characteristics
Transmitter Performance Characteristics
Laser Safety: All transceivers are Class I Laser
products per FDA/CDRH and IEC-60825 stan-
dards. They must be operated under specified
operating conditions.
Parameter
Symbol
Minimum
Typical
Maximum
Units
Operating Data Rate
B
9.95
-
11.09
Gb/s
Average Optical Output Power (50% duty cycle)
P
O
- 1.0
-
+ 4.0
dBm
Transmitter OFF Power
P
OFF
-
-
- 45.0
dBm
Extinction Ratio @ 9.95Gb/s to 10.7Gb/s
ER
8.2
-
-
dB
Center Wavelength 1
λ
C
See Ordering Information Table
nm
Spectral Width (-20dB) 2
Δλ20
-
-
1.0
nm
Side Mode Suppression Ratio
SMSR
30
-
-
dB
Relative Intensity Noise
RIN
-
-
- 130
dB/Hz
Reflectance Tolerance
ref
T
-
-
- 27
dB
Tx Jitter Generation (peak-to-peak) 3
JG
P-P
-
-
0.1
UI
Jitter Generation (RMS)
JG
RMS
-
-
0.01
UI
Dispersion Penalty 4
@ 9.95 Gb/s (BER=10 -12)
DP
-
-
2.5
dB
@ 11.09 Gb/s (BER=10 - 4)
-
-
3
Optical Output Eye
Compliant with GR253-CORE, IEEE 803.3ae , and ITU-T G.959
1
BOL: +/-0.05nm from ITU grid. EOL: +/-0.1nm from ITU grid
2
Measured with OSA and 0.1nm resolution bandwidth
3
Jitter generation is compliant with SONET OC-192 per GR-253 and OTU-2 per G.709
4
Specified as the difference between the maximum receiver sensitivity and the worst case receiver sensitivity with 80km fiber
Parameter
Symbol
Minimum
Typical
Maximum
Units
Operating Data Rate
B
9.95
-
11.09
Gb/s
Wavelength of Operation
λ
1260
-
1570
nm
Receiver Sensitivity
@ 9.95 Gb/s (BER=10 -12)
Pmin_BB
-
-
- 24.0
dBm
@ 11.09 Gb/s (BER=10 - 4)
-
-
- 27.0
Maximum Input Power (10 -12 BER)
Pmax
- 7.0
-
-
dBm
LOS Thresholds
Increasing Light Input
Plos+
-
-
- 27.0
dBm
Decreasing Light Input
Plos-
- 38.0
-
-
LOS Hysteresis
-
0.5
-
-
dB
Receiver Reflectance
-
-
-
- 27
dB
All parameters guaranteed only at typical data rate


Similar Part No. - TXP1XGHL2E00040G

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TXP1XGHL2E000E2G OPLINK-TXP1XGHL2E000E2G Datasheet
406Kb / 6P
   Multi-rate 10-Gigabit XFP 80km Transceivers with Digital Diagnostics
More results

Similar Description - TXP1XGHL2E00040G

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TXP1XGHL2X-S0125 OPLINK-TXP1XGHL2X-S0125 Datasheet
406Kb / 6P
   Multi-rate 10-Gigabit XFP 80km Transceivers with Digital Diagnostics
TXP1XGGI2XX-S0120 OPLINK-TXP1XGGI2XX-S0120 Datasheet
517Kb / 9P
   Multi-rate 10-Gigabit DWDM 40km XFP Transceivers with Digital Diagnostics
TXP3XGHL2X OPLINK-TXP3XGHL2X Datasheet
700Kb / 6P
   Multi-rate 10-Gigabit 80km XFP Transceivers
TXD3XGHL2XX OPLINK-TXD3XGHL2XX Datasheet
858Kb / 9P
   Multi-rate 10-Gigabit DWDM 80km XFP Transceiver
TXP1XGGI2X-S0131 OPLINK-TXP1XGGI2X-S0131 Datasheet
406Kb / 6P
   Multi-rate 10-Gigabit XFP 40km Transceiverswith Digital Diagnostics
TXP3XGGI2X OPLINK-TXP3XGGI2X Datasheet
756Kb / 6P
   Multi-rate 10-Gigabit 40km XFP Transceivers
TRD148XL2 OPLINK-TRD148XL2 Datasheet
318Kb / 8P
   DWDM Transceivers with Digital Diagnostics
TRPAG1LXDBBM OPLINK-TRPAG1LXDBBM Datasheet
523Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP Transceivers with Digital Diagnostics
TRPEG1EEXC000E2G OPLINK-TRPEG1EEXC000E2G Datasheet
348Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP Transceivers with Digital Diagnostics
TRPCG1CLXC000E2G OPLINK-TRPCG1CLXC000E2G Datasheet
541Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP Transceivers with Digital DiaGnostics
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com