Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS8363SRHBR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8363SRHBR
Description  Dual, 1MSPS, 16-/14-/12-Bit, 4 2 or 2 2 Channel, Simultaneous Sampling Analog-to-Digital Converter
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS8363SRHBR Datasheet(HTML) 3 Page - Texas Instruments

  ADS8363SRHBR Datasheet HTML 1Page - Texas Instruments ADS8363SRHBR Datasheet HTML 2Page - Texas Instruments ADS8363SRHBR Datasheet HTML 3Page - Texas Instruments ADS8363SRHBR Datasheet HTML 4Page - Texas Instruments ADS8363SRHBR Datasheet HTML 5Page - Texas Instruments ADS8363SRHBR Datasheet HTML 6Page - Texas Instruments ADS8363SRHBR Datasheet HTML 7Page - Texas Instruments ADS8363SRHBR Datasheet HTML 8Page - Texas Instruments ADS8363SRHBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 49 page
background image
ADS8363
ADS7263
ADS7223
www.ti.com
SBAS523B – OCTOBER 2010 – REVISED JANUARY 2011
ELECTRICAL CHARACTERISTICS: ADS8363
All minimum/maximum specifications at TA = –40°C to +125°C, specified supply voltage range, VREF = 2.5V (int), and tDATA =
1MSPS, unless otherwise noted. Typical values are at TA = +25°C, AVDD = 5V, and DVDD = 3.3V.
ADS8363
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RESOLUTION
16
Bits
DC ACCURACY
Half-clock mode
–3
±1.2
+3
LSB
INL
Integral nonlinearity
Full-clock mode
–4
±1.5
+4
LSB
Half-clock mode
–0.99
±0.6
+2
LSB
DNL
Differential nonlinearity
Full-clock mode
–1.5
±0.8
+3
LSB
VOS
Input offset error
–2
±0.2
+2
mV
VOS match
ADC to ADC
–1
±0.1
+1
mV
dVOS/dT
Input offset thermal drift
1
mV/°C
Referenced to the voltage at
GERR
Gain error
–0.1
±0.01
+0.1
%
REFIOx
GERR match
ADC to ADC
–0.1
±0.005
+0.1
%
Referenced to the voltage at
GERR/dT
Gain error thermal drift
1
ppm/°C
REFIOx
CMRR
Common-mode rejection ratio
Both ADCs, dc to 100kHz
92
dB
AC ACCURACY
SINAD
Signal-to-noise + distortion
VIN = 5VPP at 10kHz
89
92
dB
SNR
Signal-to-noise ratio
VIN = 5VPP at 10kHz
90
93
dB
THD
Total harmonic distortion
VIN = 5VPP at 10kHz
–98
–90
dB
SFDR
Spurious-free dynamic range
VIN = 5VPP at 10kHz
90
100
dB
ELECTRICAL CHARACTERISTICS: ADS7263
All minimum/maximum specifications at TA = –40°C to +125°C, specified supply voltage range, VREF = 2.5V (int), and tDATA =
1MSPS, unless otherwise noted. Typical values are at TA = +25°C, AVDD = 5V, and DVDD = 3.3V.
ADS7263
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RESOLUTION
14
Bits
DC ACCURACY
INL
Integral nonlinearity
–1
±0.4
+1
LSB
DNL
Differential nonlinearity
–0.5
±0.2
+1
LSB
VOS
Input offset error
–2
±0.2
+2
mV
VOS match
ADC to ADC
–1
±0.1
+1
mV
dVOS/dT
Input offset thermal drift
1
mV/°C
Referenced to the voltage at
GERR
Gain error
–0.1
±0.01
+0.1
%
REFIOx
GERR match
ADC to ADC
–0.1
±0.005
+0.1
%
Referenced to the voltage at
GERR/dT
Gain error thermal drift
1
ppm/°C
REFIOx
CMRR
Common-mode rejection ratio
Both ADCs, dc to 100kHz
92
dB
AC ACCURACY
SINAD
Signal-to-noise + distortion
VIN = 5VPP at 10kHz
82
84
dB
SNR
Signal-to-noise ratio
VIN = 5VPP at 10kHz
84
85
dB
THD
Total harmonic distortion
VIN = 5VPP at 10kHz
–92
–88
dB
SFDR
Spurious-free dynamic range
VIN = 5VPP at 10kHz
88
92
dB
Copyright © 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): ADS8363 ADS7263 ADS7223


Similar Part No. - ADS8363SRHBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8363 TI-ADS8363 Datasheet
1Mb / 51P
[Old version datasheet]   Dual, 1MSPS, 16-/14-/12-Bit, 4x2 or 2x2 Channel, Simultaneous Sampling Analog-to-Digital Converter
ADS8363 TI1-ADS8363 Datasheet
844Kb / 50P
[Old version datasheet]   Dual, 1MSPS, 16-/14-/12-Bit, 4횞2 or 2횞2 Channel, Simultaneous Sampling Analog-to-Digital Converter
ADS8363 TI1-ADS8363_14 Datasheet
844Kb / 50P
[Old version datasheet]   Dual, 1MSPS, 16-/14-/12-Bit, 4횞2 or 2횞2 Channel, Simultaneous Sampling Analog-to-Digital Converter
More results

Similar Description - ADS8363SRHBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8363 TI1-ADS8363_14 Datasheet
844Kb / 50P
[Old version datasheet]   Dual, 1MSPS, 16-/14-/12-Bit, 4횞2 or 2횞2 Channel, Simultaneous Sampling Analog-to-Digital Converter
ADS8363 TI-ADS8363 Datasheet
1Mb / 51P
[Old version datasheet]   Dual, 1MSPS, 16-/14-/12-Bit, 4x2 or 2x2 Channel, Simultaneous Sampling Analog-to-Digital Converter
ADS7865 TI-ADS7865 Datasheet
694Kb / 30P
[Old version datasheet]   Dual, 12-Bit, 33 or 22 Channel, Simultaneous Sampling Analog-to-Digital Converter
ADS7865 TI1-ADS7865_14 Datasheet
779Kb / 33P
[Old version datasheet]   Dual, 12-Bit, 33 or 22 Channel, Simultaneous Sampling Analog-to-Digital Converter
logo
Burr-Brown (TI)
ADS7861 BURR-BROWN-ADS7861 Datasheet
226Kb / 15P
   Dual, 500kHz, 12-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7861 TI1-ADS7861_14 Datasheet
1Mb / 33P
[Old version datasheet]   Dual, 500kSPS, 12-Bit, 2 2 Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7861 TI1-ADS7861_16 Datasheet
1Mb / 32P
[Old version datasheet]   Dual, 500kSPS, 12-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7863 BURR-BROWN-ADS7863 Datasheet
663Kb / 30P
   Dual, 1.5MSPS, 12-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7862 BURR-BROWN-ADS7862 Datasheet
159Kb / 13P
   Dual 500kHz, 12-Bit, 2 2 Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7862 TI1-ADS7862_14 Datasheet
932Kb / 21P
[Old version datasheet]   Dual 500kHz, 12-Bit, 2 2 Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com