Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AME1084 Datasheet(PDF) 11 Page - Analog Microelectronics

Part # AME1084
Description  5A Low Dropout Positive Voltage Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME1084 Datasheet(HTML) 11 Page - Analog Microelectronics

Back Button AME1084 Datasheet HTML 7Page - Analog Microelectronics AME1084 Datasheet HTML 8Page - Analog Microelectronics AME1084 Datasheet HTML 9Page - Analog Microelectronics AME1084 Datasheet HTML 10Page - Analog Microelectronics AME1084 Datasheet HTML 11Page - Analog Microelectronics AME1084 Datasheet HTML 12Page - Analog Microelectronics AME1084 Datasheet HTML 13Page - Analog Microelectronics AME1084 Datasheet HTML 14Page - Analog Microelectronics AME1084 Datasheet HTML 15Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Analog Microelectronics, Inc.
11
AME1084
5A Low Dropout
Positive Voltage Regulator
n
n
n
n
n External Resistor Divider Table for Customized Voltage
R1(ohm)
100
102
105
107
110
113
115
118
121
124
Vout
1.25
0.000
0.000
0.000
0.000
0.000
0.000
0.000
0.000
0.000
0.000
1.30
3.984
4.063
4.182
4.262
4.381
4.500
4.579
4.698
4.817
4.936
1.35
7.968
8.127
8.365
8.524
8.761
8.999
9.158
9.396
9.633
9.871
1.40
11.95
12.19
12.55
12.79
13.14
13.50
13.74
14.09
14.45
14.81
1.45
15.94
16.25
16.73
17.05
17.52
18.00
18.32
18.79
19.27
19.74
1.50
19.92
20.32
20.91
21.31
21.90
22.50
22.89
23.49
24.08
24.68
1.55
23.90
24.38
25.09
25.57
26.28
27.00
27.47
28.19
28.90
29.61
1.60
27.89
28.44
29.28
29.83
30.67
31.50
32.05
32.88
33.72
34.55
1.65
31.87
32.51
33.46
34.09
35.05
36.00
36.63
37.58
38.53
39.48
1.70
35.86
36.57
37.64
38.36
39.43
40.50
41.21
42.28
43.35
44.42
1.75
39.84
40.63
41.82
42.62
43.81
45.00
45.79
46.98
48.17
49.36
1.80
43.82
44.70
46.01
46.88
48.19
49.50
50.37
51.68
52.98
54.29
1.85
47.81
48.76
50.19
51.14
52.57
54.00
54.95
56.37
57.80
59.23
1.90
51.79
52.82
54.37
55.40
56.95
58.50
59.53
61.07
62.62
64.16
1.95
55.78
56.89
58.55
59.66
61.33
63.00
64.11
65.77
67.43
69.10
2.00
59.76
60.95
62.74
63.93
65.71
67.49
68.68
70.47
72.25
74.03
2.05
63.75
65.01
66.92
68.19
70.09
71.99
73.26
75.17
77.07
78.97
2.10
67.73
69.08
71.10
72.45
74.47
76.49
77.84
79.86
81.88
83.90
2.15
71.71
73.14
75.28
76.71
78.85
80.99
82.42
84.56
86.70
88.84
2.20
75.70
77.21
79.47
80.97
83.23
85.49
87.00
89.26
91.52
93.77
2.25
79.68
81.27
83.65
85.24
87.61
89.99
91.58
93.96
96.33
98.71
2.30
83.67
85.33
87.83
89.50
92.00
94.49
96.16
98.65
101.2
103.6
2.35
87.65
89.40
92.01
93.76
96.38
98.99
100.7
103.4
106.0
108.6
2.40
91.63
93.46
96.20
98.02
100.8
103.5
105.3
108.1
110.8
113.5
2.45
95.62
97.52
100.4
102.3
105.1
108.0
109.9
112.7
115.6
118.5
2.50
99.60
101.6
104.6
106.5
109.5
112.5
114.5
117.4
120.4
123.4
2.55
103.6
105.6
108.7
110.8
113.9
117.0
119.1
122.1
125.2
128.3
2.60
107.6
109.7
112.9
115.1
118.3
121.5
123.6
126.8
130.1
133.3
2.65
111.6
113.8
117.1
119.3
122.7
126.0
128.2
131.5
134.9
138.2
2.70
115.5
117.8
121.3
123.6
127.0
130.5
132.8
136.2
139.7
143.1
2.75
119.5
121.9
125.5
127.9
131.4
135.0
137.4
140.9
144.5
148.1
2.80
123.5
126.0
129.7
132.1
135.8
139.5
141.9
145.6
149.3
153.0
2.85
127.5
130.0
133.8
136.4
140.2
144.0
146.5
150.3
154.1
157.9
2.90
131.5
134.1
138.0
140.6
144.6
148.5
151.1
155.0
159.0
162.9
2.95
135.5
138.2
142.2
144.9
148.9
153.0
155.7
159.7
163.8
167.8
3.00
139.4
142.2
146.4
149.2
153.3
157.5
160.3
164.4
168.6
172.7
3.05
143.4
146.3
150.6
153.4
157.7
162.0
164.8
169.1
173.4
177.7
3.10
147.4
150.3
154.8
157.7
162.1
166.5
169.4
173.8
178.2
182.6
R2(ohm)=(Vout-1.25)*R1/(1.25+50u*R1)


Similar Part No. - AME1084

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME1085 AME-AME1085 Datasheet
103Kb / 14P
   3A Low Dropout Positive Voltage Regulator
AME1085ACBT AME-AME1085ACBT Datasheet
103Kb / 14P
   3A Low Dropout Positive Voltage Regulator
AME1085ACDT AME-AME1085ACDT Datasheet
103Kb / 14P
   3A Low Dropout Positive Voltage Regulator
AME1085ACDT-3 AME-AME1085ACDT-3 Datasheet
103Kb / 14P
   3A Low Dropout Positive Voltage Regulator
AME1085AMCT AME-AME1085AMCT Datasheet
103Kb / 14P
   3A Low Dropout Positive Voltage Regulator
More results

Similar Description - AME1084

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
PL1084-XXXF3 CYSTEKEC-PL1084-XXXF3 Datasheet
165Kb / 4P
   5A Low Dropout Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS1084 TSC-TS1084_13 Datasheet
247Kb / 7P
   5A Low Dropout Positive Voltage Regulator
TS1084 TSC-TS1084_07 Datasheet
427Kb / 8P
   5A Low Dropout Positive Voltage Regulator
logo
Cystech Electonics Corp...
PL1084-XXXJ3 CYSTEKEC-PL1084-XXXJ3 Datasheet
267Kb / 6P
   5A Low Dropout Positive Voltage Regulator
logo
List of Unclassifed Man...
TS1084CM ETC2-TS1084CM Datasheet
146Kb / 6P
   5A Low Dropout Positive Voltage Regulator
logo
Cystech Electonics Corp...
PL1084-XXXE3 CYSTEKEC-PL1084-XXXE3 Datasheet
168Kb / 4P
   5A Low Dropout Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS1084 TSC-TS1084_09 Datasheet
278Kb / 8P
   5A Low Dropout Positive Voltage Regulator
logo
Cystech Electonics Corp...
PL1084A-XXXF3 CYSTEKEC-PL1084A-XXXF3 Datasheet
293Kb / 6P
   5A Low Dropout Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS1084 TSC-TS1084 Datasheet
140Kb / 6P
   5A Low Dropout Positive Voltage Regulator
logo
Hi-Sincerity Mocroelect...
H1084U HSMC-H1084U Datasheet
57Kb / 5P
   5A LOW DROPOUT POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com