Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC1175-50 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # ADC1175-50
Description  ADC1175-50 8-Bit, 50 MSPS, 125 mW A/D Converter
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC1175-50 Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADC1175-50 Datasheet HTML 4Page - Texas Instruments ADC1175-50 Datasheet HTML 5Page - Texas Instruments ADC1175-50 Datasheet HTML 6Page - Texas Instruments ADC1175-50 Datasheet HTML 7Page - Texas Instruments ADC1175-50 Datasheet HTML 8Page - Texas Instruments ADC1175-50 Datasheet HTML 9Page - Texas Instruments ADC1175-50 Datasheet HTML 10Page - Texas Instruments ADC1175-50 Datasheet HTML 11Page - Texas Instruments ADC1175-50 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
ADC1175-50
SNAS027G – JANUARY 2000 – REVISED APRIL 2013
www.ti.com
CONVERTER ELECTRICAL CHARACTERISTICS (continued)
The following specifications apply for AVDD = DVDD = +5.0 VDC, PD = 0V, VRT = +2.6V, VRB = 0.6V, CL = 20 pF, fCLK = 50 MHz
at 50% duty cycle. Boldface limits apply for TA = TMIN to TMAX; all other limits TA = 25°C
(1)(2).
Units
Symbol
Parameter
Conditions
Typical(3)
Limits(3)
(Limits)
AC ELECTRICAL CHARACTERISTICS
fC1
Maximum Conversion Rate
55
50
MHz (min)
fC2
Minimum Conversion Rate
1
MHz
5
ns (min)
tOD
Output Delay
CLK high to data valid
14
20
ns (max)
Pipeline Delay (Latency)
2.5
Clock Cycles
tDS
Sampling (Aperture) Delay
CLK low to acquisition of data
3
ns
tAJ
Aperture Jitter
10
ps rms
tOH
Output Hold Time
CLK high to data invalid
10
ns
tEN
PD Low to Data Valid
Loaded as in Figure 16
140
ns
8
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: ADC1175-50


Similar Part No. - ADC1175-50

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC1175-50 NSC-ADC1175-50 Datasheet
422Kb / 19P
   8-Bit, 50 MSPS, 125 mW A/D Converter
ADC1175-50 NSC-ADC1175-50 Datasheet
403Kb / 20P
   8-Bit, 50 MSPS, 125 mW A/D Converter
logo
Texas Instruments
ADC1175-50 TI1-ADC1175-50 Datasheet
1Mb / 27P
[Old version datasheet]   8-Bit, 50 MSPS, 125 mW A/D Converter
logo
National Semiconductor ...
ADC1175-50CIJM NSC-ADC1175-50CIJM Datasheet
422Kb / 19P
   8-Bit, 50 MSPS, 125 mW A/D Converter
ADC1175-50CIJM NSC-ADC1175-50CIJM Datasheet
403Kb / 20P
   8-Bit, 50 MSPS, 125 mW A/D Converter
More results

Similar Description - ADC1175-50

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC1175-50 TI1-ADC1175-50 Datasheet
1Mb / 27P
[Old version datasheet]   8-Bit, 50 MSPS, 125 mW A/D Converter
logo
National Semiconductor ...
ADC1175-50 NSC-ADC1175-50 Datasheet
422Kb / 19P
   8-Bit, 50 MSPS, 125 mW A/D Converter
ADC1175-50 NSC-ADC1175-50_07 Datasheet
403Kb / 20P
   8-Bit, 50 MSPS, 125 mW A/D Converter
logo
Analog Devices
AD9058 AD-AD9058_15 Datasheet
282Kb / 11P
   Dual 8-Bit 50 MSPS A/D Converter
Rev. E
AD9058AJJ AD-AD9058AJJ Datasheet
282Kb / 11P
   Dual 8-Bit 50 MSPS A/D Converter
Rev. E
AD9058ATJ AD-AD9058ATJ Datasheet
282Kb / 11P
   Dual 8-Bit 50 MSPS A/D Converter
Rev. E
AD9058ATJ AD-AD9058ATJ Datasheet
282Kb / 11P
   Dual 8-Bit 50 MSPS A/D Converter
Rev. E
AD9058 AD-AD9058 Datasheet
148Kb / 8P
   Dual 8-Bit 50 MSPS A/D Converter
REV. B
AD9058 AD-AD9058_17 Datasheet
327Kb / 12P
   Dual 8-Bit 50 MSPS A/D Converter
AD9058ATJ AD-AD9058ATJ Datasheet
282Kb / 11P
   Dual 8-Bit 50 MSPS A/D Converter
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com