Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC6401CUD-14 Datasheet(PDF) 6 Page - Linear Integrated Systems

Part # LTC6401CUD-14
Description  2GHz Low Noise, Low Distortion Differential ADC Driver for DC-140MHz
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LTC6401CUD-14 Datasheet(HTML) 6 Page - Linear Integrated Systems

Back Button LTC6401CUD-14 Datasheet HTML 2Page - Linear Integrated Systems LTC6401CUD-14 Datasheet HTML 3Page - Linear Integrated Systems LTC6401CUD-14 Datasheet HTML 4Page - Linear Integrated Systems LTC6401CUD-14 Datasheet HTML 5Page - Linear Integrated Systems LTC6401CUD-14 Datasheet HTML 6Page - Linear Integrated Systems LTC6401CUD-14 Datasheet HTML 7Page - Linear Integrated Systems LTC6401CUD-14 Datasheet HTML 8Page - Linear Integrated Systems LTC6401CUD-14 Datasheet HTML 9Page - Linear Integrated Systems LTC6401CUD-14 Datasheet HTML 10Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LTC6401-14
6
640114f
TYPICAL PERFORMANCE CHARACTERISTICS
Input and Output Reflection and
Reverse Isolation vs Frequency
Input and Output Impedance vs
Frequency
PSRR and CMRR vs Frequency
Noise Figure and Input Referred
Noise Voltage vs Frequency
Small Signal Transient Response
Large Signal Transient Response
Overdrive Recovery Response
1% Settling Time for 2V
Output Step
Harmonic Distortion vs Frequency
TIME (ns)
0
5
4
–4
–2
2
0
–5
–3
–1
3
1
50
75
25
100
200
125 150 175
640114 G10
+OUT
–OUT
–IN
+IN
5.0
4.0
4.5
3.0
1.0
3.5
1.5
2.5
2.0
0.5
0
RL = 87.5Ω PER OUTPUT
TEST CIRCUIT B
TIME (ns)
0
5
4
3
2
1
–4
–3
–2
–1
–5
0
12
4
3
5
640114 G11
RL = 87.5Ω PER OUTPUT
TEST CIRCUIT B
TIME (ns)
0
2.5
0.5
1.0
2.0
1.5
0
39
12
6
15
640114 G09
–OUT
+OUT
RL = 87.5Ω PER OUTPUT
TEST CIRCUIT B
TIME (ns)
0
1.35
1.20
1.25
1.30
1.15
2468
10
640114 G08
–OUT
+OUT
RL = 87.5Ω PER OUTPUT
TEST CIRCUIT B
FREQUENCY (MHz)
10
15
12
14
5
6
7
8
9
13
10
11
5.0
4.0
2.0
0
3.0
1.0
4.5
2.5
0.5
3.5
1.5
100
1000
640114 G07
NOISE FIGURE
EN
FREQUENCY (MHz)
10
0
–10
–20
–30
–40
–50
–60
–70
–80
100
1000
3000
640114 G04
S11
S22
S12
TEST CIRCUIT B
FREQUENCY (MHz)
10
250
200
150
100
50
225
175
125
75
25
0
100
60
80
20
–60
40
–40
0
–20
–80
–100
100
1000
640114 G05
ZIN
ZOUT
ZIN
ZOUT
PHASE
IMPEDANCE MAGNITUDE
FREQUENCY (MHz)
1
90
80
70
60
50
40
30
0
10
20
10
100
1000
640114 G06
PSRR
CMRR
FREQUENCY (MHz)
0
100
–40
–50
–60
–80
–90
–70
–110
–100
120 140 160 180
20 40 60 80
200
640114 G12
HD2 NO RL
HD2 200
Ω RL
HD3 NO RL
HD3 200
Ω RL
DIFFERENTIAL INPUT
VOUT = 2VP-P


Similar Part No. - LTC6401CUD-14

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6401CUD-14-PBF LINER-LTC6401CUD-14-PBF Datasheet
226Kb / 16P
   2GHz Low Noise, Low Distortion Differential ADC Driver for DC-140MHz
LTC6401CUD-14-TRPBF LINER-LTC6401CUD-14-TRPBF Datasheet
226Kb / 16P
   2GHz Low Noise, Low Distortion Differential ADC Driver for DC-140MHz
More results

Similar Description - LTC6401CUD-14

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6401-14 LINER-LTC6401-14 Datasheet
226Kb / 16P
   2GHz Low Noise, Low Distortion Differential ADC Driver for DC-140MHz
LTC6401-14 LINER-LTC6401-14_15 Datasheet
225Kb / 16P
   2GHz Low Noise, Low Distortion Differential ADC Driver for DC-140MHz
LTC6401-8 LINER-LTC6401-8 Datasheet
225Kb / 16P
   2.2GHz Low Noise, Low Distortion Differential ADC Driver for DC-140MHz
LTC6401-26 LINER-LTC6401-26_15 Datasheet
238Kb / 16P
   1.6GHz Low Noise, Low Distortion Differential ADC Driver for DC-140MHz
LTC6401-26 LINER-LTC6401-26 Datasheet
232Kb / 16P
   1.6GHz Low Noise, Low Distortion Differential ADC Driver for DC-140MHz
LTC6401-8 LINER-LTC6401-8_15 Datasheet
231Kb / 16P
   2.2GHz Low Noise, Low Distortion Differential ADC Driver for DC-140MHz
LTC6401-20 LINER-LTC6401-20 Datasheet
223Kb / 16P
   1.3GHz Low Noise, Low Distortion Differential ADC Driver for 140MHz IF
LTC6401-20 LINER-LTC6401-20_15 Datasheet
229Kb / 16P
   1.3GHz Low Noise, Low Distortion Differential ADC Driver for 140MHz IF
LTC6400-8 LINER-LTC6400-8_15 Datasheet
224Kb / 16P
   2.2GHz Low Noise, Low Distortion Differential ADC Driver for DC-300MHz
LTC6400-26 LINER-LTC6400-26_15 Datasheet
231Kb / 16P
   1.9GHz Low Noise, Low Distortion Differential ADC Driver for DC-300MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com