Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC6400-26 Datasheet(PDF) 3 Page - Linear Integrated Systems

Part # LTC6400-26
Description  2GHz Low Noise, Low Distortion Differential ADC Driver for DC-140MHz
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LTC6400-26 Datasheet(HTML) 3 Page - Linear Integrated Systems

  LTC6400-26 Datasheet HTML 1Page - Linear Integrated Systems LTC6400-26 Datasheet HTML 2Page - Linear Integrated Systems LTC6400-26 Datasheet HTML 3Page - Linear Integrated Systems LTC6400-26 Datasheet HTML 4Page - Linear Integrated Systems LTC6400-26 Datasheet HTML 5Page - Linear Integrated Systems LTC6400-26 Datasheet HTML 6Page - Linear Integrated Systems LTC6400-26 Datasheet HTML 7Page - Linear Integrated Systems LTC6400-26 Datasheet HTML 8Page - Linear Integrated Systems LTC6400-26 Datasheet HTML 9Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LTC6401-14
3
640114f
DC ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input/Output Characteristic
GDIFF
Gain
VIN = ±200mV Differential
13.5
14
14.5
dB
TCGAIN
Gain Temperature Drift
VIN = ±200mV Differential
–0.3
mdB/°C
VSWINGMIN
Output Swing Low
Each Output, VIN = ±800mV Differential
93
170
mV
VSWINGMAX
Output Swing High
Each Output, VIN = ±800mV Differential
2.3
2.42
V
VOUTDIFFMAX
Maximum Differential Output Swing
1dB Compressed
4.6
VP-P
IOUT
Output Current Drive
VOUT > 2VP-P,DIFF
10
mA
VOS
Input Offset Voltage
Differential
–3
3
mV
TCVOS
Input Offset Voltage Drift
Differential
1.2
μV/°C
IVRMIN
Input Common Mode Voltage Range, MIN
1
V
IVRMAX
Input Common Mode Voltage Range, MAX
1.6
V
RINDIFF
Input Resistance (+IN, –IN)
Differential
170
200
230
Ω
CINDIFF
Input Capacitance (+IN, –IN)
Differential, Includes Parasitic
1
pF
ROUTDIFF
Output Resistance (+OUT, –OUT)
Differential
18
25
32
Ω
ROUTFDIFF
Filtered Output Resistance (+OUTF, –OUTF)
Differential
85
100
115
Ω
COUTFDIFF
Filtered Output Capacitance (+OUTF, –OUTF)
Differential, Includes Parasitic
2.7
pF
CMRR
Common Mode Rejection Ratio
Input Common Mode Voltage 1.1V~1.4V
40
62
dB
Output Common Mode Voltage Control
GCM
Common Mode Gain
VOCM = 1V to 1.6V
1
V/V
VOCMMIN
Output Common Mode Range, MIN
1
1.1
V
V
VOCMMAX
Output Common Mode Range, MAX
1.6
1.5
V
V
VOSCM
Common Mode Offset Voltage
VOCM = 1.1V to 1.5V
–15
15
mV
TCVOSCM
Common Mode Offset Voltage Drift
–6
μV/°C
IVOCM
VOCM Input Current
3.7
15
μA
⎯E⎯N⎯A⎯B⎯L⎯E Pin
VIL
⎯E⎯N⎯A⎯B⎯L⎯E Input Low Voltage
0.8
V
VIH
⎯E⎯N⎯A⎯B⎯L⎯E Input High Voltage
2.4
V
IIL
⎯E⎯N⎯A⎯B⎯L⎯E Input Low Current
⎯E⎯N⎯A⎯B⎯L⎯E = 0.8V
0.5
μA
IIH
⎯E⎯N⎯A⎯B⎯L⎯E Input High Current
⎯E⎯N⎯A⎯B⎯L⎯E = 2.4V
1.4
4
μA
Power Supply
VS
Operating Supply Range
2.85
3
3.5
V
IS
Supply Current
⎯E⎯N⎯A⎯B⎯L⎯E = 0.8V, Input and Output Floating
36
45
60
mA
ISHDN
Shutdown Supply Current
⎯E⎯N⎯A⎯B⎯L⎯E = 2.4V, Input and Output Floating
0.8
3
mA
PSRR
Power Supply Rejection Ratio
(Differential Outputs)
V+ = 2.85V to 3.5V
55
80
dB
The denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. V+ = 3V, V= 0V, +IN = –IN = VOCM = 1.25V, ⎯E⎯N⎯A⎯B⎯L⎯E = 0V, No RL unless
otherwise noted.


Similar Part No. - LTC6400-26

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6400-26 LINER-LTC6400-26 Datasheet
219Kb / 16P
   1.9GHz Low Noise, Low Distortion Differential ADC Driver for DC-300MHz
LTC6400-26 LINER-LTC6400-26 Datasheet
1Mb / 32P
   1.6GHz Low Noise High Linearity Differential Buffer/ 16-Bit ADC Driver with Fast Clamp
LTC6400-26 LINER-LTC6400-26 Datasheet
1Mb / 28P
   High Linearity Differential RF/IF Amplifier/ADC Driver
LTC6400-26 LINER-LTC6400-26 Datasheet
635Kb / 16P
   50廓 Gain Block IF Amplifier n 20MHz to 1700MHz Bandwidth
LTC6400-26 LINER-LTC6400-26 Datasheet
213Kb / 16P
   2.4GHz Low Noise, Low Distortion Differential ADC
More results

Similar Description - LTC6400-26

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6401-14 LINER-LTC6401-14 Datasheet
226Kb / 16P
   2GHz Low Noise, Low Distortion Differential ADC Driver for DC-140MHz
LTC6401-14 LINER-LTC6401-14_15 Datasheet
225Kb / 16P
   2GHz Low Noise, Low Distortion Differential ADC Driver for DC-140MHz
LTC6401-8 LINER-LTC6401-8 Datasheet
225Kb / 16P
   2.2GHz Low Noise, Low Distortion Differential ADC Driver for DC-140MHz
LTC6401-26 LINER-LTC6401-26_15 Datasheet
238Kb / 16P
   1.6GHz Low Noise, Low Distortion Differential ADC Driver for DC-140MHz
LTC6401-26 LINER-LTC6401-26 Datasheet
232Kb / 16P
   1.6GHz Low Noise, Low Distortion Differential ADC Driver for DC-140MHz
LTC6401-8 LINER-LTC6401-8_15 Datasheet
231Kb / 16P
   2.2GHz Low Noise, Low Distortion Differential ADC Driver for DC-140MHz
LTC6401-20 LINER-LTC6401-20 Datasheet
223Kb / 16P
   1.3GHz Low Noise, Low Distortion Differential ADC Driver for 140MHz IF
LTC6401-20 LINER-LTC6401-20_15 Datasheet
229Kb / 16P
   1.3GHz Low Noise, Low Distortion Differential ADC Driver for 140MHz IF
LTC6400-8 LINER-LTC6400-8_15 Datasheet
224Kb / 16P
   2.2GHz Low Noise, Low Distortion Differential ADC Driver for DC-300MHz
LTC6400-26 LINER-LTC6400-26_15 Datasheet
231Kb / 16P
   1.9GHz Low Noise, Low Distortion Differential ADC Driver for DC-300MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com