Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5442MTH1R Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # 5442MTH1R
Description  THE WIDEST RANGE IN MINIATURE SWITCHES
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

5442MTH1R Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button 5442MTH1R Datasheet HTML 2Page - List of Unclassifed Manufacturers 5442MTH1R Datasheet HTML 3Page - List of Unclassifed Manufacturers 5442MTH1R Datasheet HTML 4Page - List of Unclassifed Manufacturers 5442MTH1R Datasheet HTML 5Page - List of Unclassifed Manufacturers 5442MTH1R Datasheet HTML 6Page - List of Unclassifed Manufacturers 5442MTH1R Datasheet HTML 7Page - List of Unclassifed Manufacturers 5442MTH1R Datasheet HTML 8Page - List of Unclassifed Manufacturers 5442MTH1R Datasheet HTML 9Page - List of Unclassifed Manufacturers 5442MTH1R Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
APEM
www.apem.com
A-27
5000 series
Toggle switches - solder lug terminals
Threaded bushing Ø 6,35 (1/4) : 5600
A
Four pole
III
II
I
2-3
1-2
5-6
4-5
8-9
7-8
11-12
10-11
5666
ON
-
ON
5669
ON
OFF
ON
5667
MOM OFF MOM
5668
ON
OFF MOM
5662
ON
- MOM
5664*
ON
ON
ON
5664 1R*
ON
ON MOM
5664 2R*
MOM ON MOM
*Function 4 : DP in 4P case - specify CT or TH connections, see end of catalogue.
PANEL CUT
-OUT
With K
With X408
Standard
sealing option
sealing option
Keyway
3.70
(.145)
13.10
(.516)
1.00
(.039)
8.00
(.314)
(.413)
10.50
(1/4-40UNS)
Ø6.35-40UNS
(.834)
21.20
III
II
I
12
11
10
7
8
9
(.204)
(.255 DIA)
(.086 DIA)
(.106)
Ø6.50
Ø2.20
5.20
2.70
Ø6.50
(.255 DIA)
Ø6.50
(.255 DIA)
2.70
(.106)


Similar Part No. - 5442MTH1R

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
5442002 PHOENIX-5442002 Datasheet
71Kb / 4P
   Printed-circuit board connector - BCH-508HS- 2 GN
5442015 PHOENIX-5442015 Datasheet
89Kb / 5P
   PCB terminal block - BC-381X9- 4 GN
5442086 PHOENIX-5442086 Datasheet
103Kb / 5P
   PCB terminal block - BC-500X14- 6 GY
5442099 PHOENIX-5442099 Datasheet
59Kb / 3P
   PCB terminal block - BC-500X14- 4 GY
5442154 PHOENIX-5442154 Datasheet
67Kb / 4P
   PCB terminal block - BCA-500X15- 2 GN
More results

Similar Description - 5442MTH1R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
5638A ETC2-5638A Datasheet
529Kb / 22P
   THE WIDEST RANGE IN MINIATURE SWITCHES
5656A ETC2-5656A Datasheet
529Kb / 22P
   THE WIDEST RANGE IN MINIATURE SWITCHES
505Q-0256-S010 ETC2-505Q-0256-S010 Datasheet
709Kb / 3P
   Widest Temperature Range
logo
C&K Components
LP22C21T203DQ CK-COMPONENTS-LP22C21T203DQ Datasheet
176Kb / 3P
   Miniature Snap-in Slide Switches
logo
ITT Industries
LP22C21T203Q ITT-LP22C21T203Q Datasheet
183Kb / 3P
   Miniature Snap-in Slide Switches
D101J12S215QA ITT-D101J12S215QA Datasheet
369Kb / 5P
   Miniature Snap-in Power Rocker Switches
logo
C&K Components
D501J12S215PQF CK-COMPONENTS-D501J12S215PQF Datasheet
295Kb / 5P
   Miniature Snap-in Power Rocker Switches
D101J12S215DQA CK-COMPONENTS-D101J12S215DQA Datasheet
1Mb / 5P
   Miniature Snap-in Power Rocker Switches
D CK-COMPONENTS-D Datasheet
482Kb / 5P
   Miniature Snap-in Power Rocker Switches
15 May 20
logo
List of Unclassifed Man...
T0050100599 ETC2-T0050100599 Datasheet
355Kb / 2P
   Widest range of geometrics and sizes Covers all standard applications.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com