Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TXP1XGGI2C00055G Datasheet(PDF) 4 Page - OPLINK Communications Inc.

Part # TXP1XGGI2C00055G
Description  Multi-rate 10-Gigabit DWDM 40km XFP Transceivers with Digital Diagnostics
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

TXP1XGGI2C00055G Datasheet(HTML) 4 Page - OPLINK Communications Inc.

  TXP1XGGI2C00055G Datasheet HTML 1Page - OPLINK Communications Inc. TXP1XGGI2C00055G Datasheet HTML 2Page - OPLINK Communications Inc. TXP1XGGI2C00055G Datasheet HTML 3Page - OPLINK Communications Inc. TXP1XGGI2C00055G Datasheet HTML 4Page - OPLINK Communications Inc. TXP1XGGI2C00055G Datasheet HTML 5Page - OPLINK Communications Inc. TXP1XGGI2C00055G Datasheet HTML 6Page - OPLINK Communications Inc. TXP1XGGI2C00055G Datasheet HTML 7Page - OPLINK Communications Inc. TXP1XGGI2C00055G Datasheet HTML 8Page - OPLINK Communications Inc. TXP1XGGI2C00055G Datasheet HTML 9Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Oplink Communications, Inc
4
S0120. Rev.03. 2011-05-11
Module Pin Description
TXP1XGGI2xx
Pin
Logic
Symbol
Description
1
-
GND
Module Ground
2
-
V
EE5
Optional -5.2V Power Supply (Not Required)
3
LVTTL-I
Mod_DeSel
Module De-select; When held low allows module to respond to 2-wire serial interface
4
LVTTL-O
Interrupt
Interrupt; Indicates presence of an important condition which can be read over the 2-wire serial
Interface
5
LVTTL-I
TX_Dis
Transmitter Disable; Turns off transmitter laser output
6
-
V
CC5
+5V Power Supply
7
-
GND
Module Ground
8
-
V
CC3
+3.3V Power Supply
9
-
V
CC3
+3.3V Power Supply
10
LVTTL-I/O
SCL
2-Wire Serial Interface Clock
11
LVTTL-I/O
SDA
2-Wire Serial Interface Data Line
12
LVTTL-O
Mod_Abs
Indicates Module is not present. Grounded in the Module
13
LVTTL-O
Mod_NR
Module Not Ready; Indicating Module Operational Fault
14
LVTTL-O
RX_LOS
Receiver Loss Of Signal Indicator
15
-
GND
Module Ground
16
-
GND
Module Ground
17
CML-O
RD-
Receiver Inverted Data Output
18
CML-O
RD+
Receiver Non-Inverted Data Output
19
-
GND
Module Ground
20
-
V
CC2
+1.8V Power supply
21
LVTTL-I
P_Down/RST
Power down; When high, requires the module to limit power consumption to 1.5W or below. 2-Wire
serial interface must be functional in the low power mode.
Reset; The falling edge initiates a complete reset of the module including the 2-wire serial interface,
equivalent to a power cycle.
22
-
V
CC2
+1.8V Power supply
23
-
GND
Module Ground
24
PECL-I
RefCLK+
Reference Clock Non-Inverted Input (Not Required)
25
PECL-I
RefCLK-
Reference Clock Inverted Input (Not Required)
26
-
GND
Module Ground
27
-
GND
Module Ground
28
CML-I
TD-
Transmitter Inverted Data Input
29
CML-I
TD+
Transmitter Non-Inverted Data Input
30
-
GND
Module Ground


Similar Part No. - TXP1XGGI2C00055G

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TXP1XGGI2C000E2G OPLINK-TXP1XGGI2C000E2G Datasheet
406Kb / 6P
   Multi-rate 10-Gigabit XFP 40km Transceiverswith Digital Diagnostics
More results

Similar Description - TXP1XGGI2C00055G

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TXP1XGHL2XX-0959 OPLINK-TXP1XGHL2XX-0959 Datasheet
518Kb / 9P
   Multi-rate 10-Gigabit DWDM 80km XFP Transceivers with Digital Diagnostics
TXP1XGGI2X-S0131 OPLINK-TXP1XGGI2X-S0131 Datasheet
406Kb / 6P
   Multi-rate 10-Gigabit XFP 40km Transceiverswith Digital Diagnostics
TXP3XGGI2X OPLINK-TXP3XGGI2X Datasheet
756Kb / 6P
   Multi-rate 10-Gigabit 40km XFP Transceivers
TXP1XGHL2X-S0125 OPLINK-TXP1XGHL2X-S0125 Datasheet
406Kb / 6P
   Multi-rate 10-Gigabit XFP 80km Transceivers with Digital Diagnostics
logo
Finisar Corporation.
FTLX3612M3 FINISAR-FTLX3612M3 Datasheet
226Kb / 13P
   40km Multi-Rate DWDM XFP Optical Transceiver
FTLX3613M316 FINISAR-FTLX3613M316 Datasheet
237Kb / 13P
   40km Multi-Rate DWDM XFP Optical Transceiver
logo
OPLINK Communications I...
TXD3XGHL2XX OPLINK-TXD3XGHL2XX Datasheet
858Kb / 9P
   Multi-rate 10-Gigabit DWDM 80km XFP Transceiver
TXP3XGHL2X OPLINK-TXP3XGHL2X Datasheet
700Kb / 6P
   Multi-rate 10-Gigabit 80km XFP Transceivers
TRD148XL2 OPLINK-TRD148XL2 Datasheet
318Kb / 8P
   DWDM Transceivers with Digital Diagnostics
TRPAG1LXDBBM OPLINK-TRPAG1LXDBBM Datasheet
523Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP Transceivers with Digital Diagnostics
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com