Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4065AEDC Datasheet(PDF) 4 Page - Linear Integrated Systems

Part # LTC4065AEDC
Description  Standalone 750mA Li-Ion Battery Charger in 2 2 DFN
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LTC4065AEDC Datasheet(HTML) 4 Page - Linear Integrated Systems

  LTC4065AEDC Datasheet HTML 1Page - Linear Integrated Systems LTC4065AEDC Datasheet HTML 2Page - Linear Integrated Systems LTC4065AEDC Datasheet HTML 3Page - Linear Integrated Systems LTC4065AEDC Datasheet HTML 4Page - Linear Integrated Systems LTC4065AEDC Datasheet HTML 5Page - Linear Integrated Systems LTC4065AEDC Datasheet HTML 6Page - Linear Integrated Systems LTC4065AEDC Datasheet HTML 7Page - Linear Integrated Systems LTC4065AEDC Datasheet HTML 8Page - Linear Integrated Systems LTC4065AEDC Datasheet HTML 9Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
LTC4065/LTC4065A
4065fb
TYPICAL PERFOR A CE CHARACTERISTICS
Battery Regulation (Float) Voltage
vs Battery Charge Current
IBAT (mA)
0
4.19
4.20
4.21
300
500
4065 G01
4.18
4.17
4.16
100
200
400
4.22
4.23
4.24
VCC = 5V
TA = 25°C
RPROG = 2k
TEMPERATURE (
°C)
–50
4.23
25
4065 G02
4.20
4.18
–25
0
50
4.17
4.16
4.24
4.22
4.21
4.19
75
100
SUPPLY VOLTAGE (V)
4
4.20
4.21
4.22
6
4065 G03
4.19
4.18
4.16
4.5
5
5.5
4.17
4.24
4.23
TA = 25°C
IBAT = 2mA
RPROG = 2k
Battery Regulation (Float) Voltage
vs Temperature
Regulated Output (Float) Voltage
vs Supply Voltage
Charge Current vs Supply Voltage
(Constant Current Mode)
Charge Current vs Battery Voltage
Charge Current vs Temperature
with Thermal Regulation
(Constant Current Mode)
SUPPLY VOLTAGE (V)
4
0
25
50
75
100
125
150
175
200
4.5
5
5.5
6
4065 G04
RPROG = 10k
VBAT = 3.8V
TA = 25°C
VBAT (V)
0
0
100
200
300
400
500
600
123
4
4065 G05
5
VCC = 5V
TA = 25°C
RPROG = 2k
TEMPERATURE (
°C)
–50
0
100
200
300
400
050
100
150
4065 G06
500
600
THERMAL CONTROL
LOOP IN OPERATION
VCC = 5V
VBAT = 3.8V
RPROG = 2k
PROG Pin Voltage vs Temperature
(Constant Current Mode)
PROG Pin Voltage
vs Charge Current
Power FET On Resistance
vs Temperature
TEMPERATURE (
°C)
–50
1.01
1.02
25
75
4065 G07
1.00
–25
0
50
100
0.99
0.98
VCC = 5V
VBAT = 3.8V
RPROG = 10k
IBAT (mA)
0
0
0.2
0.4
0.6
0.8
1.0
1.2
100
200
300
400
4065 G08
500
VCC = 5V
TA = 25°C
RPROG = 2k
TEMPERATURE (
°C)
–50
300
350
400
450
500
550
–25
025
50
4065 G09
75
100
VCC = 4V
IBAT = 400mA


Similar Part No. - LTC4065AEDC

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4065AEDC LINER-LTC4065AEDC Datasheet
188Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4065AEDC LINER-LTC4065AEDC Datasheet
196Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4065AEDC LINER-LTC4065AEDC Datasheet
196Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
More results

Similar Description - LTC4065AEDC

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4065-4.4 LINER-LTC4065-4.4 Datasheet
189Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 횞 2 DFN
LTC4065 LINER-LTC4065 Datasheet
188Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4065EDC-4.4 LINER-LTC4065EDC-4.4 Datasheet
196Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4065LXEDC LINER-LTC4065LXEDC Datasheet
196Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4069 LINER-LTC4069_15 Datasheet
578Kb / 18P
   Standalone 750mA Li-Ion Battery Charger in 2 2 DFN with NTC Thermistor Input
logo
Linear Integrated Syste...
LTC4069EDC LINEAR-LTC4069EDC Datasheet
522Kb / 18P
   Standalone 750mA Li-Ion Battery Charger in 2 2 DFN with NTC Thermistor Input
logo
Linear Technology
LTC4065L LINER-LTC4065L Datasheet
173Kb / 16P
   Standalone 250mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4069 LINER-LTC4069 Datasheet
193Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 횞 2 DFN with NTC Thermistor Input
LTC4069-4.4 LINER-LTC4069-4.4 Datasheet
196Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 횞 2 DFN with NTC Thermistor Input
LTC4065-4.4 LINER-LTC4065-4.4_15 Datasheet
189Kb / 16P
   Standalone 750mA Li-Ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com