Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GRM31CR71H225KA88 Datasheet(PDF) 7 Page - Linear Integrated Systems

Part # GRM31CR71H225KA88
Description  White LED Driver with Integrated Schottky in 3mm 2mm DFN
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

GRM31CR71H225KA88 Datasheet(HTML) 7 Page - Linear Integrated Systems

Back Button GRM31CR71H225KA88 Datasheet HTML 3Page - Linear Integrated Systems GRM31CR71H225KA88 Datasheet HTML 4Page - Linear Integrated Systems GRM31CR71H225KA88 Datasheet HTML 5Page - Linear Integrated Systems GRM31CR71H225KA88 Datasheet HTML 6Page - Linear Integrated Systems GRM31CR71H225KA88 Datasheet HTML 7Page - Linear Integrated Systems GRM31CR71H225KA88 Datasheet HTML 8Page - Linear Integrated Systems GRM31CR71H225KA88 Datasheet HTML 9Page - Linear Integrated Systems GRM31CR71H225KA88 Datasheet HTML 10Page - Linear Integrated Systems GRM31CR71H225KA88 Datasheet HTML 11Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LT3591
7
3591f
INDUCTOR SELECTION
A 22µH inductor is recommended for most LT3591 ap-
plications. Although small size and high efficiency are
major concerns, the inductor should have low core losses
at 1MHz and low DCR (copper wire resistance). Some
small inductors in this category are listed in Table 1. The
efficiency comparison of different inductors is shown in
Figure 3.
Table 1. Recommended Inductors
PART
L
(µH)
CURRENT
RATING
(mA)
MAX
DIMENSION
L × W × H
(mm)
VENDOR
VLF4012AT-
220MR51
22
510
4 × 3.8 × 1.2 TDK
www.tdk.com
VLCF4018T-
220MR49-2
22
490
4.1 × 4.1 × 1.8
VLCF4020T-
220MR56
22
560
4.1 × 4.1 × 2
LQH43CN220K03
22
420
4.8 × 3.4 × 2.8 Murata
www.murata.com
NR4018T220M
22
590
4.2 × 4.2 × 1.8 Taiyo Yuden
www.t-yuden.com
NR4012T220M
22
510
4.2 × 4.2 × 1.2
CDRH3D18-
220NC
22
600
4 × 4 × 2
Sumida
www.sumida.com
B82470-A1223-M
22
480
4.8 × 4.8 × 1.2 Epcos
www.epcos.com
APPLICATIONS INFORMATION
CAPACITOR SELECTION
The small size of ceramic capacitors make them ideal for
LT3591 applications. Use only X5R and X7R types because
they retain their capacitance over wider temperature
ranges than other types such as Y5V or Z5U. A 1µF input
capacitor and a 50V, 2.2µF output capacitor are sufficient
for most applications.
A limited number of manufacturers produce small 50V
capacitors. Table 2 shows a list of several recommended
50V capacitors. Consult the manufacturer for detailed
information on their entire selection of ceramic parts.
Table 2. Recommended Output Capacitors
PART
C
(µF)
VOLTAGE CASE SIZE
VENDOR
TEMP.
HEIGHT
(mm)
GRM21BR71H105KA12L
1
50V
0805
Murata
www.murata.com
X7R
1.25 ± 0.15
GRM31MR71H105KA88
1
50V
1206
X7R
1.15 ± 0.1
GRM31CR71H225KA88
2.2
50V
1206
X7R
1.6 ± 0.2
GRM31CR71H475KA12L
4.7
50V
1206
X7R
1.6 ± 0.2
UMK316BJ475KL-T
4.7
50V
1206
Taiyo Yuden
www.t-yuden.com
X7R
1.6 ± 0.2
Figure 3. Efficiency Comparison of Different Inductors
LED CURRENT (mA)
0
50
55
85
80
65
5
10
3591 F03
70
75
60
15
20
TAIYO YUDEN NR4018T220M
TDK VLCF4018T-220MR49-2
TAIYO YUDEN NR4012T220M
TDKVLCF4012AT-220MR51
MURATA LQH43CN220K03
TDK VLCF4020T-220MR56
SUMIDA CDRH3D18-220NC
EPCOS B82470-A1223-M
VIN = 3.6V
10 LEDs


Similar Part No. - GRM31CR71H225KA88

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM31CR71H225KA88 MURATA-GRM31CR71H225KA88 Datasheet
4Mb / 237P
   Chip Monolithic Ceramic Capacitors
logo
Freescale Semiconductor...
GRM31CR71H225KA88L FREESCALE-GRM31CR71H225KA88L Datasheet
985Kb / 21P
   RF Power LDMOS Transistors
logo
Murata Manufacturing Co...
GRM31CR71H225KA88L MURATA-GRM31CR71H225KA88L Datasheet
85Kb / 7P
   CHIP MONOLITHIC CERAMIC CAPACITOR
logo
NXP Semiconductors
GRM31CR71H225KA88L NXP-GRM31CR71H225KA88L Datasheet
379Kb / 9P
   RF Power GaN Transistor
More results

Similar Description - GRM31CR71H225KA88

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3491 LINER-LT3491 Datasheet
267Kb / 16P
   White LED Driver with Integrated Schottky in SC70 and 2mm 횞 2mm DFN
LT3498 LINER-LT3498 Datasheet
454Kb / 24P
   20mA LED Driver and OLED Driver with Integrated Schottky in 3mm x 2mm DFN
LT3466-1 LINER-LT3466-1_15 Datasheet
415Kb / 20P
   White LED Driver and Boost Converter in 3mm 3mm DFN Package
LT3466-1 LINER-LT3466-1 Datasheet
409Kb / 20P
   White LED Driver and Boost Converter in 3mm 횞 3mm DFN Package
logo
Sipex Corporation
SP7686 SIPEX-SP7686 Datasheet
1Mb / 16P
   Constant Current Flash Driver in DFN 2mm x 3mm
logo
Linear Technology
LT3491 LINER-LT3491_15 Datasheet
273Kb / 16P
   White LED Driver with Integrated Schottky in SC70
LT3591 LINER-LT3591_15 Datasheet
298Kb / 16P
   White LED Driver with Integrated Schottky
LT3590 LINER-LT3590 Datasheet
216Kb / 16P
   48V Buck Mode LED Driver in SC70 and 2mm x 2mm DFN
logo
Micrel Semiconductor
MIC2289 MICREL-MIC2289 Datasheet
88Kb / 9P
   2mm 횞 2mm White LED Driver with Internal Schottky Diode and OVP
logo
Linear Technology
LTC3549 LINER-LTC3549 Datasheet
360Kb / 16P
   250mA Low VIN Buck Regulator in 2mm 횞 3mm DFN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com